전자부품 데이터시트 검색엔진 |
|
TDA9952HL 데이터시트(PDF) 7 Page - NXP Semiconductors |
|
TDA9952HL 데이터시트(HTML) 7 Page - NXP Semiconductors |
7 / 28 page 2002 Aug 21 7 Philips Semiconductors Preliminary specification 10-bit, 3.0 V, 25 Msps analog-to-digital interface for CCD cameras TDA9952 LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134). Note 1. All supplies are connected together. HANDLING Inputs and outputs are protected against electrostatic discharges in normal handling. However, to be totally safe, it is desirable to take normal precautions appropriate to handling integrated circuits. THERMAL CHARACTERISTICS SYMBOL PARAMETER CONDITIONS MIN. MAX. UNIT VCCA analog supply voltage note 1 −0.3 +4.5 V VCCD digital supply voltage note 1 −0.3 +4.5 V VCCO digital outputs supply voltage note 1 −0.3 +4.5 V ∆V CC supply voltage difference between VCCA and VCCD −0.5 +0.5 V between VCCA and VCCO −0.5 +1.2 V between VCCD and VCCO −0.5 +1.2 V Vi input voltage referenced to AGND −0.3 +6.5 V Io data output current −±10 mA Tstg storage temperature −55 +150 °C Tamb ambient temperature −20 +75 °C Tj junction temperature − 150 °C SYMBOL PARAMETER CONDITIONS VALUE UNIT Rth(j-a) thermal resistance from junction to ambient in free air 76 K/W |
유사한 부품 번호 - TDA9952HL |
|
유사한 설명 - TDA9952HL |