전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S3F828B 데이터시트(PDF) 46 Page - Samsung semiconductor

부품명 S3F828B
상세설명  8-BIT CMOS MICROCONTROLLERS
Download  369 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMSUNG [Samsung semiconductor]
홈페이지  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3F828B 데이터시트(HTML) 46 Page - Samsung semiconductor

Back Button S3F828B Datasheet HTML 42Page - Samsung semiconductor S3F828B Datasheet HTML 43Page - Samsung semiconductor S3F828B Datasheet HTML 44Page - Samsung semiconductor S3F828B Datasheet HTML 45Page - Samsung semiconductor S3F828B Datasheet HTML 46Page - Samsung semiconductor S3F828B Datasheet HTML 47Page - Samsung semiconductor S3F828B Datasheet HTML 48Page - Samsung semiconductor S3F828B Datasheet HTML 49Page - Samsung semiconductor S3F828B Datasheet HTML 50Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 369 page
background image
ADDRESS SPACES
S3C828B/F828B/C8289/F8289/C8285/F8285
2-12
PRIME REGISTER SPACE
The lower 192 bytes (00H–BFH) of the S3C828B/C8289/C8285's ten or four or two 256-byte register pages is
called prime register area. Prime registers can be accessed using any of the seven addressing modes
(see Chapter 3, "Addressing Modes.")
The prime register area on page 0 is immediately addressable following a reset. In order to address prime
registers on pages 0, 1, 2, 3, 4, 5, 6, 7, 8, 9, or 15 you must set the register page pointer (PP) to the appropriate
source and destination values.
Page 8
Page 7
Page 6
Page 5
Page 4
Page 3
Page 2
Page 1
FFH
FCH
E0H
D0H
C0H
Set 1
Bank 0
Peripheral and I/O
General-purpose
CPU and system control
LCD data register
FFH
FFH
FFH
FFH
C0H
00H
BFH
Page 0
Set 2
Page 0
Prime
Space
LCD Data
Register Area
Page 15
00H
25H
Bank 1
Page 9
FFH
FFH
FFH
FFH
FFH
FFH
Figure 2-7. Set 1, Set 2, Prime Area Register, and LCD Data Register Map


유사한 부품 번호 - S3F828B

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
S3F8235 SAMSUNG-S3F8235 Datasheet
3Mb / 340P
   8-BIT CMOS MICROCONTROLLERS USERS MANUAL
S3F8274 SAMSUNG-S3F8274 Datasheet
1Mb / 326P
   8-BIT CMOS MICROCONTROLLERS
S3F8275 SAMSUNG-S3F8275 Datasheet
1Mb / 326P
   8-BIT CMOS MICROCONTROLLERS
S3F8278 SAMSUNG-S3F8278 Datasheet
1Mb / 326P
   8-BIT CMOS MICROCONTROLLERS
logo
Zilog, Inc.
S3F82NB ZILOG-S3F82NB Datasheet
1Mb / 361P
   S3 Family 8-Bit Microcontrollers
More results

유사한 설명 - S3F828B

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
S3P80C5 SAMSUNG-S3P80C5 Datasheet
1Mb / 263P
   8-Bit CMOS Microcontrollers
S3C8275 SAMSUNG-S3C8275 Datasheet
1Mb / 326P
   8-BIT CMOS MICROCONTROLLERS
S3C852B SAMSUNG-S3C852B Datasheet
1Mb / 383P
   8-BIT CMOS MICROCONTROLLERS
logo
Toshiba Semiconductor
TMP90C041A TOSHIBA-TMP90C041A Datasheet
364Kb / 12P
   CMOS 8-Bit Microcontrollers
logo
Microchip Technology
PIC16C6X MICROCHIP-PIC16C6X Datasheet
2Mb / 336P
   8-Bit CMOS Microcontrollers
1997 - 1999
PIC16LC62A-04 MICROCHIP-PIC16LC62A-04 Datasheet
1Mb / 337P
   8-Bit CMOS Microcontrollers
01/18/02
logo
Samsung semiconductor
S3P852B SAMSUNG-S3P852B Datasheet
1Mb / 383P
   8-BIT CMOS MICROCONTROLLERS
logo
Toshiba Semiconductor
TMP90C041 TOSHIBA-TMP90C041 Datasheet
324Kb / 12P
   CMOS 8-Bit Microcontrollers
logo
Samsung semiconductor
S3C825A SAMSUNG-S3C825A Datasheet
1Mb / 346P
   8-BIT CMOS MICROCONTROLLERS
logo
Toshiba Semiconductor
TMP90C041-15 TOSHIBA-TMP90C041-15 Datasheet
631Kb / 12P
   CMOS 8-BIT MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com