전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S3F828B 데이터시트(PDF) 90 Page - Samsung semiconductor

부품명 S3F828B
상세설명  8-BIT CMOS MICROCONTROLLERS
Download  369 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMSUNG [Samsung semiconductor]
홈페이지  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3F828B 데이터시트(HTML) 90 Page - Samsung semiconductor

Back Button S3F828B Datasheet HTML 86Page - Samsung semiconductor S3F828B Datasheet HTML 87Page - Samsung semiconductor S3F828B Datasheet HTML 88Page - Samsung semiconductor S3F828B Datasheet HTML 89Page - Samsung semiconductor S3F828B Datasheet HTML 90Page - Samsung semiconductor S3F828B Datasheet HTML 91Page - Samsung semiconductor S3F828B Datasheet HTML 92Page - Samsung semiconductor S3F828B Datasheet HTML 93Page - Samsung semiconductor S3F828B Datasheet HTML 94Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 369 page
background image
CONTROL REGISTERS
S3C828B/F828B/C8289/F8289/C8285/F8285
4-18
LCON — LCD Control Register
D0H
Set 1, Bank0
Bit Identifier
.7
.6
.5
.4
.3
.2
.1
.0
RESET Value
0
0
0
0
0
0
0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Addressing Mode
Register addressing mode only
.7
Internal LCD Dividing Resistors Enable Bit
0
Enable internal LCD dividing resistors
1
Disable internal LCD dividing resistors
.6–.5
LCD Clock Selection Bits
0
0
fw/28 (128 Hz)
0
1
fw/27 (256 Hz)
1
0
fw/26 (512 Hz)
1
1
fw/25 (1024 Hz)
.4–.2
LCD Duty and Bias Selection Bits (note)
0
0
0
1/8duty, 1/4 bias
0
0
1
1/4duty, 1/3 bias
0
1
0
1/3duty, 1/3 bias
0
1
1
1/3duty, 1/2 bias
1
x
x
1/2duty, 1/2 bias
.1
Not used for the S3C828B/C8289/C8285
.0
LCD Display Control Bits
0
All LCD signals are low (Turn off the P-Tr)
1
Turn display on (Turn on the P-Tr)
NOTES:
1.
"x" means don't care.
2.
When 1/3 bias is selected, the bias levels are set as VLC0, VLC1, VLC2 (VLC3), and VSS.
3.
When 1/2bias is selected, the bias levels are set as VLC0, VLC1 (VLC2, VLC3), and VSS.


유사한 부품 번호 - S3F828B

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
S3F8235 SAMSUNG-S3F8235 Datasheet
3Mb / 340P
   8-BIT CMOS MICROCONTROLLERS USERS MANUAL
S3F8274 SAMSUNG-S3F8274 Datasheet
1Mb / 326P
   8-BIT CMOS MICROCONTROLLERS
S3F8275 SAMSUNG-S3F8275 Datasheet
1Mb / 326P
   8-BIT CMOS MICROCONTROLLERS
S3F8278 SAMSUNG-S3F8278 Datasheet
1Mb / 326P
   8-BIT CMOS MICROCONTROLLERS
logo
Zilog, Inc.
S3F82NB ZILOG-S3F82NB Datasheet
1Mb / 361P
   S3 Family 8-Bit Microcontrollers
More results

유사한 설명 - S3F828B

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
S3P80C5 SAMSUNG-S3P80C5 Datasheet
1Mb / 263P
   8-Bit CMOS Microcontrollers
S3C8275 SAMSUNG-S3C8275 Datasheet
1Mb / 326P
   8-BIT CMOS MICROCONTROLLERS
S3C852B SAMSUNG-S3C852B Datasheet
1Mb / 383P
   8-BIT CMOS MICROCONTROLLERS
logo
Toshiba Semiconductor
TMP90C041A TOSHIBA-TMP90C041A Datasheet
364Kb / 12P
   CMOS 8-Bit Microcontrollers
logo
Microchip Technology
PIC16C6X MICROCHIP-PIC16C6X Datasheet
2Mb / 336P
   8-Bit CMOS Microcontrollers
1997 - 1999
PIC16LC62A-04 MICROCHIP-PIC16LC62A-04 Datasheet
1Mb / 337P
   8-Bit CMOS Microcontrollers
01/18/02
logo
Samsung semiconductor
S3P852B SAMSUNG-S3P852B Datasheet
1Mb / 383P
   8-BIT CMOS MICROCONTROLLERS
logo
Toshiba Semiconductor
TMP90C041 TOSHIBA-TMP90C041 Datasheet
324Kb / 12P
   CMOS 8-Bit Microcontrollers
logo
Samsung semiconductor
S3C825A SAMSUNG-S3C825A Datasheet
1Mb / 346P
   8-BIT CMOS MICROCONTROLLERS
logo
Toshiba Semiconductor
TMP90C041-15 TOSHIBA-TMP90C041-15 Datasheet
631Kb / 12P
   CMOS 8-BIT MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com