전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S3F8289 데이터시트(PDF) 73 Page - Samsung semiconductor

부품명 S3F8289
상세설명  8-BIT CMOS MICROCONTROLLERS
Download  369 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMSUNG [Samsung semiconductor]
홈페이지  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3F8289 데이터시트(HTML) 73 Page - Samsung semiconductor

Back Button S3F8289 Datasheet HTML 69Page - Samsung semiconductor S3F8289 Datasheet HTML 70Page - Samsung semiconductor S3F8289 Datasheet HTML 71Page - Samsung semiconductor S3F8289 Datasheet HTML 72Page - Samsung semiconductor S3F8289 Datasheet HTML 73Page - Samsung semiconductor S3F8289 Datasheet HTML 74Page - Samsung semiconductor S3F8289 Datasheet HTML 75Page - Samsung semiconductor S3F8289 Datasheet HTML 76Page - Samsung semiconductor S3F8289 Datasheet HTML 77Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 369 page
background image
S3C828B/F828B/C8289/F8289/C8285/F8285
CONTROL REGISTER
4-1
4
CONTROL REGISTERS
OVERVIEW
In this chapter, detailed descriptions of the S3C828B/C8289/C8285 control registers are presented in an easy-to-
read format. You can use this chapter as a quick-reference source when writing application programs. Figure 4-1
illustrates the important features of the standard register description format.
Control register descriptions are arranged in alphabetical order according to register mnemonic. More detailed
information about control registers is presented in the context of the specific peripheral hardware descriptions in
Part II of this manual.
Data and counter registers are not described in detail in this reference chapter. More information about all of the
registers used by a specific peripheral is presented in the corresponding peripheral descriptions in Part II of this
manual.
The locations and read/write characteristics of all mapped registers in the S3C828B/C8289/C8285 register file are
listed in Table 4-1. The hardware reset value for each mapped register is described in Chapter 8, "RESET and
Power-Down."
Table 4-1. Set 1 Registers
Register Name
Mnemonic
Decimal
Hex
R/W
Basic Timer Control Register
BTCON
211
D3H
R/W
System Clock Control Register
CLKCON
212
D4H
R/W
System Flags Register
FLAGS
213
D5H
R/W
Register Pointer 0
RP0
214
D6H
R/W
Register Pointer 1
RP1
215
D7H
R/W
Stack Pointer (High Byte)
SPH
216
D8H
R/W
Stack Pointer (Low Byte)
SPL
217
D9H
R/W
Instruction Pointer (High Byte)
IPH
218
DAH
R/W
Instruction Pointer (Low Byte)
IPL
219
DBH
R/W
Interrupt Request Register
IRQ
220
DCH
R
Interrupt Mask Register
IMR
221
DDH
R/W
System Mode Register
SYM
222
DEH
R/W
Register Page Pointer
PP
223
DFH
R/W


유사한 부품 번호 - S3F8289

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
S3F8235 SAMSUNG-S3F8235 Datasheet
3Mb / 340P
   8-BIT CMOS MICROCONTROLLERS USERS MANUAL
S3F8274 SAMSUNG-S3F8274 Datasheet
1Mb / 326P
   8-BIT CMOS MICROCONTROLLERS
S3F8275 SAMSUNG-S3F8275 Datasheet
1Mb / 326P
   8-BIT CMOS MICROCONTROLLERS
S3F8278 SAMSUNG-S3F8278 Datasheet
1Mb / 326P
   8-BIT CMOS MICROCONTROLLERS
logo
Zilog, Inc.
S3F82NB ZILOG-S3F82NB Datasheet
1Mb / 361P
   S3 Family 8-Bit Microcontrollers
More results

유사한 설명 - S3F8289

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
S3P80C5 SAMSUNG-S3P80C5 Datasheet
1Mb / 263P
   8-Bit CMOS Microcontrollers
S3C8275 SAMSUNG-S3C8275 Datasheet
1Mb / 326P
   8-BIT CMOS MICROCONTROLLERS
S3C852B SAMSUNG-S3C852B Datasheet
1Mb / 383P
   8-BIT CMOS MICROCONTROLLERS
logo
Toshiba Semiconductor
TMP90C041A TOSHIBA-TMP90C041A Datasheet
364Kb / 12P
   CMOS 8-Bit Microcontrollers
logo
Microchip Technology
PIC16C6X MICROCHIP-PIC16C6X Datasheet
2Mb / 336P
   8-Bit CMOS Microcontrollers
1997 - 1999
PIC16LC62A-04 MICROCHIP-PIC16LC62A-04 Datasheet
1Mb / 337P
   8-Bit CMOS Microcontrollers
01/18/02
logo
Samsung semiconductor
S3P852B SAMSUNG-S3P852B Datasheet
1Mb / 383P
   8-BIT CMOS MICROCONTROLLERS
logo
Toshiba Semiconductor
TMP90C041 TOSHIBA-TMP90C041 Datasheet
324Kb / 12P
   CMOS 8-Bit Microcontrollers
logo
Samsung semiconductor
S3C825A SAMSUNG-S3C825A Datasheet
1Mb / 346P
   8-BIT CMOS MICROCONTROLLERS
logo
Toshiba Semiconductor
TMP90C041-15 TOSHIBA-TMP90C041-15 Datasheet
631Kb / 12P
   CMOS 8-BIT MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com