전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD-049 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 AD-049
상세설명  SURSA TENSIUNE NEGATIVA -1.23V/-30V/1.5A
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

AD-049 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  AD-049 Datasheet HTML 1Page - List of Unclassifed Manufacturers AD-049 Datasheet HTML 2Page - List of Unclassifed Manufacturers AD-049 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SURSA TENSIUNE
NEGATIVA
-1.23V/-30V/1.5A
AD-050 SURSA REGLABILA DE TENSIUNE NEGATIVA
- 1.23V/-30V /1.5A
Modulul AD-049 este o sursa de tensiune NEGATIVA -1.23V/-30V/1.5A utila aplicatiilor de
laborator sau alte aplicatii . Este o schema clasica de aplicatie a unui circuit integrat
LM337T special proiectat pentru realizarea unor surse de tensiune fixe sau reglabile de
mica putere , pina la 1.5A .
Sursa asigura stabilizarea in limitele parametrilor circuitului integrat utilizat LM337T-ST.
Sursa nu este protejata la scurtcircuit, acest lucru fiind asigurat in montaj prin prezenta
unei sigurante fuzibile .
Caracteristici tehnice :
1 Tensiune de alimentare : 5Vac-30Vac
2 Tensiune de iesire reglabila : -1.23Vcc/-30Vcc
3
Curent maxim de iesire 1.5A
4
Dimensiuni : 95x42mm
Pentru utilzare sursa are nevoie de un transformator ( nelivrat ) 220Vac/30Vac –min1.5A
Pe modul se afla puntea de redresare si filtrajul .
Prezenta tensiuni la iesire este indicata cu ajutorul unui led .
Reglajul tensiuni de iesire se face cu ajutorul unui potentiometru cu tija aflat pe modul


유사한 부품 번호 - AD-049

제조업체부품명데이터시트상세설명
logo
Bothhand USA, LP.
AD-0028S BOTHHAND-AD-0028S Datasheet
279Kb / 1P
   ADSL FREQUENCY FILTER INDUCTORS
logo
National Semiconductor ...
AD-03 NSC-AD-03 Datasheet
43Kb / 4P
   Effects of Aperture Time and Jitter in a Sampled Data System
More results

유사한 설명 - AD-049

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
SBH15-03 SANYO-SBH15-03 Datasheet
18Kb / 3P
   30V, 1.5A Rectifier
logo
Rohm
US6X6 ROHM-US6X6_1 Datasheet
75Kb / 3P
   Low frequency amplifier (30V, 1.5A)
logo
Torex Semiconductor
XP233P1501TR-G TOREX-XP233P1501TR-G Datasheet
309Kb / 6P
   P-channel MOSFET -30V, -1.5A
logo
Rohm
US6T7 ROHM-US6T7_1 Datasheet
75Kb / 3P
   Low frequency amplifier (-30V, -1.5A)
logo
Microchip Technology
TC4431 MICROCHIP-TC4431_03 Datasheet
334Kb / 17P
   1.5A High-Speed 30V MOSFET Drivers
2003
logo
Sanyo Semicon Device
SBM1503S SANYO-SBM1503S Datasheet
45Kb / 3P
   Schottky Barrier Diode 30V, 1.5A Rectifier
logo
Microchip Technology
TC4432VOA MICROCHIP-TC4432VOA Datasheet
293Kb / 18P
   1.5A High-Speed 30V MOSFET Drivers
10/05/07
logo
Sanyo Semicon Device
SBH1503S SANYO-SBH1503S Datasheet
45Kb / 3P
   Schottky Barrier Diode 30V, 1.5A Rectifier
logo
Microchip Technology
TC4431 MICROCHIP-TC4431 Datasheet
433Kb / 14P
   1.5A High-Speed 30V MOSFET Drivers
2002
logo
TelCom Semiconductor, I...
TC4431 TELCOM-TC4431 Datasheet
61Kb / 4P
   1.5A HIGH-SPEED 30V MOSFET DRIVERS
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com