전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MAX77826 데이터시트(PDF) 55 Page - Maxim Integrated Products

부품명 MAX77826
상세설명  Power Management IC
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77826 데이터시트(HTML) 55 Page - Maxim Integrated Products

Back Button MAX77826 Datasheet HTML 51Page - Maxim Integrated Products MAX77826 Datasheet HTML 52Page - Maxim Integrated Products MAX77826 Datasheet HTML 53Page - Maxim Integrated Products MAX77826 Datasheet HTML 54Page - Maxim Integrated Products MAX77826 Datasheet HTML 55Page - Maxim Integrated Products MAX77826 Datasheet HTML 56Page - Maxim Integrated Products MAX77826 Datasheet HTML 57Page - Maxim Integrated Products MAX77826 Datasheet HTML 58Page - Maxim Integrated Products MAX77826 Datasheet HTML 59Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 74 page
background image
LDO5_CFG
LDO5 Configuration Register
MAX77826
Power Management IC
www.maximintegrated.com
Maxim Integrated │ 55
ADDRESS
MODE
TYPE: O
RESET VALUE: 0xA8
0x24
R/W
BIT
NAME
POR
DESCRIPTION
7
L5_AD
1
Output Active Discharge
0: Disable
1: Enable
6:0
L5_VOUT[6:0]
010 1000
PMOSLV LDO Output Voltage Table
0x00 = 0.800V
0x20 = 1.600V
0x40 = 2.400V
0x60 = 3.200V
0x01 = 0.825V
0x21 = 1.625V
0x41 = 2.425V
0x61 = 3.225V
0x02 = 0.850V
0x22 = 1.650V
0x42 = 2.450V
0x62 = 3.250V
0x03 = 0.875V
0x23 = 1.675V
0x43 = 2.475V
0x63 = 3.275V
0x04 = 0.900V
0x24 = 1.700V
0x44 = 2.500V
0x64 = 3.300V
0x05 = 0.925V
0x25 = 1.725V
0x45 = 2.525V
0x65 = 3.325V
0x06 = 0.950V
0x26 = 1.750V
0x46 = 2.550V
0x66 = 3.350V
0x07 = 0.975V
0x27 = 1.775V
0x47 = 2.575V
0x67 = 3.375V
0x08 = 1.000V
0x28 = 1.800V
0x48 = 2.600V
0x68 = 3.400V
0x09 = 1.025V
0x29 = 1.825V
0x49 = 2.625V
0x69 = 3.425V
0x0A = 1.050V
0x2A = 1.850V
0x4A = 2.650V
0x6A = 3.450V
0x0B = 1.075V
0x2B = 1.875V
0x4B = 2.675V
0x6B = 3.475V
0x0C = 1.100V
0x2C = 1.900V
0x4C = 2.700V
0x6C = 3.500V
0x0D = 1.125V
0x2D = 1.925V
0x4D = 2.725V
0x6D = 3.525V
0x0E = 1.150V
0x2E = 1.950V
0x4E = 2.750V
0x6E = 3.550V
0x0F = 1.175V
0x2F = 1.975V
0x4F = 2.775V
0x6F = 3.575V
0x10 = 1.200V
0x30 = 2.000V
0x50 = 2.800V
0x70 = 3.600V
0x11 = 1.225V
0x31 = 2.025V
0x51 = 2.825V
0x71 = 3.625V
0x12 = 1.250V
0x32 = 2.050V
0x52 = 2.850V
0x72 = 3.650V
0x13 = 1.275V
0x33 = 2.075V
0x53 = 2.875V
0x73 = 3.675V
0x14 = 1.300V
0x34 = 2.100V
0x54 = 2.900V
0x74 = 3.700V
0x15 = 1.325V
0x35 = 2.125V
0x55 = 2.925V
0x75 = 3.725V
0x16 = 1.350V
0x36 = 2.150V
0x56 = 2.950V
0x76 = 3.750V
0x17 = 1.375V
0x37 = 2.175V
0x57 = 2.975V
0x77 = 3.775V
0x18 = 1.400V
0x38 = 2.200V
0x58 = 3.000V
0x78 = 3.800V
0x19 = 1.425V
0x39 = 2.225V
0x59 = 3.025V
0x79 = 3.825V
0x1A = 1.450V
0x3A = 2.250V
0x5A = 3.050V
0x7A = 3.850V
0x1B = 1.475V
0x3B = 2.275V
0x5B = 3.075V
0x7B = 3.875V
0x1C = 1.500V
0x3C = 2.300V
0x5C = 3.100V
0x7C = 3.900V
0x1D = 1.525V
0x3D = 2.325V
0x5D = 3.125V
0x7D = 3.925V
0x1E = 1.550V
0x3E = 2.350V
0x5E = 3.150V
0x7E = 3.950V
0x1F = 1.575V
0x3F = 2.375V
0x5F = 3.175V
0x7F = 3.975V


유사한 부품 번호 - MAX77826

제조업체부품명데이터시트상세설명
logo
Maxim Integrated Produc...
MAX77826 MAXIM-MAX77826 Datasheet
2Mb / 16P
   Jumpers for Chip Enable (CE)
19-7658; Rev 0; 6/15
MAX77826EVKIT MAXIM-MAX77826EVKIT Datasheet
2Mb / 16P
   Jumpers for Chip Enable (CE)
19-7658; Rev 0; 6/15
MAX77826EVKIT# MAXIM-MAX77826EVKIT# Datasheet
2Mb / 16P
   Jumpers for Chip Enable (CE)
19-7658; Rev 0; 6/15
More results

유사한 설명 - MAX77826

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
   Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Texas Instruments
TPS65023 TI1-TPS65023_15 Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC
logo
Infineon Technologies A...
PMICTLF30681QVS01 INFINEON-PMICTLF30681QVS01 Datasheet
1Mb / 133P
   Power management IC
Rev. 1.0 2020-04-08
logo
Texas Instruments
TPS65030 TI1-TPS65030_15 Datasheet
1Mb / 27P
[Old version datasheet]   Power-Management IC
logo
IC-Haus GmbH
IC-JJ ICHAUS-IC-JJ Datasheet
675Kb / 17P
   POWER MANAGEMENT iC
logo
Texas Instruments
TPS65020 TI1-TPS65020_16 Datasheet
1Mb / 53P
[Old version datasheet]   Power Management IC
logo
ON Semiconductor
HPM10 ONSEMI-HPM10 Datasheet
143Kb / 17P
   Power Management IC
October, 2015 ??Rev. 0
logo
SHENZHEN FUMAN ELECTRON...
FM9936E FUMAN-FM9936E Datasheet
252Kb / 6P
   Mobile power management IC
FM5324D FUMAN-FM5324D Datasheet
739Kb / 11P
   Mobile Power Management IC
logo
Rohm
BD2200GUL ROHM-BD2200GUL Datasheet
161Kb / 5P
   Power management switch IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com