전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MAX77826 데이터시트(PDF) 17 Page - Maxim Integrated Products

부품명 MAX77826
상세설명  Power Management IC
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77826 데이터시트(HTML) 17 Page - Maxim Integrated Products

Back Button MAX77826 Datasheet HTML 13Page - Maxim Integrated Products MAX77826 Datasheet HTML 14Page - Maxim Integrated Products MAX77826 Datasheet HTML 15Page - Maxim Integrated Products MAX77826 Datasheet HTML 16Page - Maxim Integrated Products MAX77826 Datasheet HTML 17Page - Maxim Integrated Products MAX77826 Datasheet HTML 18Page - Maxim Integrated Products MAX77826 Datasheet HTML 19Page - Maxim Integrated Products MAX77826 Datasheet HTML 20Page - Maxim Integrated Products MAX77826 Datasheet HTML 21Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 74 page
background image
(VSYS = VINLx = +3.7V, CSYS = 1.0µF, COUT = 2.2µF, CREFBYP = 100nF, TA = -40°C to +85°C, unless otherwise noted.) (Note 5)
MAX77826
Power Management IC
www.maximintegrated.com
Maxim Integrated │ 17
LDO6, LDO8, and LDO9 (150mA PMOSLV)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage Range
VINLx must be lower than or equal to VSYS
1.7
VSYS
V
Input Supply Current
Normal mode, no load
15
µA
Low power mode, no load
1.5
Shutdown
< 0.1
System Supply Current
Normal mode, no load
3
µA
Low power mode, no load
0.3
Shutdown
< 0.1
Output Voltage Programming
Minimum VOUT, Lx_VOUT[6:0] = 7’h00
0.8
V
Maximum VOUT, Lx_VOUT[6:0] = 7’h7F
3.975
Least significant step size
0.025
Output Voltage Accuracy
VINLx = VOUT + 0.3V
to VSYS
Normal mode
IOUT = 0.1mA to IMAX
-2
+2
%
Low power mode
IOUT = 0.1mA to 5mA,
-5
+5
Maximum Output Current
(Note 8)
Normal mode
150
mA
Low power mode
5
Load Regulation
VINLx = VOUT + 0.3V
Normal mode
IOUT = 0.1mA to IMAX
0.5
%
Low power mode
IOUT = 0.1mA to 5mA
0.5
Line Regulation
VINLx = VOUT + 0.3V to
VSYS, IOUT = 0.1mA
Normal mode
0.05
%/V
Low power mode
0.05
Dropout Voltage
Normal mode, VSYS = 3.7V,
IOUT = IMAX,
VDO = VINLx - VOUT
VINLx = 3.7V
60
150
mV
VINLx = 1.7V
100
Output Current Limit
VOUT = 90% of
VOUT(TARGET)
Normal mode
300
560
mA
Low power mode
40
Output Capacitance for Stability
DCR < 200mΩ, ESL < 20nH
(Note 9)
1.1
2.2
µF


유사한 부품 번호 - MAX77826

제조업체부품명데이터시트상세설명
logo
Maxim Integrated Produc...
MAX77826 MAXIM-MAX77826 Datasheet
2Mb / 16P
   Jumpers for Chip Enable (CE)
19-7658; Rev 0; 6/15
MAX77826EVKIT MAXIM-MAX77826EVKIT Datasheet
2Mb / 16P
   Jumpers for Chip Enable (CE)
19-7658; Rev 0; 6/15
MAX77826EVKIT# MAXIM-MAX77826EVKIT# Datasheet
2Mb / 16P
   Jumpers for Chip Enable (CE)
19-7658; Rev 0; 6/15
More results

유사한 설명 - MAX77826

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
   Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Texas Instruments
TPS65023 TI1-TPS65023_15 Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC
logo
Infineon Technologies A...
PMICTLF30681QVS01 INFINEON-PMICTLF30681QVS01 Datasheet
1Mb / 133P
   Power management IC
Rev. 1.0 2020-04-08
logo
Texas Instruments
TPS65030 TI1-TPS65030_15 Datasheet
1Mb / 27P
[Old version datasheet]   Power-Management IC
logo
IC-Haus GmbH
IC-JJ ICHAUS-IC-JJ Datasheet
675Kb / 17P
   POWER MANAGEMENT iC
logo
Texas Instruments
TPS65020 TI1-TPS65020_16 Datasheet
1Mb / 53P
[Old version datasheet]   Power Management IC
logo
ON Semiconductor
HPM10 ONSEMI-HPM10 Datasheet
143Kb / 17P
   Power Management IC
October, 2015 ??Rev. 0
logo
SHENZHEN FUMAN ELECTRON...
FM9936E FUMAN-FM9936E Datasheet
252Kb / 6P
   Mobile power management IC
FM5324D FUMAN-FM5324D Datasheet
739Kb / 11P
   Mobile Power Management IC
logo
Rohm
BD2200GUL ROHM-BD2200GUL Datasheet
161Kb / 5P
   Power management switch IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com