전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

LH540203D-15 데이터시트(PDF) 10 Page - Sharp Corporation

부품명 LH540203D-15
부품 상세설명  CMOS 2048X9 ASYNCHRONOUS FIFO
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SHARP [Sharp Corporation]
홈페이지  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH540203D-15 데이터시트(HTML) 10 Page - Sharp Corporation

Back Button LH540203D-15 Datasheet HTML 6Page - Sharp Corporation LH540203D-15 Datasheet HTML 7Page - Sharp Corporation LH540203D-15 Datasheet HTML 8Page - Sharp Corporation LH540203D-15 Datasheet HTML 9Page - Sharp Corporation LH540203D-15 Datasheet HTML 10Page - Sharp Corporation LH540203D-15 Datasheet HTML 11Page - Sharp Corporation LH540203D-15 Datasheet HTML 12Page - Sharp Corporation LH540203D-15 Datasheet HTML 13Page - Sharp Corporation LH540203D-15 Datasheet HTML 14Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
AC ELECTRICAL CHARACTERISTICS
1 (Over Operating Range)
SYMBOL
PARAMETER
tA = 15 ns
tA = 20 ns
tA = 25 ns
tA = 35 ns
tA = 50 ns
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
READ CYCLE TIMING
tRC
Read Cycle Time
25
30–
35
45–65–
ns
tA
Access Time
15–
20
25–35–
50
ns
tRR
Read Recovery Time
10
10–
10
10–15–
ns
tRPW
Read Pulse Width
2
15
20–
25
35–50–
ns
tRLZ
Data Bus Active from Read LOW
3
5–5–5–5–5
ns
tWLZ
Data Bus Active from Write HIGH
3,4
10
10–
10
10–10–
ns
tDV
Data Valid from Read Pulse HIGH
5–5–5–5–5
ns
tRHZ
Data Bus High-Z from Read HIGH
3
15–
15
15–15–
20
ns
WRITE CYCLE TIMING
tWC
Write Cycle Time
25
30
35
45
65
ns
tWPW
Write Pulse Width
2
15
20–
25
35–50–
ns
tWR
Write Recovery Time
10
10–
10
10–15–
ns
tDS
Data Setup Time
12
12–
12
15–20–
ns
tDH
Data Hold Time
0–0–0–0–0
ns
RESET TIMING
tRSC
Reset Cycle Time
25
30–
35
45–65–
ns
tRS
Reset Pulse Width
2
15
20–
25
35–50–
ns
tRSR
Reset Recovery Time
10
10–
10
10–15–
ns
tRRSS
Read HIGH to RS HIGH
15
20–
25
35–50–
ns
tWRSS
Write HIGH to RS HIGH
15
20–
25
35–50–
ns
RETRANSMIT TIMING
5
tRTC
Retransmit Cycle Time
25
30
35
45
65
ns
tRT
Retransmit Pulse Width
2
15
20–
25
35–50–
ns
tRTR
Retransmit Recovery Time
10
10
10
10
15
ns
FLAG TIMING
tEFL
Reset LOW to Empty Flag LOW
25
30
35
45
65
ns
tHFH,FFH
Reset LOW to Half-Full and Full
Flags HIGH
25–
30
35–45–
65
ns
tREF
Read LOW to Empty Flag LOW
15–
20
25–35–
45
ns
tRFF
Read HIGH to Full Flag HIGH
15
20
25
35
45
ns
tWEF
Write HIGH to Empty Flag HIGH
15
20
25
35
45
ns
tWFF
Write LOW to Full Flag LOW
15
20
25
35
45
ns
tWHF
Write LOW to Half-Full Flag LOW
15–
20
25–35–
45
ns
tRHF
Read HIGH to Half-Full Flag HIGH
15–
20
25–35–
45
ns
EXPANSION TIMING
tXOL
Expansion Out LOW
18
20
25
35
50
ns
tXOH
Expansion Out HIGH
18–
20
25–35–
50
ns
tXI
Expansion In Pulse Width
15
20–
25
35–50–
ns
tXIR
Expansion In Recovery Time
10
10–
10
10–10–
ns
tXIS
Expansion in Setup Time
7
10
10
15
15
ns
NOTES:
1. All timing measurements are performed at ‘AC Test Condition’ levels.
2. Pulse widths less than minimum value are not allowed.
LH540203
CMOS 2048
× 9 Asynchronous FIFO
10


유사한 부품 번호 - LH540203D-15

제조업체부품명데이터시트부품 상세설명
Sharp Corporation
Sharp Corporation
LH540203 SHARP-LH540203 Datasheet
156Kb / 17P
   CMOS 2048 x 9 Asynchronous FIFO
More results

유사한 설명 - LH540203D-15

제조업체부품명데이터시트부품 상세설명
Integrated Device Technology
Integrated Device Techn...
IDT7203 IDT-IDT7203_17 Datasheet
143Kb / 14P
   CMOS ASYNCHRONOUS FIFO
7202LA20JG IDT-7202LA20JG Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO
IDT7203 IDT-IDT7203_06 Datasheet
112Kb / 14P
   CMOS ASYNCHRONOUS FIFO
IDT7200L IDT-IDT7200L_17 Datasheet
139Kb / 14P
   CMOS ASYNCHRONOUS FIFO
IDT7280 IDT-IDT7280_12 Datasheet
295Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
IDT7280 IDT-IDT7280_17 Datasheet
149Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
IDT72V01 IDT-IDT72V01_12 Datasheet
301Kb / 12P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
IDT72V06 IDT-IDT72V06 Datasheet
149Kb / 12P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
IDT7207 IDT-IDT7207 Datasheet
148Kb / 12P
   CMOS ASYNCHRONOUS FIFO 32,768 x 9
IDT7208 IDT-IDT7208 Datasheet
147Kb / 12P
   CMOS ASYNCHRONOUS FIFO 65,536 x 9
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com