전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP460PBF 데이터시트(PDF) 4 Page - International Rectifier

부품명 IRFP460PBF
상세설명  Dynamic dv/dt Rating, Repetitive Avalanche Rated, Isolated Central Mounting Hole, Fast Switching, Ease of Paralleling, Simple Drive Requirements, Lead
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFP460PBF 데이터시트(HTML) 4 Page - International Rectifier

  IRFP460PBF Datasheet HTML 1Page - International Rectifier IRFP460PBF Datasheet HTML 2Page - International Rectifier IRFP460PBF Datasheet HTML 3Page - International Rectifier IRFP460PBF Datasheet HTML 4Page - International Rectifier IRFP460PBF Datasheet HTML 5Page - International Rectifier IRFP460PBF Datasheet HTML 6Page - International Rectifier IRFP460PBF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
IRFP460PbF
4
www.irf.com


유사한 부품 번호 - IRFP460PBF

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
IRFP460PBF VISHAY-IRFP460PBF Datasheet
135Kb / 8P
   Power MOSFET
S-81360-Rev. A, 28-Jul-08
logo
Thinki Semiconductor Co...
IRFP460PBF THINKISEMI-IRFP460PBF Datasheet
1Mb / 6P
   20A,500V Heatsink N-Channel Type Power MOSFET
logo
VBsemi Electronics Co.,...
IRFP460PBF VBSEMI-IRFP460PBF Datasheet
1Mb / 9P
   N-Channel 500V (D-S) Super Junction Power MOSFET
logo
Vishay Siliconix
IRFP460PBF VISHAY-IRFP460PBF Datasheet
203Kb / 11P
   Power MOSFET
01-Jan-2022
More results

유사한 설명 - IRFP460PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF530PBF IRF-IRF530PBF Datasheet
3Mb / 7P
   Dynamic dv/dt Rating, Fast Switching, Ease of Paralleling, Simple Drive Requirements
logo
Kersemi Electronic Co.,...
IRFR110 KERSEMI-IRFR110 Datasheet
3Mb / 7P
   Dynamic dV/dt Rating Repetitive Avalanche Rated
IRFP240 KERSEMI-IRFP240 Datasheet
3Mb / 7P
   Dynamic dV/dt Rating Repetitive Avalanche Rated
IRFBE30 KERSEMI-IRFBE30 Datasheet
1Mb / 7P
   Dynamic dV/dt Rating Repetitive Avalanche Rated
IRF640PBF KERSEMI-IRF640PBF Datasheet
6Mb / 7P
   Power MOSFET Dynamic dV/dt Rating Repetitive Avalanche Rated Fast Switching
IRF540PBF KERSEMI-IRF540PBF Datasheet
6Mb / 7P
   Power MOSFET Dynamic dV/dt Rating Repetitive Avalanche Rated
IRF630PBF KERSEMI-IRF630PBF Datasheet
5Mb / 8P
   Power MOSFET Dynamic dV/dt Rating Repetitive Avalanche Rated
logo
International Rectifier
IRFY130 IRF-IRFY130 Datasheet
167Kb / 7P
   Simple Drive Requirements Ease of Paralleling Hermetically Sealed
logo
Kersemi Electronic Co.,...
IRF9Z34 KERSEMI-IRF9Z34 Datasheet
7Mb / 7P
   Power MOSFET Dynamic dV/dt Rating Repetitive Avalanche Rated P-Channel
logo
International Rectifier
IRFM150 IRF-IRFM150 Datasheet
312Kb / 8P
   REPETITIVE AVALANCHE RATED AND dv/dt RATED
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com