전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP460PBF 데이터시트(PDF) 7 Page - International Rectifier

부품명 IRFP460PBF
상세설명  Dynamic dv/dt Rating, Repetitive Avalanche Rated, Isolated Central Mounting Hole, Fast Switching, Ease of Paralleling, Simple Drive Requirements, Lead
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFP460PBF 데이터시트(HTML) 7 Page - International Rectifier

  IRFP460PBF Datasheet HTML 1Page - International Rectifier IRFP460PBF Datasheet HTML 2Page - International Rectifier IRFP460PBF Datasheet HTML 3Page - International Rectifier IRFP460PBF Datasheet HTML 4Page - International Rectifier IRFP460PBF Datasheet HTML 5Page - International Rectifier IRFP460PBF Datasheet HTML 6Page - International Rectifier IRFP460PBF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
IRFP460PbF
www.irf.com
7
TO-247AC Package Outline
Dimensions are shown in millimeters (inches)
LEAD ASSIGNMENTS
NOTES:
- D -
5.30 (.209)
4.70 (.185)
2.50 (.089)
1.50 (.059)
4
3X
0.80 (.031)
0.40 (.016)
2.60 (.102)
2.20 (.087)
3.40 (.133)
3.00 (.118)
3X
0.25 (.010) M C A S
4.30 (.170)
3.70 (.145)
- C -
2X
5.50 (.217)
4.50 (.177)
5.50 (.217)
0.25 (.010)
1.40 (.056)
1.00 (.039)
3.65 (.143)
3.55 (.140)
D
M
M
B
- A -
15.90 (.626)
15.30 (.602)
- B -
123
20.30 (.800)
19.70 (.775)
14.80 (.583)
14.20 (.559)
2.40 (.094)
2.00 (.079)
2X
2X
5.45 (.215)
1 DIMENSIONING & TOLERANCING
PER ANSI Y14.5M, 1982.
2 CONTROLLING DIMENSION : INCH.
3 CONFORMS TO JEDEC OUTLINE
TO-247-AC.
1 - GATE
2 - DRAIN
3 - SOURCE
4 - DRAIN
LEAD ASSIGNMENTS
Hexfet
1 - Gate
2 - Drain
3 - Source
4 - Drain
IGBT
1 - Gate
2 - Collector
3 - Emitter
4 - Collector
TO-247AC Part Marking Information
EXAMPLE:
ASSEMBLED ON WW 35, 2000
LOT CODE 5657
WITH ASSEMBLY
THIS IS AN IRFPE30
IN THE AS SEMBLY LINE "H"
035H
LOGO
INTERNATIONAL
RECTIFIER
IRFPE30
LOT CODE
ASSEMBLY
56
57
PART NUMBER
DATE CODE
YEAR 0 = 2000
WEEK 35
LINE H
Note: "P" in assembly line
position indicates "Lead-Free"
Data and specifications subject to change without notice.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.12/03


유사한 부품 번호 - IRFP460PBF

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
IRFP460PBF VISHAY-IRFP460PBF Datasheet
135Kb / 8P
   Power MOSFET
S-81360-Rev. A, 28-Jul-08
logo
Thinki Semiconductor Co...
IRFP460PBF THINKISEMI-IRFP460PBF Datasheet
1Mb / 6P
   20A,500V Heatsink N-Channel Type Power MOSFET
logo
VBsemi Electronics Co.,...
IRFP460PBF VBSEMI-IRFP460PBF Datasheet
1Mb / 9P
   N-Channel 500V (D-S) Super Junction Power MOSFET
logo
Vishay Siliconix
IRFP460PBF VISHAY-IRFP460PBF Datasheet
203Kb / 11P
   Power MOSFET
01-Jan-2022
More results

유사한 설명 - IRFP460PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF530PBF IRF-IRF530PBF Datasheet
3Mb / 7P
   Dynamic dv/dt Rating, Fast Switching, Ease of Paralleling, Simple Drive Requirements
logo
Kersemi Electronic Co.,...
IRFR110 KERSEMI-IRFR110 Datasheet
3Mb / 7P
   Dynamic dV/dt Rating Repetitive Avalanche Rated
IRFP240 KERSEMI-IRFP240 Datasheet
3Mb / 7P
   Dynamic dV/dt Rating Repetitive Avalanche Rated
IRFBE30 KERSEMI-IRFBE30 Datasheet
1Mb / 7P
   Dynamic dV/dt Rating Repetitive Avalanche Rated
IRF640PBF KERSEMI-IRF640PBF Datasheet
6Mb / 7P
   Power MOSFET Dynamic dV/dt Rating Repetitive Avalanche Rated Fast Switching
IRF540PBF KERSEMI-IRF540PBF Datasheet
6Mb / 7P
   Power MOSFET Dynamic dV/dt Rating Repetitive Avalanche Rated
IRF630PBF KERSEMI-IRF630PBF Datasheet
5Mb / 8P
   Power MOSFET Dynamic dV/dt Rating Repetitive Avalanche Rated
logo
International Rectifier
IRFY130 IRF-IRFY130 Datasheet
167Kb / 7P
   Simple Drive Requirements Ease of Paralleling Hermetically Sealed
logo
Kersemi Electronic Co.,...
IRF9Z34 KERSEMI-IRF9Z34 Datasheet
7Mb / 7P
   Power MOSFET Dynamic dV/dt Rating Repetitive Avalanche Rated P-Channel
logo
International Rectifier
IRFM150 IRF-IRFM150 Datasheet
312Kb / 8P
   REPETITIVE AVALANCHE RATED AND dv/dt RATED
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com