전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DLP-IO16 데이터시트(PDF) 10 Page - List of Unclassifed Manufacturers

부품명 DLP-IO16
상세설명  DLP-IO16 Development System
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

DLP-IO16 데이터시트(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button DLP-IO16 Datasheet HTML 2Page - List of Unclassifed Manufacturers DLP-IO16 Datasheet HTML 3Page - List of Unclassifed Manufacturers DLP-IO16 Datasheet HTML 4Page - List of Unclassifed Manufacturers DLP-IO16 Datasheet HTML 5Page - List of Unclassifed Manufacturers DLP-IO16 Datasheet HTML 6Page - List of Unclassifed Manufacturers DLP-IO16 Datasheet HTML 7Page - List of Unclassifed Manufacturers DLP-IO16 Datasheet HTML 8Page - List of Unclassifed Manufacturers DLP-IO16 Datasheet HTML 9Page - List of Unclassifed Manufacturers DLP-IO16 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Revision 1.0
10
Specifications (preliminary)
Storage Temperature
-65°C to + 150°C
Ambient Temperature (Power Applied)
0°C to + 70°C
DC Characteristics ( Ambient Temperature = 0 - 70 Degrees C ) (Preliminary)
Description
Min
Max
Units
Condition
Operating Supply Voltage
4.5
5.25
V
Taken from the PC’s USB Port
Operating Supply Current
70*
mA
Normal Operation
Operating Supply Current
500**
uA
USB Suspend
* Current specification does not include current drawn by target electronics via processor port
pins.
** Early versions of the DLP-IO16 boards may not meet the minimum current requirement in
Standby mode.
Please note that no software or documentation is shipped with the DLP-IO16. The latest version
of the drivers, Windows application software and all documentation can be downloaded at any
time from www.dlpdesign.com.
Disclaimer
Neither the whole nor any part of the information contained in, or the product described in this datasheet, may be
adapted or reproduced in any material or electronic form without the prior written consent of the copyright holder.
This product and its documentation are supplied on an as is basis and no warranty as to their suitability for any
particular purpose is either made or implied. DLP Design will not accept any claim for damages howsoever arising
as a result of use or failure of this product. Your statutory rights are not affected.
This product or any variant of it is not intended for use in any medical appliance, device or system in which the
failure of the product might reasonably be expected to result in personal injury.
This document provides preliminary information that may be subject to change without notice.
Contact Information
DLP Design
PO Box 503762
San Diego, CA 92150-3762
Phone: 858-513-2777
Fax: 858-513-2777
Email: support@dlpdesign.com
Internet: http://www.dlpdesign.com


유사한 부품 번호 - DLP-IO16

제조업체부품명데이터시트상세설명
logo
Mean Well Enterprises C...
DLP-04 MEANWELL-DLP-04 Datasheet
168Kb / 7P
   DALI Bus Power Supply
DLP-04L MEANWELL-DLP-04L Datasheet
168Kb / 7P
   DALI Bus Power Supply
DLP-04R MEANWELL-DLP-04R Datasheet
168Kb / 7P
   DALI Bus Power Supply
logo
List of Unclassifed Man...
DLP-7970ABP ETC2-DLP-7970ABP Datasheet
60Kb / 2P
   Compatible with NFCLink Library, Compatible with MSP430G2x LaunchPad
logo
SYNERGY MICROWAVE CORPO...
DLP-901 SYNERGY-DLP-901 Datasheet
39Kb / 1P
   POWER DIVIDERS 0쨘 : 12-WAY
More results

유사한 설명 - DLP-IO16

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
MSC8101ADS NXP-MSC8101ADS Datasheet
1Mb / 2P
   CODEWARRIORTM DEVELOPMENT SYSTEM
REV 0
logo
STMicroelectronics
IMSB300 STMICROELECTRONICS-IMSB300 Datasheet
286Kb / 12P
   TCPlink Development System
logo
Freescale Semiconductor...
P3041DS-PB FREESCALE-P3041DS-PB Datasheet
397Kb / 2P
   P3041 Development System
logo
List of Unclassifed Man...
XA-SK-SDRAM ETC2-XA-SK-SDRAM Datasheet
228Kb / 2P
   MODULAR DEVELOPMENT SYSTEM
logo
Cirrus Logic
EDB9307A CIRRUS-EDB9307A Datasheet
721Kb / 1P
   Embedded Processor Development System
EDB9315A CIRRUS-EDB9315A Datasheet
729Kb / 1P
   Embedded Processor Development System
logo
Renesas Technology Corp
R0E00008AKCE00EP49 RENESAS-R0E00008AKCE00EP49 Datasheet
652Kb / 37P
   Microcomputer Development Environment System
R0E00008AKCE00EP64 RENESAS-R0E00008AKCE00EP64 Datasheet
485Kb / 80P
   Microcomputer Development Environment System
logo
Texas Instruments
DV2004S1 TI1-DV2004S1_14 Datasheet
2Mb / 7P
[Old version datasheet]   Fast-Charge Development System
logo
Renesas Technology Corp
R0E00008AKCE00EP38 RENESAS-R0E00008AKCE00EP38 Datasheet
726Kb / 35P
   Microcomputer Development Environment System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com