전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M62435FP 데이터시트(PDF) 1 Page - Mitsubishi Electric Semiconductor

부품명 M62435FP
상세설명  ELECTRIC VOLUME CONTROL WITH TONE CONTROLLER FOR 4-SPEAKER APPLICATIONS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MITSUBISHI [Mitsubishi Electric Semiconductor]
홈페이지  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62435FP 데이터시트(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M62435FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62435FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62435FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M62435FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M62435FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M62435FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M62435FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M62435FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M62435FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Supply voltage range••••Vcc=6 to 9V
Rated supply voltage••••Vcc=8V
VDD=4 to 6V
VDD=5V
Block Diagram
ELECTRIC
MITSUBISHI
M62435FP
ELECTRIC VOLUME CONTROL WITH TONE
CONTROLLER FOR 4-SPEAKER APPLICATIONS
MITSUBISHI SOUND PROCESSOR
Developed for car audio
Uses it for analog small signal handling of stage before power amplifier
Use to Home audio system,television are thought about other than car audio system
Outline 36P2R
(1/10)
Built-in zero cross detector prevents click noise
Differential Amplifier
Loudness
Tone Control Bass/Mid/Treble
Master Volume/Fader Volume
Serial Data Control
PRELIMINARY
Notice
; This
is not
a final
specification.
some
parametric
limits
are
subject
to change.
Description
Features
Recommended Operating Conditions
LchIN
RchIN
Bass
Mid
Treble
Fader
Fader
Lch
Front
Rear
Front
Rear
Rch
Zero cross
Detector
Volume
&
Loudness
Differential
Amplifier
DEFP
IN2
DEFN
IN2
DEFP
IN1
DEFN
IN1
Mixing
Amp
Zero cross
Detector
Bass
Mid
Treble
Mixing
Amp
µ-com Interface
Differential
Amplifier


유사한 부품 번호 - M62435FP

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
M62435FP RENESAS-M62435FP Datasheet
141Kb / 11P
   Electric Volume Control with Tone Controller for 4-Speaker Applications
More results

유사한 설명 - M62435FP

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
M62490FP RENESAS-M62490FP Datasheet
123Kb / 11P
   Electric Volume Control with Tone Controller for 4-Speaker Applications
logo
Mitsubishi Electric Sem...
M62490FP MITSUBISHI-M62490FP Datasheet
97Kb / 10P
   ELECTRIC VOLUME CONTROL WITH TONE CONTROLLER FOR 4-SPEAKER APPLICATIONS
logo
Renesas Technology Corp
M62435FP RENESAS-M62435FP Datasheet
141Kb / 11P
   Electric Volume Control with Tone Controller for 4-Speaker Applications
logo
Mitsubishi Electric Sem...
M62440FP MITSUBISHI-M62440FP Datasheet
94Kb / 10P
   ELECTRIC VOLUME CONTROL WITH TONE CONTROLLER FOR 4-SPEAKER APPLICATIONS
logo
Renesas Technology Corp
M62440FP RENESAS-M62440FP Datasheet
155Kb / 11P
   Electric Volume Control with Tone Controller for 4-Speaker Applications
logo
Mitsubishi Electric Sem...
M62446FP MITSUBISHI-M62446FP Datasheet
105Kb / 13P
   6CH ELECTRIC VOLUME WITH TONE CONTROL
M61508FP MITSUBISHI-M61508FP Datasheet
3Mb / 22P
   THE ELECTRIC VOLUME of BUILD-IN NON FADER VOLUME with TONE CONTROL
logo
Renesas Technology Corp
M62421SP RENESAS-M62421SP Datasheet
205Kb / 14P
   Tone and Volume Controller with 2 Line Control
logo
Mitsubishi Electric Sem...
M61503FP MITSUBISHI-M61503FP Datasheet
89Kb / 11P
   TONE CONTROL/VOLUME CONTROL
logo
Renesas Technology Corp
M62495AFP RENESAS-M62495AFP Datasheet
167Kb / 12P
   TONE CONTROL/VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com