전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

TH58NS100DC 데이터시트(HTML) 3 Page - Toshiba Semiconductor

부품명 TH58NS100DC
상세내용  TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 1 - GBIT (128M X 8 BITS) CMOS NAND E2PROM ( 128M BYTE SmartMediaTM )
Download  43 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo 

TH58NS100DC 데이터시트(HTML) 3 Page - Toshiba Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
/ 43 page
 3 / 43 page
background image
TH58NS100DC
2001-03-21
3/43
VALID BLOCKS (1)
SYMBOL
PARAMETER
MIN
TYP.
MAX
UNIT
NVB
Number of Valid Blocks
8032
¾
8192
Blocks
(1) The TH58NS100 occasionally contains unusable blocks. Refer to Application Note (14) toward the end of this document.
RECOMMENDED DC OPERATING CONDITIONS
SYMBOL
PARAMETER
MIN
TYP.
MAX
UNIT
VCC
Power Supply Voltage
3.0
3.3
3.6
V
VIH
High Level input Voltage
2.0
¾
VCC + 0.3
V
VIL
Low Level Input Voltage
-0.3*
¾
0.8
V
*
-2 V (pulse width lower than 20 ns)
DC CHARACTERISTICS (Ta
==== 0° to 55°C, VCC ==== 3.3 V ±±±± 0.3 V)
SYMBOL
PARAMETER
CONDITION
MIN
TYP.
MAX
UNIT
IIL
Input Leakage Current
VIN = 0 V to VCC
¾
¾
±10
mA
ILO
Output Leakage Current
VOUT = 0.4 V to VCC
¾
¾
±10
mA
ICCO1
Operating Current (Serial Read)
CE
= VIL, IOUT = 0 mA, tcycle = 50 ns
¾
10
30
mA
ICCO3
Operating Current
(Command Input)
tcycle = 50 ns
¾
10
30
mA
ICCO4
Operating Current (Data Input)
tcycle = 50 ns
¾
10
30
mA
ICCO5
Operating Current
(Address Input)
tcycle = 50 ns
¾
10
30
mA
ICCO7
Programming Current
¾
¾
10
30
mA
ICCO8
Erasing Current
¾
¾
10
30
mA
ICCS1
Standby Current
CE
= VIH
¾
¾
1
mA
ICCS2
Standby Current
CE
= VCC - 0.2 V
¾
¾
100
mA
VOH
High Level Output Voltage
IOH = -400 mA
2.4
¾
¾
V
VOL
Low Level Output Voltage
IOL = 2.1 mA
¾
¾
0.4
V
IOL (
BY
/
RY
)
Output Current of
BY
/
RY
pin
VOL = 0.4 V
¾
8
¾
mA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn