์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

TH58NS100DC ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 31 Page - Toshiba Semiconductor

๋ถ€ํ’ˆ๋ช… TH58NS100DC
์ƒ์„ธ๋‚ด์šฉ  TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 1 - GBIT (128M X 8 BITS) CMOS NAND E2PROM ( 128M BYTE SmartMediaTM )
Download  43 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  TOSHIBA [Toshiba Semiconductor]
ํ™ˆํŽ˜์ด์ง€  http://www.semicon.toshiba.co.jp/eng
Logo 

TH58NS100DC ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 31 Page - Toshiba Semiconductor

Zoom Inzoom in Zoom Outzoom out
/ 43 page
 31 / 43 page
background image
TH58NS100DC
2001-03-21
31/43
Reset
The Reset mode stops all operations. For example, in the case of a Program or Erase operation the internally
generated voltage is discharged to 0 volts and the device enters Wait state.
The response to an โ€œFFHโ€ Reset command input during the various device operations is as follows:
When a Reset (FFH) command is input during programming
When a Reset (FFH) command is input during erasing
When a Reset (FFH) command is input during Read operation
When a Status Read command (70H) is input after a Reset
When two or more Reset commands are input in succession
Figure 12.
BY
/
RY
FF
FF
(3)
(2)
(1)
The second
command is invalid, but the third
command is valid.
FF
FF
FF
Internal VPP
80
10
FF
00
BY
/
RY
tRST (max 10 ms)
Figure 8.
Internal erase
voltage
D0
FF
00
BY
/
RY
tRST (max 500 ms)
Figure 9.
00
FF
00
BY
/
RY
tRST (max 6 ms)
Figure 10.
Figure 11.
FF
70
BY
/
RY
I/O status: Pass/Fail
ยฎ Pass
Ready/Busy
ยฎ Ready
FF
70
BY
/
RY
I/O status: Ready/Busy
ยฎ Busy


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn