전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SD0601 데이터시트(PDF) 1 Page - Panasonic Semiconductor

부품명 2SD0601
상세설명  Silicon NPN epitaxial planer type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANASONIC [Panasonic Semiconductor]
홈페이지  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD0601 데이터시트(HTML) 1 Page - Panasonic Semiconductor

  2SD0601 Datasheet HTML 1Page - Panasonic Semiconductor 2SD0601 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Transistor
2SD601A
Silicon NPN epitaxial planer type
For general amplification
Complementary to 2SB709A
s Features
q
High foward current transfer ratio hFE.
q
Low collector to emitter saturation voltage VCE(sat).
q
Mini type package, allowing downsizing of the equipment and
automatic insertion through the tape packing and the magazine
packing.
s Absolute Maximum Ratings (Ta=25˚C)
Unit: mm
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power dissipation
Junction temperature
Storage temperature
1:Base
JEDEC:TO–236
2:Emitter
EIAJ:SC–59
3:Collector
Mini Type Package
2.8
+0.2
–0.3
1.5
+0.25
–0.05
0.65
±0.15
0.65
±0.15
3
1
2
0.4
±0.2
0.1 to 0.3
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
Tj
Tstg
Ratings
60
50
7
200
100
200
150
–55 ~ +150
Unit
V
V
V
mA
mA
mW
˚C
˚C
s Electrical Characteristics (Ta=25˚C)
Parameter
Collector cutoff current
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Transition frequency
Noise voltage
Collector output capacitance
Symbol
ICBO
ICEO
VCBO
VCEO
VEBO
hFE1
*
hFE2
VCE(sat)
fT
NV
Cob
Conditions
VCB = 20V, IE = 0
VCE = 10V, IB = 0
IC = 10µA, IE = 0
IC = 2mA, IB = 0
IE = 10µA, IC = 0
VCE = 10V, IC = 2mA
VCE = 2V, IC = 100mA
IC = 100mA, IB = 10mA
VCB = 10V, IE = –2mA, f = 200MHz
VCE = 10V, IC = 1mA, GV = 80dB
Rg = 100kΩ, Function = FLAT
VCB = 10V, IE = 0, f = 1MHz
min
60
50
7
160
90
typ
0.1
150
110
3.5
max
0.1
100
460
0.3
Unit
µA
µA
V
V
V
V
MHz
mV
pF
Marking symbol :
Z
*h
FE1 Rank classification
Rank
Q
R
S
hFE1
160 ~ 260
210 ~ 340
290 ~ 460
Marking Symbol
ZQ
ZR
ZS


유사한 부품 번호 - 2SD0601

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
2SD0601A PANASONIC-2SD0601A Datasheet
78Kb / 3P
   Silicon NPN epitaxial planar type
2SD0601ARN PANASONIC-2SD0601ARN Datasheet
5Mb / 71P
   DVD Video Recorder Service Manual
More results

유사한 설명 - 2SD0601

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
2SD2184 PANASONIC-2SD2184 Datasheet
38Kb / 2P
   Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
2SC3313 PANASONIC-2SC3313 Datasheet
37Kb / 2P
   Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
2SC4656 PANASONIC-2SC4656 Datasheet
35Kb / 2P
   Silicon NPN epitaxial planer type
2SC1980 PANASONIC-2SC1980 Datasheet
37Kb / 2P
   Silicon NPN epitaxial planer type
2SD1820A PANASONIC-2SD1820A Datasheet
60Kb / 2P
   Silicon NPN epitaxial planer type
UN921MJ PANASONIC-UN921MJ Datasheet
315Kb / 18P
   Silicon NPN epitaxial planer type
2SC1215 PANASONIC-2SC1215 Datasheet
62Kb / 3P
   Silicon NPN epitaxial planer type
2SD874 PANASONIC-2SD874 Datasheet
39Kb / 2P
   Silicon NPN epitaxial planer type
2SD0602A PANASONIC-2SD0602A Datasheet
60Kb / 2P
   Silicon NPN epitaxial planer type
2SD1819A PANASONIC-2SD1819A Datasheet
36Kb / 2P
   Silicon NPN epitaxial planer type
2SD1820 PANASONIC-2SD1820 Datasheet
39Kb / 2P
   Silicon NPN epitaxial planer type
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com