전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSY39V800454EEK 데이터시트(PDF) 11 Page - Silicon Storage Technology, Inc

부품명 SSY39V800454EEK
상세설명  2 MBIT / 4 MBIT / 8 MBIT ( X 16 ) MULTI - PURPOSE FLASH
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SST [Silicon Storage Technology, Inc]
홈페이지  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SSY39V800454EEK 데이터시트(HTML) 11 Page - Silicon Storage Technology, Inc

Back Button SSY39V800454EEK Datasheet HTML 7Page - Silicon Storage Technology, Inc SSY39V800454EEK Datasheet HTML 8Page - Silicon Storage Technology, Inc SSY39V800454EEK Datasheet HTML 9Page - Silicon Storage Technology, Inc SSY39V800454EEK Datasheet HTML 10Page - Silicon Storage Technology, Inc SSY39V800454EEK Datasheet HTML 11Page - Silicon Storage Technology, Inc SSY39V800454EEK Datasheet HTML 12Page - Silicon Storage Technology, Inc SSY39V800454EEK Datasheet HTML 13Page - Silicon Storage Technology, Inc SSY39V800454EEK Datasheet HTML 14Page - Silicon Storage Technology, Inc SSY39V800454EEK Datasheet HTML 15Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Data Sheet
2 Mbit / 4 Mbit / 8 Mbit Multi-Purpose Flash
SST39LF200A / SST39LF400A / SST39LF800A
SST39VF200A / SST39VF400A / SST39VF800A
11
©2001 Silicon Storage Technology, Inc.
S71117-04-000
6/01
360
Absolute Maximum Stress Ratings (Applied conditions greater than those listed under “Absolute Maximum
Stress Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation
of the device at these conditions or conditions greater than those defined in the operational sections of this data
sheet is not implied. Exposure to absolute maximum stress rating conditions may affect device reliability.)
Temperature Under Bias . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55°C to +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
D. C. Voltage on Any Pin to Ground Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to VDD + 0.5V
Transient Voltage (<20 ns) on Any Pin to Ground Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . -1.0V to VDD + 1.0V
Voltage on A9 Pin to Ground Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 13.2V
Package Power Dissipation Capability (Ta = 25°C) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.0W
Surface Mount Lead Soldering Temperature (3 Seconds) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 240°C
Output Short Circuit Current1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 mA
1. Outputs shorted for no more than one second. No more than one output shorted at a time.
OPERATING RANGE: SST39LF200A/400A/800A
Range
Ambient Temp
VDD
Commercial
0°C to +70°C
3.0-3.6V
OPERATING RANGE: SST39VF200A/400A/800A
Range
Ambient Temp
VDD
Commercial
0°C to +70°C
2.7-3.6V
Extended
-20°C to +85°C
2.7-3.6V
Industrial
-40°C to +85°C
2.7-3.6V
AC CONDITIONS OF TEST
Input Rise/Fall Time . . . . . . . . . . . . . . 5 ns
Output Load . . . . . . . . . . . . . . . . . . . . CL = 30 pF for SST39LF200A/400A/800A
Output Load . . . . . . . . . . . . . . . . . . . . CL = 100 pF for SST39VF200A/400A/800A
See Figures 14 and 15


유사한 부품 번호 - SSY39V800454EEK

제조업체부품명데이터시트상세설명
logo
Cooper Bussmann, Inc.
SSY COOPER-SSY Datasheet
143Kb / 2P
   Box Cover Units for Plug Fuses
logo
DOMINANT Semiconductors
SSY-CLD-J1 DOMINANT-SSY-CLD-J1 Datasheet
779Kb / 11P
   SpiceLED AlInGaP S-Spice
SSY-CLD-J2 DOMINANT-SSY-CLD-J2 Datasheet
779Kb / 11P
   SpiceLED AlInGaP S-Spice
SSY-CLD-JK2-1-I2 DOMINANT-SSY-CLD-JK2-1-I2 Datasheet
967Kb / 14P
   SpiceLED
SSY-CLD-JK2-I2 DOMINANT-SSY-CLD-JK2-I2 Datasheet
779Kb / 11P
   SpiceLED AlInGaP S-Spice
More results

유사한 설명 - SSY39V800454EEK

제조업체부품명데이터시트상세설명
logo
Microchip Technology
SST39VF800A-70-4I-B3KE-T MICROCHIP-SST39VF800A-70-4I-B3KE-T Datasheet
4Mb / 37P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
03/11
logo
Silicon Storage Technol...
SST39LF200A SST-SST39LF200A_10 Datasheet
862Kb / 31P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
SST39LF200A SST-SST39LF200A_07 Datasheet
843Kb / 31P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
SST39LF200A SST-SST39LF200A Datasheet
340Kb / 30P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
logo
Microchip Technology
SST39LF200A MICROCHIP-SST39LF200A_11 Datasheet
4Mb / 37P
   Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
2011 Silicon
logo
Silicon Storage Technol...
SST39LF080 SST-SST39LF080 Datasheet
311Kb / 26P
   8 Mbit / 16 Mbit (x8) Multi-Purpose Flash
SST39SF010A SST-SST39SF010A Datasheet
271Kb / 22P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39SF010A SST-SST39SF010A_04 Datasheet
379Kb / 24P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
logo
Microchip Technology
SST39LF010 MICROCHIP-SST39LF010 Datasheet
267Kb / 28P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
Revision B / June 2013
SST39SF010A MICROCHIP-SST39SF010A_16 Datasheet
227Kb / 29P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
04/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com