전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK1374 데이터시트(PDF) 1 Page - Panasonic Semiconductor

부품명 2SK1374
상세설명  Silicon N-Channel MOS FET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANASONIC [Panasonic Semiconductor]
홈페이지  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SK1374 데이터시트(HTML) 1 Page - Panasonic Semiconductor

  2SK1374 Datasheet HTML 1Page - Panasonic Semiconductor 2SK1374 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Silicon MOS FETs (Small Signal)
unit: mm
Marking Symbol: 4V
1: Gate
2: Source
EIAJ: SC-70
3: Drain
S-Mini Type Package (3-pin)
2.1±0.1
1.25±0.1
0.425
0.425
1
3
2
0.2±0.1
2SK1374
Silicon N-Channel MOS FET
For switching
s Features
q High-speed switching
q Wide frequency band
q Incorporating a built-in gate protection-diode
q Allowing 2.5V drive
s Absolute Maximum Ratings (Ta = 25°C)
Parameter
Drain to Source voltage
Gate to Source voltage
Drain current
Max drain current
Allowable power dissipation
Channel temperature
Storage temperature
Symbol
VDS
VGSO
ID
IDP
PD
Tch
Tstg
Ratings
50
10
50
100
150
150
−55 to +150
Unit
V
V
mA
mA
mW
°C
°C
s Electrical Characteristics (Ta = 25°C)
Parameter
Drain to Source cut-off current
Gate to Source leakage current
Drain to Source breakdown voltage
Gate threshold voltage
Drain to Source ON-resistance
Forward transfer admittance
Input capacitance (Common Source)
Output capacitance (Common Source)
Reverse transfer capacitance (Common Source)
Turn-on time
Turn-off time
Symbol
IDSS
IGSS
VDSS
Vth
RDS(on)*
1
| Yfs |
Ciss
Coss
Crss
ton*
2
toff*
2
Conditions
VDS = 20V, VGS = 0
VGS = 10V, VDS = 0
ID = 10µA, VGS = 0
ID = 100µA, VDS = 5V
ID = 10mA, VGS = 2.5V
ID = 10mA, VDS = 5V, f = 1kHz
VDS = 5V, VGS = 0, f = 1MHz
VDD = 5V, VGS = 0 to 2.5V, RL = 470Ω
VDD = 5V, VGS = 2.5 to 0V, RL = 470Ω
min
50
0.5
20
typ
100
0.8
27
39
4.5
4.1
1.2
0.2
0.2
Unit
µA
µA
V
V
mS
pF
pF
pF
µs
µs
max
1
1
1.1
50
*1 Pulse measurement
*2 t
on, toff measurement circuit
Vout
VDD = 5V
VGS = 2.5V
50
470
Vin
90%
10%
10%
90%
Vout
ton
toff


유사한 부품 번호 - 2SK1374

제조업체부품명데이터시트상세설명
logo
VBsemi Electronics Co.,...
2SK1374 VBSEMI-2SK1374 Datasheet
1,012Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Panasonic Semiconductor
2SK1374G0L PANASONIC-2SK1374G0L Datasheet
287Kb / 4P
   Silicon N-channel MOSFET
More results

유사한 설명 - 2SK1374

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com