전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLC100-7 데이터시트(PDF) 9 Page - C&D Technologies

부품명 SLC100-7
상세설명  40 Amp SINGLE OUTPUT QUARTER BRICK DC / DC CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CANDD [C&D Technologies]
홈페이지  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

SLC100-7 데이터시트(HTML) 9 Page - C&D Technologies

Back Button SLC100-7 Datasheet HTML 2Page - C&D Technologies SLC100-7 Datasheet HTML 3Page - C&D Technologies SLC100-7 Datasheet HTML 4Page - C&D Technologies SLC100-7 Datasheet HTML 5Page - C&D Technologies SLC100-7 Datasheet HTML 6Page - C&D Technologies SLC100-7 Datasheet HTML 7Page - C&D Technologies SLC100-7 Datasheet HTML 8Page - C&D Technologies SLC100-7 Datasheet HTML 9Page - C&D Technologies SLC100-7 Datasheet HTML 10Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
SLC100 1.2V Rev C 11/2004
Product: www.cdpoweronline.com
PERFORMANCE CURVES: SLC100 (1.2 VOUT)
Turn Off Time (VIN to VOUT)
Turn On Time (VIN to VOUT)
Efficiency vs. Input Voltage
@ T
A = +25
0C; I
O = 40A
Efficiency vs. Output Current
@ T
A = +25
0C; Vin = 48Vdc
Primary On Time (Primary Remote to VOUT)
Primary Off Time (Primary Remote to VOUT)
Time Scale = 1ms/div
V
OUT
V
IN
V
OUT
V
IN
Time Scale = 50us/div
Time Scale = 1ms/div
ON/OFF
V
OUT
Time Scale = 50us/div
V
OUT
V
OUT
ON/OFF


유사한 부품 번호 - SLC100-7

제조업체부품명데이터시트상세설명
logo
Murata Power Solutions ...
SLC100-7 MURATA-PS-SLC100-7 Datasheet
150Kb / 9P
   40 Amp Single Output Quarter Brick DC/DC Converter
More results

유사한 설명 - SLC100-7

제조업체부품명데이터시트상세설명
logo
Murata Power Solutions ...
SLC100 MURATA-PS-SLC100 Datasheet
150Kb / 9P
   40 Amp Single Output Quarter Brick DC/DC Converter
logo
C&D Technologies
VKQ100MS1V8 CANDD-VKQ100MS1V8 Datasheet
191Kb / 5P
   40 AMP, 1.8 VOUT, QUARTER BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
VSX40MD23C MURATA-PS-VSX40MD23C Datasheet
129Kb / 4P
   40 Watt Dual Output Quarter Brick DC/DC Converter
logo
C&D Technologies
VSX40MD23 CANDD-VSX40MD23 Datasheet
153Kb / 4P
   40 WATT DUAL OUTPUT QUARTER BRICK DC/DC CONVERTER
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com