전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

AM50DL128CG 데이터시트(HTML) 12 Page - SPANSION

부품명 AM50DL128CG
상세내용  Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
Download  63 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo SPANSION - SPANSION

AM50DL128CG 데이터시트(HTML) 12 Page - SPANSION

Back Button AM50DL128CG 데이터시트 HTML 8Page - SPANSION AM50DL128CG 데이터시트 HTML 9Page - SPANSION AM50DL128CG 데이터시트 HTML 10Page - SPANSION AM50DL128CG 데이터시트 HTML 11Page - SPANSION AM50DL128CG 데이터시트 HTML 12Page - SPANSION AM50DL128CG 데이터시트 HTML 13Page - SPANSION AM50DL128CG 데이터시트 HTML 14Page - SPANSION AM50DL128CG 데이터시트 HTML 15Page - SPANSION AM50DL128CG 데이터시트 HTML 16Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 63 page
background image
November 7, 2002
Am50DL128CG
11
P R E L I M I NARY
Table 1.
Device Bus Operations—Flash Word Mode
Legend: L = Logic Low = VIL, H = Logic High = VIH, VID = 11.5–12.5 V, VHH = 9.0 ± 0.5 V, X = Don’t Care, SADD = Flash Sector Address, AIN =
Address In, D
IN = Data In, DOUT = Data Out
Notes:
1.
Other operations except for those indicated in this column are
inhibited.
2.
Do not apply CE#f1 or 2 = V
IL, CE1#s = VIL and CE2s = VIH at the
same time.
3.
Active flash is device being addressed.
4.
Don’t care or open LB#s or UB#s.
5.
If WP#/ACC = V
IL , the boot sectors will be protected. If WP#/ACC
= V
IH the boot sectors protection will be removed.
If WP#/ACC = V
ACC (9V), the program time will be reduced by
40%.
6.
The sector protect and sector unprotect functions may also be
implemented via programming equipment. See the “Sector/Sector
Block Protection and Unprotection” section.
7.
If WP#/ACC = V
IL, the two outermost boot sectors remain
protected. If WP#/ACC = VIH, the two outermost boot sector
protection depends on whether they were last protected or
unprotected using the method described in “Sector/Sector Block
Protection and Unprotection”. If WP#/ACC = V
HH, all sectors will
be unprotected.
8.
Data will be retained in pSRAM.
9.
Data will be lost in pSRAM.
10. CE# inputs on both flash devices may be held low for this operation.
11.
Operation
(Notes 1, 2)
CE#f
Active
CE#f
Inactive CE1#ps CE2ps OE# WE#
Addr.
LB#s
UB#s RESET#
WP#/
ACC
(Note 5)
DQ7–
DQ0
DQ15–
DQ8
(Note 3)
Read from
Active Flash
(Note 8)
LH
HH
LH
A
IN
XX
H
L/H
D
OUT
D
OUT
(Note 9)
H
L
Write to Active
Flash
(Note 8)
LH
HH
HL
A
IN
XX
H
(Note 5)
D
IN
D
IN
(Note 9)
H
L
Standby
V
CC ± 0.3 V
HH
X
X
X
X
X
V
CC ±
0.3 V
H
High-Z
High-Z
Deep Power-down
Standby
V
CC ± 0.3 V
HL
X
X
X
X
X
V
CC ±
0.3 V
H
High-Z
High-Z
Output Disable (Note 10)
L
H
L
H
HH
X
X
X
H
L/H
High-Z
High-Z
HH
X
X
X
Flash Hardware
Reset
(Note 8)
X
HH
X
X
X
X
X
L
L/H
High-Z
High-Z
(Note 9)
H
L
Sector Protect
(Notes 6, 10)
(Note 8)
LH
HH
HL
SADD,
A6 = L,
A1 = H,
A0 = L
XX
V
ID
L/H
D
IN
X
(Note 9)
H
L
Sector
Unprotect
(Notes 6, 10)
(Note 8)
LH
HH
HL
SADD,
A6 = H,
A1 = H,
A0 = L
XX
V
ID
(Note 7)
D
IN
X
(Note 9)
H
L
Temporary
Sector
Unprotect
(Note 8)
X
HH
XX
X
X
X
VID
(Note 7)
DIN
High-Z
(Note 9)
H
L
Read from pSRAM
H
H
L
H
L
H
A
IN
LL
HX
D
OUT
D
OUT
H
L
High-Z
D
OUT
LH
D
OUT
High-Z
Write to pSRAM
H
H
L
H
X
L
A
IN
LL
HX
D
IN
D
IN
H
L
High-Z
D
IN
LH
D
IN
High-Z


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63 


데이터시트 Download

Go To PDF Page


링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn