전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI7402DN 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 SI7402DN
상세설명  N-Channel 12-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7402DN 데이터시트(HTML) 2 Page - Vishay Siliconix

  SI7402DN Datasheet HTML 1Page - Vishay Siliconix SI7402DN Datasheet HTML 2Page - Vishay Siliconix SI7402DN Datasheet HTML 3Page - Vishay Siliconix SI7402DN Datasheet HTML 4Page - Vishay Siliconix SI7402DN Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Si7402DN
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 72646
S-32522—Rev. A, 08-Dec-03
MOSFET SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 mA
0.45
0.85
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "8 V
"100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 12 V, VGS = 0 V
1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = 12 V, VGS = 0 V, TJ = 55_C
5
mA
On-State Drain Currenta
ID(on)
VDS w 5 V, VGS = 4.5 V
50
A
VGS = 4.5 V, ID = 20 A
0.0045
0.0057
Drain-Source On-State Resistancea
rDS(on)
VGS = 2.5 V, ID = 18 A
0.0053
0.0067
W
VGS = 1.8 V, ID = 1 A
0.0065
0.0085
Forward Transconductancea
gfs
VDS = 10 V, ID = 20 A
100
S
Diode Forward Voltagea
VSD
IS = 3.2 A, VGS = 0 V
0.70
1.2
V
Dynamicb
Total Gate Charge
Qg
36
55
Gate-Source Charge
Qgs
VDS = 6 V, VGS = 4.5 V, ID = 20 A
4
nC
Gate-Drain Charge
Qgd
9.5
Gate Resistance
Rg
1.8
W
Turn-On Delay Time
td(on)
35
55
Rise Time
tr
VDD = 6 V, RL = 6 W
65
100
Turn-Off Delay Time
td(off)
VDD = 6 V, RL = 6 W
ID ^ 1 A, VGEN = 4.5 V, Rg = 6 W
110
165
ns
Fall Time
tf
60
90
Source-Drain Reverse Recovery Time
trr
IF = 2.3 A, di/dt = 100 A/ms
40
80
Notes
a.
Pulse test; pulse width v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
10
20
30
40
50
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
0
10
20
30
40
50
0
1234
5
VGS = 5 thru 2 V
25_C
TC = 125_C
1 V
−55_C
Output Characteristics
Transfer Characteristics
VDS − Drain-to-Source Voltage (V)
VGS − Gate-to-Source Voltage (V)
1.5 V


유사한 부품 번호 - SI7402DN

제조업체부품명데이터시트상세설명
logo
Analog Devices
SI7401DN AD-SI7401DN Datasheet
416Kb / 24P
   Thermoelectric Cooler Controller
REV. C
logo
Vishay Siliconix
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
logo
Analog Devices
Si7401DN AD-Si7401DN Datasheet
279Kb / 22P
   Thermoelectric Cooler Controller
REV. D
logo
Vishay Siliconix
SI7401DN-RC VISHAY-SI7401DN-RC Datasheet
239Kb / 3P
   R-C Thermal Model Parameters
Revision 03-Mar-06
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
More results

유사한 설명 - SI7402DN

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI7104DN VISHAY-SI7104DN Datasheet
542Kb / 14P
   N-Channel 12-V (D-S) MOSFET
Rev. B, 17-Mar-08
SI7858BDP VISHAY-SI7858BDP Datasheet
515Kb / 13P
   N-Channel 12 V (D-S) MOSFET
Rev. A, 03-May-10
SIR492DP VISHAY-SIR492DP Datasheet
482Kb / 14P
   N-Channel 12-V (D-S) MOSFET
Rev. B, 22-Sep-08
SI7102DN VISHAY-SI7102DN Datasheet
581Kb / 14P
   N-Channel 12-V (D-S) MOSFET
Rev. B, 22-Dec-08
logo
Vishay Telefunken
SIS452DN TFUNK-SIS452DN Datasheet
568Kb / 13P
   N-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI4838BDY VISHAY-SI4838BDY_V01 Datasheet
919Kb / 9P
   N-Channel 12 V (D-S) MOSFET
01-Jan-2022
SI7104DN VISHAY-SI7104DN_V01 Datasheet
541Kb / 14P
   N-Channel 12-V (D-S) MOSFET
01-Jan-2022
logo
Vishay Telefunken
SIB404DK TFUNK-SIB404DK Datasheet
195Kb / 9P
   N-Channel 12 V (D-S) MOSFET
logo
Vishay Siliconix
SIUD412ED VISHAY-SIUD412ED Datasheet
185Kb / 7P
   N-Channel 12 V (D-S) MOSFET
Rev. A, 08-Aug-16
SI7858ADP VISHAY-SI7858ADP Datasheet
318Kb / 12P
   N-Channel 12-V (D-S) MOSFET
Rev. C, 03-Mar-08
SI7858BDP VISHAY-SI7858BDP_17 Datasheet
349Kb / 13P
   N-Channel 12 V (D-S) MOSFET
Rev. A, 03-May-10
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com