전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA8768AH 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 TDA8768AH
상세설명  12-bit, 70 Msps Analog-to-Digital Converter (ADC)
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8768AH 데이터시트(HTML) 5 Page - NXP Semiconductors

  TDA8768AH Datasheet HTML 1Page - NXP Semiconductors TDA8768AH Datasheet HTML 2Page - NXP Semiconductors TDA8768AH Datasheet HTML 3Page - NXP Semiconductors TDA8768AH Datasheet HTML 4Page - NXP Semiconductors TDA8768AH Datasheet HTML 5Page - NXP Semiconductors TDA8768AH Datasheet HTML 6Page - NXP Semiconductors TDA8768AH Datasheet HTML 7Page - NXP Semiconductors TDA8768AH Datasheet HTML 8Page - NXP Semiconductors TDA8768AH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
Philips Semiconductors
TDA8768A
12-bit, 70 Msps Analog-to-Digital Converter (ADC)
Product data
Rev. 02 — 03 July 2002
5 of 32
9397 750 09656
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
8.
Limiting values
n.c.
13
not connected
n.c.
14
not connected
VCCD2
15
digital supply voltage 2 (+5 V)
n.c.
16
not connected
DGND2
17
digital ground 2
OTC
18
control input twos complement output; active HIGH
CE
19
chip enable input (CMOS level; active LOW)
IR
20
in-range output
D11
21
data output; bit 11 (MSB)
D10
22
data output; bit 10
D9
23
data output; bit 9
D8
24
data output; bit 8
D7
25
data output; bit 7
D6
26
data output; bit 6
D5
27
data output; bit 5
D4
28
data output; bit 4
D3
29
data output; bit 3
D2
30
data output; bit 2
D1
31
data output; bit 1
D0
32
data output; bit 0 (LSB)
VCCO
33
output supply voltage (+3.3 V)
OGND
34
output ground
CLK
35
complementary clock input
CLK
36
clock input
VCCD1
37
digital supply voltage 1 (+5 V)
DGND1
38
digital ground 1
SH
39
sample-and-hold enable input (CMOS level; active HIGH)
AGND4
40
analog ground 4
VCCA4
41
analog supply voltage 4 (+5 V)
VI
42
analog input voltage
VI
43
complementary analog input voltage
AGND1
44
analog ground 1
Table 3:
Pin description…continued
Symbol
Pin
Description
Table 4:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCCA
analog supply voltage
[1]
−0.3
+7.0
V
VCCD
digital supply voltage
[1]
−0.3
+7.0
V
VCCO
output supply voltage
[1]
−0.3
+7.0
V


유사한 부품 번호 - TDA8768AH

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8768 PHILIPS-TDA8768 Datasheet
126Kb / 20P
   12-bit high-speed Analog-to-Digital Converter ADC
1998 Aug 26
TDA8768H PHILIPS-TDA8768H Datasheet
126Kb / 20P
   12-bit high-speed Analog-to-Digital Converter ADC
1998 Aug 26
TDA8768H/4 PHILIPS-TDA8768H/4 Datasheet
126Kb / 20P
   12-bit high-speed Analog-to-Digital Converter ADC
1998 Aug 26
TDA8768H/5 PHILIPS-TDA8768H/5 Datasheet
126Kb / 20P
   12-bit high-speed Analog-to-Digital Converter ADC
1998 Aug 26
More results

유사한 설명 - TDA8768AH

제조업체부품명데이터시트상세설명
logo
Texas Instruments
ADS5463 TI-ADS5463 Datasheet
1Mb / 25P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5522IPAP TI-ADS5522IPAP Datasheet
1Mb / 32P
[Old version datasheet]   12-Bit, 80 MSPS Analog-To-Digital Converter
ADS5463 TI-ADS5463_07 Datasheet
1Mb / 27P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5463-EP TI1-ADS5463-EP Datasheet
1Mb / 33P
[Old version datasheet]   12-BIT, 500-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5463-EP TI1-ADS5463-EP_14 Datasheet
1Mb / 32P
[Old version datasheet]   12-BIT, 500-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5520IPAP TI1-ADS5520IPAP Datasheet
1Mb / 38P
[Old version datasheet]   12-Bit, 125 MSPS Analog-To-Digital Converter
ADS5463 TI-ADS5463_08 Datasheet
1Mb / 37P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5522IPAP TI1-ADS5522IPAP Datasheet
1Mb / 32P
[Old version datasheet]   12-Bit, 80 MSPS Analog-To-Digital Converter
logo
Analog Devices
AD9613BCPZ-250 AD-AD9613BCPZ-250 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS,1.8 V Dual Analog-to-Digital Converter (ADC)
REV. C
AD9613 AD-AD9613 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com