전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK2538 데이터시트(PDF) 3 Page - Panasonic Semiconductor

부품명 2SK2538
상세설명  Silicon N-Channel Power F-MOS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANASONIC [Panasonic Semiconductor]
홈페이지  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SK2538 데이터시트(HTML) 3 Page - Panasonic Semiconductor

  2SK2538 Datasheet HTML 1Page - Panasonic Semiconductor 2SK2538 Datasheet HTML 2Page - Panasonic Semiconductor 2SK2538 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Rth – tP
Power F-MOS FETs
2SK2538
0.1
1
10
100
1000
10–4
10–3
10–2
10–1
110
102
103
104
Pulse width tP (s)
(1)
(2)
Notes: Rth was measured at Ta=25˚C
and under natural convection.
(1) PT=10V
× 0.2A(2W) and without heat sink
(2) PT=10V
× 1.0A(10W) and
with a 100
× 100 × 2mm Al heat sink


유사한 부품 번호 - 2SK2538

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
2SK2538 ISC-2SK2538 Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - 2SK2538

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
2SK2339 PANASONIC-2SK2339 Datasheet
50Kb / 3P
   Silicon N-Channel Power F-MOS
2SK759 PANASONIC-2SK759 Datasheet
80Kb / 2P
   Silicon N-channel Power F-MOS FET
2SK805 PANASONIC-2SK805 Datasheet
82Kb / 2P
   SILICON N-CHANNEL POWER F-MOS FET
2SK2124 PANASONIC-2SK2124 Datasheet
43Kb / 3P
   Silicon N-Channel Power F-MOS FET
2SK3023 PANASONIC-2SK3023 Datasheet
24Kb / 1P
   Silicon N-Channel Power F-MOS FET
2SK3026 PANASONIC-2SK3026 Datasheet
24Kb / 1P
   Silicon N-Channel Power F-MOS FET
2SK3028 PANASONIC-2SK3028 Datasheet
25Kb / 1P
   Silicon N-Channel Power F-MOS FET
2SK3029 PANASONIC-2SK3029 Datasheet
24Kb / 1P
   Silicon N-Channel Power F-MOS FET
2SK3037 PANASONIC-2SK3037 Datasheet
24Kb / 1P
   Silicon N-Channel Power F-MOS FET
2SK3047 PANASONIC-2SK3047 Datasheet
44Kb / 3P
   Silicon N-Channel Power F-MOS FET
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com