전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9216BCPZ-105 데이터시트(PDF) 9 Page - Analog Devices

부품명 AD9216BCPZ-105
상세설명  10-Bit, 65/80/105 MSPS Dual A/D Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9216BCPZ-105 데이터시트(HTML) 9 Page - Analog Devices

Back Button AD9216BCPZ-105 Datasheet HTML 5Page - Analog Devices AD9216BCPZ-105 Datasheet HTML 6Page - Analog Devices AD9216BCPZ-105 Datasheet HTML 7Page - Analog Devices AD9216BCPZ-105 Datasheet HTML 8Page - Analog Devices AD9216BCPZ-105 Datasheet HTML 9Page - Analog Devices AD9216BCPZ-105 Datasheet HTML 10Page - Analog Devices AD9216BCPZ-105 Datasheet HTML 11Page - Analog Devices AD9216BCPZ-105 Datasheet HTML 12Page - Analog Devices AD9216BCPZ-105 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Preliminary Technical Data
AD9216
Rev. PrD
Page 9 of 20
6/15/2004
Table 7. Pin Function Descriptions
Pin
Number
Mnemonic
Description
2
VIN+_A
Analog Input Pin (+) for Channel A
3
VIN–_A
Analog Input Pin (- ) for Channel A
15
VIN+_B
Analog Input Pin (+) for Channel B
14
VIN- _B
Analog Input Pin (- ) for Channel B
6
REFT_A
Differential Reference (+) for Channel A
7
REFB_A
Differential Reference (- ) for Channel A
11
REFT_B
Differential Reference (+) for Channel B
10
REFB_B
Differential Reference (- ) for Channel B
8
VREF
Voltage Reference Input/Output
9
SENSE
Reference Mode Selection
18
CLK_B
Clock Input Pin for Channel B
63
CLK_A
Clock Input Pin for Channel A
19
DCS
Enable Duty Cycle Stabilizer (DCS) Mode ( Tie to AVDD to enable)
20
DFS
Data Output Format Select Bit (Low for Offset Binary, High for Twos Complement)
21
PDWN_B
Power-Down Function Selection for Channel B (Active High)
60
PDWN_A
Power-Down Function Selection for Channel A (Active High)
22
OEB_B
Output Enable Bit for Channel B (Low Setting Enables Channel B Output Data Bus)
59
OEB_A
Output Enable Bit for Channel A (Low Setting Enables Channel A Output Data Bus)
46–51, 54-
57
D0_A (LSB)-D9_A
(MSB)
Channel A Data Output Bits
27, 30-38
D0_B (LSB) –D9_B
(MSB)
Channel B Data Output Bits
39
OTR_B
Out-of-Range Indicator for Channel B
58
OTR_A
Out-of-Range Indicator for Channel A
62
SHARED_REF
Shared Reference Control Bit (Low for Independent Reference Mode, High for Shared
Reference Mode)
61
MUX_SELECT
Data Multiplexed Mode. (See description for how to enable; high setting disables output data
Multiplexed mode)
5, 12, 17,
64
AVDD
Analog Power Supply
1, 4, 13, 16
AGND
Analog Ground
28, 40, 53
DRGND
Digital Output Ground
29, 41, 52
DRVDD
Digital Output Driver Supply. Must be decoupled to DRGND with a minimum 0.1 µF capacitor.
Recommended decoupling is 0.1 µF capacitor in parallel with 10 µF
23-26, 42-
45
DNC
Do Not Connect Pins. Should be left floating.


유사한 부품 번호 - AD9216BCPZ-105

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9216BCPZ-105 AD-AD9216BCPZ-105 Datasheet
1Mb / 41P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
More results

유사한 설명 - AD9216BCPZ-105

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9216 AD-AD9216_15 Datasheet
2Mb / 40P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
REV. A
AD9216 AD-AD9216_17 Datasheet
1Mb / 41P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
AD9215 AD-AD9215 Datasheet
1Mb / 36P
   10-Bit, 65/80/105 MSPS, 3V A/D Converter
REV. A
AD9215 AD-AD9215_13 Datasheet
962Kb / 36P
   10-Bit, 65/80/105 MSPS, 3 V A/D Converter
REV. B
logo
Hittite Microwave Corpo...
HMCAD1040-80 HITTITE-HMCAD1040-80 Datasheet
923Kb / 14P
   Dual 10-Bit 65/80 MSPS A/D Converter
logo
Analog Devices
AD9215 AD-AD9215_15 Datasheet
962Kb / 36P
   10-Bit, 65/80/105 MSPS, 3 V A/D Converter
REV. B
AD9214BRSZ-105 AD-AD9214BRSZ-105 Datasheet
453Kb / 20P
   10-Bit, 65/80/105 MSPS 3 V A/D Converter
REV. D
AD9214 AD-AD9214 Datasheet
447Kb / 20P
   10-Bit, 65/80/105 MSPS 3 V A/D Converter
REV. D
AD9218 AD-AD9218 Datasheet
1Mb / 24P
   10-Bit, 40/65/80/105 MSPS 3 V Dual A/D Converter
REV. 0
logo
National Semiconductor ...
ADC14C065 NSC-ADC14C065 Datasheet
614Kb / 17P
   14-Bit, 65/80/95/105 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com