์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

S1117APIC ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 3 Page - AUK corp

๋ถ€ํ’ˆ๋ช… S1117APIC
์ƒ์„ธ๋‚ด์šฉ  Adjustable and Fixed LDO Voltage Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  AUK [AUK corp]
ํ™ˆํŽ˜์ด์ง€  https:www.auk.co.kr
Logo 

S1117APIC ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 3 Page - AUK corp

   
Zoom Inzoom in Zoom Outzoom out
/ 6 page
 3 / 6 page
background image
KSI-2065-002
3
S1117APIC/S1117-xxPIC
Electrical Characteristics
(Electrical Characteristics at TJ = 25โ„ƒ and VI=(VO+1.5V), IL=10 ใŽƒ, CO=10 ใŽŒ unless otherwise specified.)
Characteristic
Symbol
Device
Test Condition
Min
Typ
Max
Unit
VI = (VO+1.5V),IO = 10 ใŽƒ
1.225
1.275
S1117A
VI = (VO+1.5V) to 7V
IO = 0 to 1000 ใŽƒ
*
1.200
1.25
1.300
VI = (VO+1.5V),IO = 10 ใŽƒ
1.470
1.530
S1117-
15
VI = (VO+1.5V) to 7V
IO = 0 to 1000 ใŽƒ
*
1.440
1.5
1.560
VI = (VO+1.5V),IO = 10 ใŽƒ
1.764
1.836
S1117-
18
VI = (VO+1.5V) to 7V
IO = 0 to 1000 ใŽƒ
*
1.728
1.8
1.872
VI = (VO+1.5V),IO = 10 ใŽƒ
2.450
2.550
S1117-
25
VI = (VO+1.5V) to 7V
IO = 0 to 1000 ใŽƒ
*
2.400
2.5
2.600
VI = (VO+1.5V),IO = 10 ใŽƒ
2.793
2.907
S1117-
285
VI = (VO+1.5V) to 7V
IO = 0 to 1000 ใŽƒ
*
2.736
2.85
2.964
VI = (VO+1.5V),IO = 10 ใŽƒ
3.234
3.3
3.366
S1117-
33
VI = (VO+1.5V) to 7V
IO = 0 to 1000 ใŽƒ
*
3.168
3.432
VI = (VO+1.5V),IO = 10 ใŽƒ
4.900
5.0
5.100
Output Voltage
VO
S1117-
50
VI = (VO+1.5V) to 7V
IO = 0 to 1000 ใŽƒ
*
4.800
5.200
V
Line Regulation
(Note2)
โ–ณ
VO(โ–ณVI)
All
1.5Vโ‰ค VI-VOโ‰ค7V
IO=10 ใŽƒ
-
5
10
ใŽท
Load Regulation
(Note2)
โ–ณ
VO(โ–ณIL)
All
VI=(VO+1.5V)
IO=10 ใŽƒ ~ 1000 ใŽƒ
-
10
30
ใŽท
Quiescent
Current
IQC
All
VI= VO + 1.5V
VADJ=0V
*
-
7
13
ใŽƒ
Minimum Load
Current
IL(MIN)
S1117A
VI=(VO+1.5V), VO=0V
*
3
7
ใŽƒ
Adjust Pin
Current
IADJ
S1117A
VI = (VO+1.5V) to 7V
IO = 10 ใŽƒ
*
55
90
ใŽ‚
Dropout Voltage
(Note4)
VDROP
All
IO =1000 ใŽƒ
*
-
1.2
1.3
V
Ripple Rejection
(Note3)
RR
All
VI-VO=1.5V, IO=1000 ใŽƒ
VRipple=1VP-P , f=120 ใސ
60
72
-
ใˆ
Current Limit
ILIMIT
All
(VI-VO)=1.5V
*
1
A
The * denotes the specifications which apply over the full temperature range.
Note 2: Low duty pulse testing with Kelvin connections required.
Note 3: 120 ใސ input ripple (CADJ for ADJ=25 ใŽŒ)
Note 4:
V
โ–ณ
O = 1%


Html Pages

1  2  3  4  5  6 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn