전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC100ES6056EJ 데이터시트(PDF) 4 Page - Freescale Semiconductor, Inc

부품명 MC100ES6056EJ
상세설명  2.5 V/3.3 V ECL/PECL/LVDS Dual Differential 2:1 Multiplexer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC100ES6056EJ 데이터시트(HTML) 4 Page - Freescale Semiconductor, Inc

  MC100ES6056EJ Datasheet HTML 1Page - Freescale Semiconductor, Inc MC100ES6056EJ Datasheet HTML 2Page - Freescale Semiconductor, Inc MC100ES6056EJ Datasheet HTML 3Page - Freescale Semiconductor, Inc MC100ES6056EJ Datasheet HTML 4Page - Freescale Semiconductor, Inc MC100ES6056EJ Datasheet HTML 5Page - Freescale Semiconductor, Inc MC100ES6056EJ Datasheet HTML 6Page - Freescale Semiconductor, Inc MC100ES6056EJ Datasheet HTML 7Page - Freescale Semiconductor, Inc MC100ES6056EJ Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Advanced Clock Drivers Device Data
4
Freescale Semiconductor
MC100ES6056
Figure 2. Typical Termination for Output Driver and Device Evaluation
Table 6. AC Characteristics (VCC = 0 V; VEE = –2.5 V ± 5% or –3.8 V to –3.135 V; VCC = 2.5 V ± 5% or 3.135 V to 3.8 V;
VEE = 0 V)(1)
1. Measured using a 750 mV source, 50% duty cycle clock source. All loading with 50
Ω to VCC–2.0 V.
Symbol
Characteristics
–40°C to 85°C
Unit
Min
Typ
Max
fmax
Maximum Frequency
> 3
GHz
tPLH, tPHL Propagation Delay to Output Differential
D to Q, Q
SEL to Q, Q
COM_SEL to Q, Q
300
300
300
400
430
490
500
600
650
ps
ps
ps
tSKEW
Skew
Output-to-Output(2)
Part-to-Part
2. Skew is measured between outputs under identical transitions. Duty cycle skew is defined only for differential operation when the delays are
measured from the cross point of the inputs to the cross point of the outputs.
10
50
200
ps
ps
tJITTER
Cycle-to-Cycle Jitter
RMS (1
σ)
1
ps
VPP
Minimum Input Swing
200
800
1200
mV
VCMR
Differential Cross Point Voltage
VCC–2.1
VCC–1.1
V
tr / tf
Output Rise/Fall Time (20%–80%)
70
120
230
ps
Driver
Device
Receiver
Device
QD
D
Q
50
50
VTT
VTT = VCC – 2.0 V


유사한 부품 번호 - MC100ES6056EJ

제조업체부품명데이터시트상세설명
logo
Integrated Device Techn...
MC100ES6056EJ IDT-MC100ES6056EJ Datasheet
1Mb / 9P
   2.5V, 3.3V ECL/LVPECL/LVDS DUAL DIFFERENTIAL 2:1 MULTIPLEXER
logo
Renesas Technology Corp
MC100ES6056EJ RENESAS-MC100ES6056EJ Datasheet
632Kb / 11P
   2.5V, 3.3V ECL/LVPECL/LVDS Dual Differential 2:1 Multiplexer
2019
logo
Integrated Device Techn...
MC100ES6056EJR2 IDT-MC100ES6056EJR2 Datasheet
1Mb / 9P
   2.5V, 3.3V ECL/LVPECL/LVDS DUAL DIFFERENTIAL 2:1 MULTIPLEXER
logo
Renesas Technology Corp
MC100ES6056EJR2 RENESAS-MC100ES6056EJR2 Datasheet
632Kb / 11P
   2.5V, 3.3V ECL/LVPECL/LVDS Dual Differential 2:1 Multiplexer
2019
More results

유사한 설명 - MC100ES6056EJ

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC100LVEL56 ONSEMI-MC100LVEL56_16 Datasheet
154Kb / 6P
   3.3V ECL Dual Differential 2:1 Multiplexer
July, 2016 ??Rev. 13
logo
Freescale Semiconductor...
MC100ES6014 FREESCALE-MC100ES6014 Datasheet
261Kb / 8P
   2.5 V/3.3 V 1:5 Differential ECL/PECL/HSTL/LVDS Clock Driver
logo
Renesas Technology Corp
MC100ES6014 RENESAS-MC100ES6014 Datasheet
646Kb / 9P
   2.5 V/3.3 V 1:5 Differential ECL/PECL/HSTL/LVDS Clock Driver
2019
logo
Texas Instruments
SN65LVEP11_101 TI-SN65LVEP11_101 Datasheet
454Kb / 13P
[Old version datasheet]   2.5 V/3.3 V PECL/ECL 1:2 Fanout Buffer
SN65LVEP11 TI-SN65LVEP11 Datasheet
273Kb / 10P
[Old version datasheet]   2.5 V/3.3 V PECL/ECL 1:2 Fanout Buffer
SN65LVEP11 TI-SN65LVEP11_10 Datasheet
405Kb / 12P
[Old version datasheet]   2.5 V/3.3 V PECL/ECL 1:2 Fanout Buffer
logo
Maxim Integrated Produc...
MAX9384 MAXIM-MAX9384 Datasheet
235Kb / 10P
   ECL/PECL Dual Differential 2:1 Multiplexer
Rev 0; 7/02
logo
NXP Semiconductors
PCKEP14 PHILIPS-PCKEP14 Datasheet
351Kb / 15P
   2.5 V/3.3 V 1:5 differential ECL/PECL/HSTL clock driver
Rev. 01-30 October 2002
logo
Renesas Technology Corp
MC100ES6011 RENESAS-MC100ES6011 Datasheet
440Kb / 9P
   2.5 V/3.3 V ECL 1:2 Differential Fanout Buffer
2019
logo
ON Semiconductor
MC100LVEL58 ONSEMI-MC100LVEL58_16 Datasheet
150Kb / 6P
   3.3V ECL 2:1 Multiplexer
July, 2016 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com