전자부품 데이터시트 검색엔진 |
|
SN74AUC125RGYR 데이터시트(PDF) 2 Page - Texas Instruments |
|
|
SN74AUC125RGYR 데이터시트(HTML) 2 Page - Texas Instruments |
2 / 9 page www.ti.com 1 1OE 2 1A 1Y 3 4 2OE 5 2A 2Y 6 10 3OE 9 3A 3Y 8 13 4OE 12 4A 4Y 11 Absolute Maximum Ratings (1) SN74AUC125 QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS SCES508A – NOVEMBER 2003 – REVISED MARCH 2005 LOGIC DIAGRAM (POSITIVE LOGIC) over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT VCC Supply voltage range –0.5 3.6 V VI Input voltage range(2) –0.5 3.6 V VO Voltage range applied to any output in the high-impedance or power-off state(2) –0.5 3.6 V VO Output voltage range(2) –0.5 VCC + 0.5 V IIK Input clamp current VI < 0 –50 mA IOK Output clamp current VO < 0 –50 mA IO Continuous output current ±20 mA Continuous current through VCC or GND ±100 mA θ JA Package thermal impedance(3) 47 °C/W Tstg Storage temperature range –65 150 °C (1) Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) The input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed. (3) The package thermal impedance is calculated in accordance with JESD 51-5. 2 |
유사한 부품 번호 - SN74AUC125RGYR |
|
유사한 설명 - SN74AUC125RGYR |