전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC2574-5.0VPA 데이터시트(PDF) 11 Page - TelCom Semiconductor, Inc

부품명 TC2574-5.0VPA
상세설명  0.5A Step-Down Switching Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TELCOM [TelCom Semiconductor, Inc]
홈페이지  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC2574-5.0VPA 데이터시트(HTML) 11 Page - TelCom Semiconductor, Inc

Back Button TC2574-5.0VPA Datasheet HTML 7Page - TelCom Semiconductor, Inc TC2574-5.0VPA Datasheet HTML 8Page - TelCom Semiconductor, Inc TC2574-5.0VPA Datasheet HTML 9Page - TelCom Semiconductor, Inc TC2574-5.0VPA Datasheet HTML 10Page - TelCom Semiconductor, Inc TC2574-5.0VPA Datasheet HTML 11Page - TelCom Semiconductor, Inc TC2574-5.0VPA Datasheet HTML 12Page - TelCom Semiconductor, Inc TC2574-5.0VPA Datasheet HTML 13Page - TelCom Semiconductor, Inc TC2574-5.0VPA Datasheet HTML 14Page - TelCom Semiconductor, Inc TC2574-5.0VPA Datasheet HTML 15Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
11
TC2574
0.5A Step-Down Switching Regulator
TC2574-1 1/6/00
Table 2. Inductor Selection Guide
Inductor Value
Pulse Engineering
Tech 89
Renco
NPI
68
µH
*
55 258 SN
RL–1284–68
NP5915
100
µH
*
55 308 SN
RL–1284–100
NP5916
150
µH
52625
55 356 SN
RL–1284–150
NP5917
220
µH
52626
55 406 SN
RL–1284–220
NP5918/5919
330
µH
52627
55 454 SN
RL–1284–330
NP5920/5921
470
µH
52628
*
RL–1284–470
NP5922
680
µH
52629
55 504 SN
RL–1284–680
NP5923
1000
µH
52631
55 554 SN
RL–1284–1000
*
1500
µH*
*
RL–1284–1500
*
2200
µH*
*
RL–1284–2200
*
Table 3. Example of Several Inductor Manufacturers Phone/Fax Numbers
Pulse Engineering Inc.
Phone
+ 1–619–674–8100
Fax
+ 1–619–674–8262
Pulse Engineering Inc. Europe
Phone
+ 353–9324–107
Fax
+ 353–9324–459
Renco Electronics Inc.
Phone
+ 1–516–645–5828
Fax
+ 1–516–586–5562
Tech 39
Phone
+ 33–1–4115–1681
Fax
+ 33–1–4709–5051
NPI/APC
Phone
+ 44–634–290–588
Fax


유사한 부품 번호 - TC2574-5.0VPA

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
TC2571 ETC1-TC2571 Datasheet
151Kb / 3P
   1W Low-Cost Packaged PHEMT GaAs Power FETs
logo
Transcom, Inc.
TC2571 TRANSCOM-TC2571 Datasheet
196Kb / 3P
   1 W Low-Cost Packaged PHEMT GaAs Power FETs
logo
TelCom Semiconductor, I...
TC2575 TELCOM-TC2575 Datasheet
168Kb / 25P
   1.0A Step-Down Switching Regulator
TC2575-12.0VAT TELCOM-TC2575-12.0VAT Datasheet
168Kb / 25P
   1.0A Step-Down Switching Regulator
TC2575-3.3VAT TELCOM-TC2575-3.3VAT Datasheet
168Kb / 25P
   1.0A Step-Down Switching Regulator
More results

유사한 설명 - TC2574-5.0VPA

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM25007 NSC-LM25007 Datasheet
617Kb / 12P
   42V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25007 TI1-LM25007_14 Datasheet
933Kb / 17P
[Old version datasheet]   42V, 0.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25007 NSC-LM25007_08 Datasheet
282Kb / 12P
   42V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25007MMX TI-LM25007MMX Datasheet
924Kb / 19P
[Old version datasheet]   LM25007 42V, 0.5A Step-Down Switching Regulator
LM25007 TI-LM25007_15 Datasheet
956Kb / 20P
[Old version datasheet]   LM25007 42V, 0.5A Step-Down Switching Regulator
LM25007MMX TI1-LM25007MMX Datasheet
950Kb / 19P
[Old version datasheet]   LM25007 42V, 0.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM5574 NSC-LM5574_09 Datasheet
446Kb / 22P
   SIMPLE SWITCHER 75V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25574 TI1-LM25574_17 Datasheet
970Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM5574 TI1-LM5574_14 Datasheet
911Kb / 28P
[Old version datasheet]   SIMPLE SWITCHER짰 75V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_14 Datasheet
929Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 42V, 0.5A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com