전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS84118T-166 데이터시트(PDF) 3 Page - GSI Technology

부품명 GS84118T-166
상세설명  256K x 18 Sync Cache Tag
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GSI [GSI Technology]
홈페이지  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS84118T-166 데이터시트(HTML) 3 Page - GSI Technology

  GS84118T-166 Datasheet HTML 1Page - GSI Technology GS84118T-166 Datasheet HTML 2Page - GSI Technology GS84118T-166 Datasheet HTML 3Page - GSI Technology GS84118T-166 Datasheet HTML 4Page - GSI Technology GS84118T-166 Datasheet HTML 5Page - GSI Technology GS84118T-166 Datasheet HTML 6Page - GSI Technology GS84118T-166 Datasheet HTML 7Page - GSI Technology GS84118T-166 Datasheet HTML 8Page - GSI Technology GS84118T-166 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Rev: 1.05 7/2001
3/30
© 1999, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS84118T/B-166/150/130/100
84118 PadOut
119-Bump BGA—Top View
1
2
3
4
5
6
7
A
V
DDQ
A6
A7
ADSP
A8
A9
V
DDQ
B
NC
E2
A4
ADSC
A15
E3
NC
C
NC
A5
A3
V
DD
A14
A16
NC
D
DQB1
NC
V
SS
NC
V
SS
DQP1
NC
E
NC
DQB2
V
SS
E1
V
SS
NC
DQA8
F
V
DDQ
NC
V
SS
G
V
SS
DQA7
V
DDQ
G
NC
DQB3
BB
ADV
NC
NC
DQA6
H
DQB4
NC
V
SS
GW
V
SS
DQA5
NC
J
V
DDQ
V
DD
NC
V
DD
NC
V
DD
V
DDQ
K
NC
DQB5
V
SS
CK
V
SS
NC
DQA4
L
DQB6
NC
NC
NC
BA
DQA3
NC
M
V
DDQ
DQB7
V
SS
BW
V
SS
MATCH
V
DDQ
N
DQB8
NC
V
SS
A1
V
SS
DQA2
DE
P
NC
DQP2
V
SS
A0
V
SS
MOE
DQA1
R
NC
A2
LBO
V
DD
FT
A13
NC
T
NC
A10
A11
NC
A12
A17
ZZ
U
V
DDQ
TMS
TDI
NC
TDO
TCK
V
DDQ


유사한 부품 번호 - GS84118T-166

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS84118AB-100 GSI-GS84118AB-100 Datasheet
404Kb / 20P
   256K x 18 Sync Cache Tag
GS84118AB-100I GSI-GS84118AB-100I Datasheet
404Kb / 20P
   256K x 18 Sync Cache Tag
GS84118AB-133 GSI-GS84118AB-133 Datasheet
404Kb / 20P
   256K x 18 Sync Cache Tag
GS84118AB-150 GSI-GS84118AB-150 Datasheet
404Kb / 20P
   256K x 18 Sync Cache Tag
GS84118AB-150I GSI-GS84118AB-150I Datasheet
404Kb / 20P
   256K x 18 Sync Cache Tag
More results

유사한 설명 - GS84118T-166

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS841E18AT GSI-GS841E18AT Datasheet
600Kb / 21P
   256K x 18 Sync Cache Tag
GS84118AT GSI-GS84118AT Datasheet
404Kb / 20P
   256K x 18 Sync Cache Tag
logo
Cypress Semiconductor
CY7C1359A CYPRESS-CY7C1359A Datasheet
237Kb / 24P
   256K x 18 Synchronous-Pipelined Cache Tag RAM
logo
Weida Semiconductor, In...
WCSS0418V1P WEIDA-WCSS0418V1P Datasheet
664Kb / 17P
   256K x 18 Synchronous-Pipelined Cache RAM
logo
Cypress Semiconductor
CY7C1325B CYPRESS-CY7C1325B Datasheet
339Kb / 17P
   256K x 18 Synchronous 3.3V Cache RAM
logo
Weida Semiconductor, In...
WCSS0418V1F WEIDA-WCSS0418V1F Datasheet
647Kb / 18P
   256K x 18 Synchronous 3.3V Cache RAM
logo
Cypress Semiconductor
CY7C1327B CYPRESS-CY7C1327B Datasheet
596Kb / 17P
   256K x 18 Synchronous-Pipelined Cache RAM
CY7C1325 CYPRESS-CY7C1325 Datasheet
270Kb / 16P
   256K x 18 Synchronous 3.3V Cache RAM
logo
Weida Semiconductor, In...
WCSS0436V1P WEIDA-WCSS0436V1P Datasheet
647Kb / 18P
   256K x 18 Synchronous 3.3V Cache RAM
logo
Motorola, Inc
MCM69T618 MOTOROLA-MCM69T618 Datasheet
177Kb / 10P
   64K x 18 Bit Synchronous Pipelined Cache Tag RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com