전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC7MB3253FK 데이터시트(PDF) 3 Page - Toshiba Semiconductor

부품명 TC7MB3253FK
상세설명  TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MB3253FK 데이터시트(HTML) 3 Page - Toshiba Semiconductor

  TC7MB3253FK Datasheet HTML 1Page - Toshiba Semiconductor TC7MB3253FK Datasheet HTML 2Page - Toshiba Semiconductor TC7MB3253FK Datasheet HTML 3Page - Toshiba Semiconductor TC7MB3253FK Datasheet HTML 4Page - Toshiba Semiconductor TC7MB3253FK Datasheet HTML 5Page - Toshiba Semiconductor TC7MB3253FK Datasheet HTML 6Page - Toshiba Semiconductor TC7MB3253FK Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TC7MB3253FK
2001-09-12
3
Maximum Ratings
Characteristics
Symbol
Rating
Unit
Power supply range
VCC
−0.5~7.0
V
DC input voltage
VIN
−0.5~7.0
V
DC switch voltage
VS
−0.5~7.0
V
Input diode current
IIK
−50
mA
Continuous channel current
IS
128
mA
Power dissipation
PD
180
mW
DC VCC/GND current
ICC/IGND
±100
mA
Storage temperature
Tstg
−65~150
°C
Recommended Operating Conditions
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
4.5~5.5
V
Input voltage
VIN
0~5.5
V
Switch voltage
VS
0~5.5
V
Operating temperature
Topr
−40~85
°C
Input rise and fall time
dt/dv
0~10
ns/V
Electrical Characteristics
DC Characteristics (Ta
==== −−−−40~85°C)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
(Note1)
Max
Unit
“H” level
VIH
4.5~5.5
2.0
Input voltage
“L” level
VIL
4.5~5.5
0.8
V
Input leakage current
IIN
VIN = 0~5.5 V
4.5~5.5
±1.0
µA
Power off leakage current
IOFF
A, B,
OE
= 0~5.5 V
0
±1.0
µA
Off-state leakage current
(switch off)
ISZ
A, B
= 0~5.5 V, OE = VCC
4.5~5.5
±1.0
µA
IIS = 64 mA
4.5
5
7
VIS = 0 V
IIS = 30 mA
4.5
5
7
On resistance
(Note2)
RON
VIS = 2.4 V, IIS = 15 mA
4.5
10
15
ICC
VIN = VCC or GND, IOUT = 0
5.5
10
µA
Increase in ICC per input
∆ICC
VIN = 3.4 V (one input)
5.5
2.5
mA
Note 1: Typical values are at VCC = 5 V, Ta = 25°C.
Note 2: Measured by the voltage drop between A and B pins at the indicated current through the switch. On
resistance is determined by the lower of the voltages on the two (A or B) pins.


유사한 부품 번호 - TC7MB3253FK

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7MB3253FK TOSHIBA-TC7MB3253FK Datasheet
170Kb / 7P
   Dual 1-of-4 FET Multiplexer/Demultiplexer
TC7MB3253FK TOSHIBA-TC7MB3253FK Datasheet
129Kb / 8P
   Dual 1-of-4 FET Multiplexer/Demultiplexer
TC7MB3253FK TOSHIBA-TC7MB3253FK_07 Datasheet
170Kb / 7P
   Dual 1-of-4 FET Multiplexer/Demultiplexer
More results

유사한 설명 - TC7MB3253FK

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7MH175FK TOSHIBA-TC7MH175FK Datasheet
149Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC83220-0020 TOSHIBA-TC83220-0020 Datasheet
224Kb / 16P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7MH574FK TOSHIBA-TC7MH574FK Datasheet
126Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC390F TOSHIBA-TC74AC390F Datasheet
315Kb / 8P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74ACT32F TOSHIBA-TC74ACT32F Datasheet
247Kb / 6P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC283AP TOSHIBA-TC74HC283AP Datasheet
287Kb / 7P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7WB126FK TOSHIBA-TC7WB126FK Datasheet
98Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7PA05FU TOSHIBA-TC7PA05FU Datasheet
181Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LVX125FTELM TOSHIBA-TC74LVX125FTELM Datasheet
190Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10DPU TOSHIBA-TCS10DPU_14 Datasheet
162Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10SLU TOSHIBA-TCS10SLU_14 Datasheet
217Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7