전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STGW30NC120HD 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 STGW30NC120HD
상세설명  N-CHANNEL 30A - 1200V - TO-247 VERY FAST PowerMESH-TM IGBT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW30NC120HD 데이터시트(HTML) 1 Page - STMicroelectronics

  STGW30NC120HD Datasheet HTML 1Page - STMicroelectronics STGW30NC120HD Datasheet HTML 2Page - STMicroelectronics STGW30NC120HD Datasheet HTML 3Page - STMicroelectronics STGW30NC120HD Datasheet HTML 4Page - STMicroelectronics STGW30NC120HD Datasheet HTML 5Page - STMicroelectronics STGW30NC120HD Datasheet HTML 6Page - STMicroelectronics STGW30NC120HD Datasheet HTML 7Page - STMicroelectronics STGW30NC120HD Datasheet HTML 8Page - STMicroelectronics STGW30NC120HD Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TARGET SPECIFICATION
Rev 1
November 2005
1/9
9
This is a preliminary information on a new product foreseen to be developed. Details are subject to change without notice
STGW30NC120HD
N-CHANNEL 30A - 1200V - TO-247
VERY FAST PowerMESH™ IGBT
General features
LOW ON-LOSSES
LOW ON-VOLTAGE DROP (Vcesat)
HIGH CURRENT CAPABILITY
HIGH INPUT IMPEDANCE (VOLTAGE
DRIVEN)
LOW GATE CHARGE
VERY HIGH FREQUENCY OPERATION
LATCH CURRENT FREE OPERATION
Description
Using the latest high voltage technology based on
its patented strip layout, STMicroelectronics has
designed an advanced family of IGBTs, with
outstanding
performances.
The
suffix
“H”
identifies a family optimized for high frequency
application in order to achieve very high switching
performances (reduced tfall) mantaining a low
voltage drop.
Applications
HIGH FREQUENCY MOTOR CONTROL
U.P.S
WELDING EQUIPMENT
INDUCTION HEATING
Order codes
Internal schematic diagram
Type
VCES
VCE(sat)
(Max) @ 25°C
IC
STGW30NC120HD
1200V
< 2.8V
30A
1
2
3
TO-247
Sales Type
Marking
Package
Packaging
STGW30NC120HD
GW30NC120HD
TO-247
TUBE
www.st.com


유사한 부품 번호 - STGW30NC120HD

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STGW30NC120HD STMICROELECTRONICS-STGW30NC120HD Datasheet
295Kb / 13P
   N-channel 1200V - 30A - TO-247 Very fast PowerMESH TM IGBT
STGW30NC120HD STMICROELECTRONICS-STGW30NC120HD Datasheet
305Kb / 13P
   N-channel 1200V - 30A - TO-247 very fast PowerMESH IGBT
STGW30NC120HD STMICROELECTRONICS-STGW30NC120HD_07 Datasheet
295Kb / 13P
   N-channel 1200V - 30A - TO-247 Very fast PowerMESH TM IGBT
STGW30NC120HD_0710 STMICROELECTRONICS-STGW30NC120HD_0710 Datasheet
305Kb / 13P
   N-channel 1200V - 30A - TO-247 very fast PowerMESH IGBT
More results

유사한 설명 - STGW30NC120HD

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STGW30NC120HD STMICROELECTRONICS-STGW30NC120HD_07 Datasheet
295Kb / 13P
   N-channel 1200V - 30A - TO-247 Very fast PowerMESH TM IGBT
STGW30NC120HD_0710 STMICROELECTRONICS-STGW30NC120HD_0710 Datasheet
305Kb / 13P
   N-channel 1200V - 30A - TO-247 very fast PowerMESH IGBT
STGW20NC60VD STMICROELECTRONICS-STGW20NC60VD Datasheet
303Kb / 11P
   N-CHANNEL 30A - 600V TO-247 Very Fast PowerMESH IGBT
STGW30N90D STMICROELECTRONICS-STGW30N90D Datasheet
159Kb / 10P
   N-channel 900V - 30A - TO-247 Very fast PowerMESH IGBT
STGP20NC60V STMICROELECTRONICS-STGP20NC60V Datasheet
293Kb / 11P
   N-CHANNEL 30A - 600V - TO-220/TO-247 Very Fast PowerMESH IGBT
STGW39NC60VD STMICROELECTRONICS-STGW39NC60VD_06 Datasheet
285Kb / 13P
   N-channel 40A - 600V - TO-247 Very fast switching PowerMESH TM IGBT
STGW30NC60VD STMICROELECTRONICS-STGW30NC60VD Datasheet
411Kb / 13P
   N-channel 40A - 600V - TO-247 Very fast switching PowerMESH TM IGBT
STGP30NC60W STMICROELECTRONICS-STGP30NC60W Datasheet
306Kb / 14P
   N-channel 30A - 600V - TO-247 - TO-220 Ultra fast switching PowerMESH TM IGBT
STGW30NB60HD STMICROELECTRONICS-STGW30NB60HD Datasheet
91Kb / 8P
   N-CHANNEL 30A - 600V TO-247 PowerMESH IGBT
STGW40NC60V STMICROELECTRONICS-STGW40NC60V_04 Datasheet
279Kb / 10P
   N-CHANNEL 50A - 600V - TO-247 Very Fast PowerMESH IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com