์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

AN5278 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 2 Page - Panasonic Semiconductor

๋ถ€ํ’ˆ๋ช… AN5278
์ƒ์„ธ๋‚ด์šฉ  4.8 W X 1 (18 V, 8 ohm) Power Amplifier with Volume and Tone Control
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  PANASONIC [Panasonic Semiconductor]
ํ™ˆํŽ˜์ด์ง€  http://www.panasonic.com/industrial/
Logo 

AN5278 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 2 Page - Panasonic Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
/ 9 page
 2 / 9 page
background image
2
AN5278
ICs for Audio Common Use
s Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Supply voltage *
2
VCC
35.0
V
Supply current
ICC
2A
Power dissipation *
3
PD
1.6
W
Operating ambient temperature *
1
Topr
โˆ’20 to +70
ยฐC
Storage temperature *
1
Tstg
โˆ’55 to +150
ยฐC
s Recommended Operating Range
Parameter
Symbol
Range
Unit
Supply voltage
VCC
12 to 26
V
Note) *1 :Ta = 25 ยฐC except operating ambient temperature and storage temperature.
*2 : Without input signal, VCC is up to 35 V.
*3 : Power dissipation of the package at Ta = 70 ยฐC.
Pin No.
Description
1
Sound input
2
Low frequency input
3
Tone control
4
Volume control
5
Ripple filter
6
Negative feedback
7
GND
8
Sound output
9VCC
s Pin Descriptions


Html Pages

1  2  3  4  5  6  7  8  9 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn