전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

151024 데이터시트(PDF) 1 Page - Festo Corporation.

부품명 151024
상세설명  Air solenoid valve
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FESTO [Festo Corporation.]
홈페이지  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

151024 데이터시트(HTML) 1 Page - Festo Corporation.

  151024 Datasheet HTML 1Page - Festo Corporation. 151024 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Air solenoid valve
MFH-5/3G-D-2-S-C
Part number: 151024
Data sheet
Feature
Value
Valve function
5/3, closed
Actuation type
Electrical
Width
54 mm
Standard nominal flow rate
2300 l/min
Pneumatic working port
Sub-base, size 2 as per ISO 5599-1
G3/8
Operating voltage
Via solenoid coil, to be ordered separately
Operating pressure
-0.9 bar ... 16 bar
Design
Piston gate valve
Reset method
Mechanical spring
Maritime classification
See certificate
Degree of protection
IP65
Nominal width
11.5 mm
Width dimension
56 mm
Type code
MFH
Exhaust air function
With flow control option
Sealing principle
Soft
Mounting position
Any
Conforms to standard
ISO 5599-1
Manual override
Detenting via accessory
Non-detenting
ISO code
269
Type of control
Pilot-controlled
Pilot air supply port
External
Flow direction
Reversible
Symbol
00991076
Lap
Overlap
Pilot pressure
3 bar ... 10 bar
Switching time off
63 ms
On switching time
33 ms
Max. positive test pulse with 0 signal
2200 µs
Max. negative test pulse on 1 signal
3700 µs
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Vibration resistance
Transport application test with severity level 1 as per FN 942017-4 and
EN 60068-2-6
9/14/21 - Subject to change - Festo AG & Co. KG
1/2


유사한 부품 번호 - 151024

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
1510240021 MOLEX11-1510240021 Datasheet
41Kb / 2P
   DDR4 DIMM Socket Aerodynamic design, Vertical Press-Fit, .76m Gold Plating
1510240022 MOLEX11-1510240022 Datasheet
41Kb / 2P
   DDR4 DIMM Socket Aerodynamic design, Vertical Press-Fit, .76m Gold Plating
1510240023 MOLEX11-1510240023 Datasheet
41Kb / 2P
   DDR4 DIMM Socket Aerodynamic design, Vertical Press-Fit, .76m Gold Plating
1510240024 MOLEX11-1510240024 Datasheet
41Kb / 2P
   DDR4 DIMM Socket Aerodynamic design, Vertical Press-Fit, .76m Gold Plating
More results

유사한 설명 - 151024

제조업체부품명데이터시트상세설명
logo
Festo Corporation.
8116383 FESTO-8116383 Datasheet
83Kb / 2P
   Air Solenoid valve
566993 FESTO-566993 Datasheet
103Kb / 2P
   Air solenoid valve
566996 FESTO-566996 Datasheet
97Kb / 2P
   Air solenoid valve
8116388 FESTO-8116388 Datasheet
82Kb / 2P
   Air Solenoid valve
534524 FESTO-534524 Datasheet
97Kb / 2P
   Air solenoid valve
534536 FESTO-534536 Datasheet
94Kb / 2P
   Air solenoid valve
534540 FESTO-534540 Datasheet
92Kb / 2P
   Air solenoid valve
534541 FESTO-534541 Datasheet
93Kb / 2P
   Air solenoid valve
534550 FESTO-534550 Datasheet
95Kb / 2P
   Air solenoid valve
534552 FESTO-534552 Datasheet
98Kb / 2P
   Air solenoid valve
547124 FESTO-547124 Datasheet
96Kb / 2P
   Air solenoid valve
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com