전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTC1411 데이터시트(PDF) 5 Page - Linear Integrated Systems

부품명 LTC1411
상세설명  Single Supply 14-Bit 2.5Msps ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINEAR [Linear Integrated Systems]
홈페이지  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC1411 데이터시트(HTML) 5 Page - Linear Integrated Systems

  LTC1411 Datasheet HTML 1Page - Linear Integrated Systems LTC1411 Datasheet HTML 2Page - Linear Integrated Systems LTC1411 Datasheet HTML 3Page - Linear Integrated Systems LTC1411 Datasheet HTML 4Page - Linear Integrated Systems LTC1411 Datasheet HTML 5Page - Linear Integrated Systems LTC1411 Datasheet HTML 6Page - Linear Integrated Systems LTC1411 Datasheet HTML 7Page - Linear Integrated Systems LTC1411 Datasheet HTML 8Page - Linear Integrated Systems LTC1411 Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LTC1411
1411f
TYPICAL PERFOR A CE CHARACTERISTICS
INPUT FREQUENCY (kHz)
10
–80
–60
–40
100
1000
10000
1411 G04
–100
–110
0
–20
–90
–70
–50
–10
–30
Spurious Free Dynamic Range
vs Input Frequency
S/(N + D) vs Input Frequency
and Amplitude
Integral Nonlinearity
vs Output Code
Differential Nonlinearity
vs Output Code
INPUT FREQUENCY (kHz)
10
38
50
62
100
1000
10000
1411 G05
26
14
86
74
32
44
56
20
80
68
0dB
–20dB
–40dB
OUTPUT CODE
0
–1.0
–0.8
–0.4
–0.2
0
1.0
0.4
4096
8192
1411 G07
–0.6
0.6
0.8
0.2
12288
16384
OUTPUT CODE
0
–1.0
–0.8
–0.4
–0.2
0
1.0
0.4
4096
8192
1411 G08
–0.6
0.6
0.8
0.2
12288
16384
Supply Current vs Temperature
TEMPERATURE (
°C)
–50
45
44
43
42
41
40
39
38
37
36
35
–25
0
25
50
1411 G11
75
100
VDD = 5V
Supply Current vs Supply Voltage
VDD (V)
4.5
31.5
34.0
36.5
39.0
41.5
44.0
46.5
TA = 25°C
4.75
5.0
5.25
5.5
1411 G12
Histogram for 4096 Conversions
CODE
3500
3000
2500
2000
1500
1000
500
0
01
1411 G13
–1
4096 Points FFT Plot (100kHz)
INPUT FREQUENCY (kHz)
0
–60
–40
0
1411 G14
–80
–100
–120
–140
–20
SINAD = 78.8dB
SFDR = 95dB
fSAMPLE = 2.5MHz
fIN = 100kHz
1000
250
500
750
1250


유사한 부품 번호 - LTC1411

제조업체부품명데이터시트상세설명
logo
Linear Technology
LTC1411 LINER-LTC1411 Datasheet
227Kb / 16P
   Single Supply 14-Bit 2.5Msps ADC
LTC1411 LINER-LTC1411 Datasheet
648Kb / 22P
   Serial 12-Bit/14-Bit, 2.8Msps
LTC1411 LINER-LTC1411 Datasheet
358Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps
LTC1411 LINER-LTC1411 Datasheet
232Kb / 16P
   Single Supply 14-Bit 2.5Msps ADC
LTC1411CG LINER-LTC1411CG Datasheet
227Kb / 16P
   Single Supply 14-Bit 2.5Msps ADC
More results

유사한 설명 - LTC1411

제조업체부품명데이터시트상세설명
logo
Linear Technology
LTC1411 LINER-LTC1411 Datasheet
227Kb / 16P
   Single Supply 14-Bit 2.5Msps ADC
LTC1411 LINER-LTC1411_15 Datasheet
232Kb / 16P
   Single Supply 14-Bit 2.5Msps ADC
LTC2313-14 LINER-LTC2313-14_15 Datasheet
1Mb / 22P
   14-Bit, 2.5Msps Serial Sampling ADC in TSOT
logo
Analog Devices
AD7899 AD-AD7899 Datasheet
242Kb / 16P
   5 V Single Supply 14-Bit 400 kSPS ADC
REV. A
AD7899 AD-AD7899_17 Datasheet
274Kb / 17P
   5 V Single Supply 14-Bit 400 kSPS ADC
logo
Maxim Integrated Produc...
MAX1201 MAXIM-MAX1201 Datasheet
187Kb / 16P
   5v sINGLE-sUPPLY, 2.2mSPS, 14-bIT sELF-cALIBRATING adc
19-4776; Rev 1; 11/98
logo
Analog Devices
AD7899BRZ-1 AD-AD7899BRZ-1 Datasheet
242Kb / 16P
   5 V Single Supply 14-Bit 400 kSPS ADC
REV. A
AD7899 AD-AD7899_15 Datasheet
242Kb / 16P
   5 V Single Supply 14-Bit 400 kSPS ADC
REV. A
logo
Maxim Integrated Produc...
MAX1205 MAXIM-MAX1205 Datasheet
127Kb / 12P
   5v sINGLE-sUPPLY, 1mSPS, 14-bIT sELF-cALIBRATING adc
19-4794; Rev 0; 11/98
MAX1142 MAXIM-MAX1142 Datasheet
1Mb / 20P
   14-Bit ADC, 200ksps, 5V Single-Supply with Reference
19-2037; Rev 0; 5/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com