전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN5829S 데이터시트(PDF) 3 Page - Panasonic Semiconductor

부품명 AN5829S
상세설명  Sound multiplex decoder IC for the U.S. televisions
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANASONIC [Panasonic Semiconductor]
홈페이지  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN5829S 데이터시트(HTML) 3 Page - Panasonic Semiconductor

  AN5829S Datasheet HTML 1Page - Panasonic Semiconductor AN5829S Datasheet HTML 2Page - Panasonic Semiconductor AN5829S Datasheet HTML 3Page - Panasonic Semiconductor AN5829S Datasheet HTML 4Page - Panasonic Semiconductor AN5829S Datasheet HTML 5Page - Panasonic Semiconductor AN5829S Datasheet HTML 6Page - Panasonic Semiconductor AN5829S Datasheet HTML 7Page - Panasonic Semiconductor AN5829S Datasheet HTML 8Page - Panasonic Semiconductor AN5829S Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
ICs for TV
AN5829S
3
s Pin Descriptions
Pin No.
Description
1
AGC timing
2
External input 1 L-ch
3
External input 1 R-ch
4
75
µs filter offset cancel
5
dbx offset cancel
6
Wideband timing
7VCC
8
Wideband level sensor input
9
Spectral filter
10
Spectral timing
11
Spectral level sensor input
12
SAP noise level detection
Parameter
Symbol
Rating
Unit
Supply voltage
VCC
6.0
V
Supply current
ICC
25
mA
Power dissipation *2
PD
150
mW
Operating ambient temperature *
1
Topr
−20 to +75
°C
Storage temperature *1
Tstg
−55 to +125
°C
s Absolute Maximum Ratings
Note) The use of this IC, which builds in dbx-TV noise reduction, requires a license agreement with THAT Corporation.
*1: Except fot the operating ambient temperature and storage temperature, all ratings are for Ta = 25°C.
*2: Ta = 75°C
s Recommended Operating Range
Pin No.
Description
13
SAP carrier detection
14
Composite input
15
Pilot signal detection
16
Stereo PLL filter
17
GND
18
SCL
19
SDA
20
PE for ZAP
21
L-ch output
22
R-ch output
23
External input 2 R-ch.
24
External input 2 L-ch.
Parameter
Symbol
Range
Unit
Supply voltage
VCC
4.5 to 5.5
V


유사한 부품 번호 - AN5829S

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
AN5825 ETC1-AN5825 Datasheet
282Kb / 4P
   TV MULTIPLEX SOUND SYSTEM DEMODULATOR
More results

유사한 설명 - AN5829S

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
AN5817NK PANASONIC-AN5817NK Datasheet
526Kb / 10P
   Multiplex sound demodulator IC for TV in the U.S.A
logo
NTE Electronics
NTE1800 NTE-NTE1800 Datasheet
23Kb / 3P
   Integrated Circuit TV Multiplex Sound Decoder
logo
Panasonic Semiconductor
AN5819K PANASONIC-AN5819K Datasheet
109Kb / 11P
   Sound multiplex demodulator IC for TV in the North American market
logo
Toshiba Semiconductor
TA8874Z TOSHIBA-TA8874Z_01 Datasheet
221Kb / 14P
   SOUND MULTIPLEX BROADCAST DEMODULATOR IC FOR DOMESTIC TV / VTR
TA8874Z TOSHIBA-TA8874Z Datasheet
450Kb / 14P
   SOUND MULTIPLEX BROADCAST DEMODULATOR IC FOR DOMESTIC TV/VTR
TA1230Z TOSHIBA-TA1230Z Datasheet
490Kb / 12P
   TV SOUND MULTIPLEX BROADCAST DEMODULATOR IC FOR EIAJ SYSTEM
logo
Panasonic Semiconductor
AN16903A PANASONIC-AN16903A Datasheet
254Kb / 8P
   IC for sound multiplex demodulation in NTSC (Japanese TV mode)
AN3672NFBP PANASONIC-AN3672NFBP Datasheet
229Kb / 29P
   Audio signal processor IC for HiFi VCR incorporating EIAJ sound multiplex system
logo
NEC
UPC1391H NEC-UPC1391H Datasheet
269Kb / 4P
   SOUND IF PROCESSOR FOR AUDIO MULTIPLEX TV
logo
List of Unclassifed Man...
CD7343CS ETC1-CD7343CS Datasheet
159Kb / 5P
   FM STEREO MULTIPLEX DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com