전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS72108AGP-7 데이터시트(PDF) 11 Page - List of Unclassifed Manufacturers

부품명 GS72108AGP-7
상세설명  256K x 8 2Mb Asynchronous SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

GS72108AGP-7 데이터시트(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button GS72108AGP-7 Datasheet HTML 4Page - List of Unclassifed Manufacturers GS72108AGP-7 Datasheet HTML 5Page - List of Unclassifed Manufacturers GS72108AGP-7 Datasheet HTML 6Page - List of Unclassifed Manufacturers GS72108AGP-7 Datasheet HTML 7Page - List of Unclassifed Manufacturers GS72108AGP-7 Datasheet HTML 8Page - List of Unclassifed Manufacturers GS72108AGP-7 Datasheet HTML 9Page - List of Unclassifed Manufacturers GS72108AGP-7 Datasheet HTML 10Page - List of Unclassifed Manufacturers GS72108AGP-7 Datasheet HTML 11Page - List of Unclassifed Manufacturers GS72108AGP-7 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
GS72108ATP/J
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.05 10/2004
11/12
© 2001, GSI Technology
* Customers requiring delivery in Tape and Reel should add the character “T” to the end of the part number. For example: GS72108ATP-8T
Ordering Information
Part Number*
Package
Access Time
Temp. Range
Status
GS72108ATP-7
400 mil TSOP-II
7 ns
Commercial
GS72108ATP-8
400 mil TSOP-II
8 ns
Commercial
GS72108ATP-10
400 mil TSOP-II
10 ns
Commercial
GS72108ATP-12
400 mil TSOP-II
12 ns
Commercial
GS72108ATP78I
400 mil TSOP-II
7 ns
Industrial
GS72108ATP-8I
400 mil TSOP-II
8 ns
Industrial
GS72108ATP-10I
400 mil TSOP-II
10 ns
Industrial
GS72108ATP-12I
400 mil TSOP-II
12 ns
Industrial
GS72108AGP-7
Pb-free 400 mil TSOP-II
7 ns
Commercial
GS72108AGP-8
Pb-free 400 mil TSOP-II
8 ns
Commercial
GS72108AGP-10
Pb-free 400 mil TSOP-II
10 ns
Commercial
GS72108AGP-12
Pb-free 400 mil TSOP-II
12 ns
Commercial
GS72108AGP78I
Pb-free 400 mil TSOP-II
7 ns
Industrial
GS72108AGTP-8I
Pb-free 400 mil TSOP-II
8 ns
Industrial
GS72108AGP-10I
Pb-free 400 mil TSOP-II
10 ns
Industrial
GS72108AGP-12I
Pb-free 400 mil TSOP-II
12 ns
Industrial
GS72108AJ-7
400 mil SOJ
7 ns
Commercial
GS72108AJ-8
400 mil SOJ
8 ns
Commercial
GS72108AJ-10
400 mil SOJ
10 ns
Commercial
GS72108AJ-12
400 mil SOJ
12 ns
Commercial
GS72108AJ-7I
400 mil SOJ
7 ns
Industrial
GS72108AJ-8I
400 mil SOJ
8 ns
Industrial
GS72108AJ-10I
400 mil SOJ
10 ns
Industrial
GS72108AJ-12I
400 mil SOJ
12 ns
Industrial


유사한 부품 번호 - GS72108AGP-7

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS72108J-10 GSI-GS72108J-10 Datasheet
364Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
GS72108J-10I GSI-GS72108J-10I Datasheet
364Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
GS72108J-12 GSI-GS72108J-12 Datasheet
364Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
GS72108J-12I GSI-GS72108J-12I Datasheet
364Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
GS72108J-15 GSI-GS72108J-15 Datasheet
364Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
More results

유사한 설명 - GS72108AGP-7

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS72108TP-10 GSI-GS72108TP-10 Datasheet
364Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
logo
NanoAmp Solutions, Inc.
N02L083WC2A NANOAMP-N02L083WC2A Datasheet
223Kb / 10P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 256K x 8 bit
logo
GSI Technology
GS72116TP GSI-GS72116TP Datasheet
271Kb / 17P
   128K x 16 2Mb Asynchronous SRAM
GS72116ATP GSI-GS72116ATP Datasheet
505Kb / 18P
   128K x 16 2Mb Asynchronous SRAM
logo
ON Semiconductor
N02L83W2A ONSEMI-N02L83W2A Datasheet
174Kb / 10P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 8 bit
July 2008 - Rev. 8
logo
GSI Technology
GS74116TP GSI-GS74116TP Datasheet
137Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGP-12 GSI-GS74116AGP-12 Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS78132B GSI-GS78132B Datasheet
227Kb / 11P
   256K x 32 8Mb Asynchronous SRAM
GS76024AB GSI-GS76024AB Datasheet
631Kb / 12P
   256K x 24 6Mb Asynchronous SRAM
GS76024B GSI-GS76024B Datasheet
220Kb / 11P
   256K x 24 6Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com