전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74CBTH16211DLG4 데이터시트(PDF) 8 Page - Texas Instruments

부품명 SN74CBTH16211DLG4
상세설명  24-BIT FET BUS SWITCH WITH BUS HOLD
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74CBTH16211DLG4 데이터시트(HTML) 8 Page - Texas Instruments

  SN74CBTH16211DLG4 Datasheet HTML 1Page - Texas Instruments SN74CBTH16211DLG4 Datasheet HTML 2Page - Texas Instruments SN74CBTH16211DLG4 Datasheet HTML 3Page - Texas Instruments SN74CBTH16211DLG4 Datasheet HTML 4Page - Texas Instruments SN74CBTH16211DLG4 Datasheet HTML 5Page - Texas Instruments SN74CBTH16211DLG4 Datasheet HTML 6Page - Texas Instruments SN74CBTH16211DLG4 Datasheet HTML 7Page - Texas Instruments SN74CBTH16211DLG4 Datasheet HTML 8Page - Texas Instruments SN74CBTH16211DLG4 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MECHANICAL DATA
MTSS003D – JANUARY 1995 – REVISED JANUARY 1998
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DGG (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
4040078 / F 12/97
48 PINS SHOWN
0,25
0,15 NOM
Gage Plane
6,00
6,20
8,30
7,90
0,75
0,50
Seating Plane
25
0,27
0,17
24
A
48
1
1,20 MAX
M
0,08
0,10
0,50
0
°–8°
56
14,10
13,90
48
DIM
A MAX
A MIN
PINS **
12,40
12,60
64
17,10
16,90
0,15
0,05
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold protrusion not to exceed 0,15.
D. Falls within JEDEC MO-153


유사한 부품 번호 - SN74CBTH16211DLG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74CBT16209A TI-SN74CBT16209A Datasheet
70Kb / 5P
[Old version datasheet]   18-BIT FET BUS-EXCHANGE SWITCHES
SN74CBT16209ADGG TI-SN74CBT16209ADGG Datasheet
70Kb / 5P
[Old version datasheet]   18-BIT FET BUS-EXCHANGE SWITCHES
SN74CBT16209ADGGR TI-SN74CBT16209ADGGR Datasheet
346Kb / 14P
[Old version datasheet]   18-BIT FET BUS-EXCHANGE SWITCHES
SN74CBT16209ADGGR TI1-SN74CBT16209ADGGR Datasheet
768Kb / 14P
[Old version datasheet]   18-BIT FET BUS-EXCHANGE SWITCHES
SN74CBT16209ADGV TI-SN74CBT16209ADGV Datasheet
70Kb / 5P
[Old version datasheet]   18-BIT FET BUS-EXCHANGE SWITCHES
More results

유사한 설명 - SN74CBTH16211DLG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74CBT16211A TI-SN74CBT16211A_07 Datasheet
452Kb / 14P
[Old version datasheet]   24-BIT FET BUS SWITCH
SN74CBT16211A TI-SN74CBT16211A Datasheet
314Kb / 12P
[Old version datasheet]   24-BIT FET BUS SWITCH
SN74CBT16211A TI-SN74CBT16211A_08 Datasheet
482Kb / 14P
[Old version datasheet]   24-BIT FET BUS SWITCH
SN74CBT16213 TI1-SN74CBT16213_08 Datasheet
333Kb / 11P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCH
SN74CBT16213 TI-SN74CBT16213 Datasheet
83Kb / 5P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCH
SN74CBTD16211 TI-SN74CBTD16211 Datasheet
87Kb / 6P
[Old version datasheet]   24-BIT FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD16211DGVR TI-SN74CBTD16211DGVR Datasheet
330Kb / 12P
[Old version datasheet]   24-BIT FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTLV16211C TI-SN74CBTLV16211C Datasheet
303Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 24-BIT FET BUS SWITCH
SN74CBTLV16211 TI-SN74CBTLV16211 Datasheet
172Kb / 10P
[Old version datasheet]   LOW-VOLTAGE 24-BIT FET BUS SWITCH
SN74CBTLV16211 TI1-SN74CBTLV16211_08 Datasheet
361Kb / 12P
[Old version datasheet]   LOW-VOLTAGE 24-BIT FET BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com