전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC90A80F 데이터시트(PDF) 9 Page - Toshiba Semiconductor

부품명 TC90A80F
상세설명  3-Line Digital Comb Filter for VCR, YNR/CNR, and Skew Correctors (NTSC)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC90A80F 데이터시트(HTML) 9 Page - Toshiba Semiconductor

Back Button TC90A80F Datasheet HTML 5Page - Toshiba Semiconductor TC90A80F Datasheet HTML 6Page - Toshiba Semiconductor TC90A80F Datasheet HTML 7Page - Toshiba Semiconductor TC90A80F Datasheet HTML 8Page - Toshiba Semiconductor TC90A80F Datasheet HTML 9Page - Toshiba Semiconductor TC90A80F Datasheet HTML 10Page - Toshiba Semiconductor TC90A80F Datasheet HTML 11Page - Toshiba Semiconductor TC90A80F Datasheet HTML 12Page - Toshiba Semiconductor TC90A80F Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
TC90A80N/F
2002-12-04
9
Description of I
2C Bus Control
(1) Function
: Controls input signal and IC functions. (YCS: Y/C-IN → 3 line Y/C separation, NR: Y
and C input independently → YNR, CNR)
(2) Skew
: Controls skew correction. (OFF: normal mode, ON: Corrects skew every 0.2 H.)
(3) C-Delay
: Controls Y/C time. (Switches chroma signal delay time. −: Advances chroma signal.
+: Delays chroma signal.)
(4) D-Range
: Controls input/output gain. (2 Vp-p: 1 V input 2 V output, Gain = 6dB, 1 Vp-p: 1 V
input 1 V output, Gain = 0dB)
(5) Input Clock
: Controls clock PLL. (Select input clock.)
(6) CNR Gain
: Controls CNR cyclic coefficient/subtraction gain. (OFF: Stops CNR. 0.75: Maximum
effect)
(7) CNR Lim.
: Controls the CNR limiter. (Limiter level when converting 100 IRE input.: 4 ≈ −31dB
to 18 ≈ −18dB)
(8) CNR Corr.
: Controls CNR correlation/non-correlation
ON: Controls CNR correlation/non-correlation. → Low vertical color misalignment
OFF: Maximum → effect with vertical color misalignment
(9) Mode1
: Controls parallel output. (Low: Drives out voltage approx. VSS. High: Drives out
voltage approx. VDD.)
(10) Y-EQ fo
: Corrects Y frequency characteristic and controls Y-NC bottom frequency. (high: 4/3
fsc, low: fsc)
(11) Y-EQ Gain
: Controls Y frequency characteristic correction addition gain. (OFF: Stops frequency
characteristic correction. 0.5: Corrects by +3dB at 3 MHz.)
(12) Y-EQ/N.C Lim
: Controls Y frequency characteristic correction coring level and Y-NC limiter. (OFF:
N.C OFF, H*: Limiter level when Y-EQ fo = high, L*: Limiter level when Y-EQ fo =
low, When converting 100 IRE input, limiter levels are as follows.2: −37dB, 4: −31dB,
8: −25dB, 14: −20dB)
(13) YNR Corr.
: Controls YNR correlation/non-correlation
ON: Controls YNR correlation/non-correlation → Low Y vertical color misalignment
OFF: Maximum effect → with Y vertical color misalignment
(14) Pulse Middle/High : Controls High pulse input polarity. (PV: PV with M/H and Killer with Middle/Low,
Killer: Killer with M/H and PV with M/L)
PV: Used for vertical-masking PLL for detecting skew and driving out HD + PV
when compensating skew.
Killer: Used for controlling separation Off, V-Emph Off in YCS Mode, and YNR/CNR
Off in NR Mode.
(15) Sync Out
: Controls pulse output in Skew Correction Mode. (HD: Drives out HD which is
synchronous with output signal. HD + PV: Mixes PV in HD which is synchronous
with to output signal.) HD lock phase is not held (varies from 500 ns to 600 ns).
In modes other than Skew Correction, drives out input C.SYN after delaying approx.
560 ns.
(16) Y/C Mix
: Controls Y/C mix output. (OFF: Drives out separated Y and C. ON: Drives out mixed
Y and C from the Y output pin. The C output pin is mute.)
(17) V-Emph Gain (YCS): Controls vertical enhancer gain. (OFF: Enhancer Off. +1.5: Maximum effect)
(18) V-Emph N.L (YCS) : Controls vertical enhancer non-linear point. (4: Low effect, 32: Maximum effect)
(19) V-Emph Core (YCS) : Controls vertical enhancer coring. (OFF: Coring Off. 3: Emphasizes non correlation
of approx. 15 mV or more.)
(20) YNR Gain (NR)
: Controls YNR cyclic coefficient/subtraction gain. (OFF: Stops YNR. 0.875: Maximum
effect)
(21) YNR Lim (NR)
: Controls the YNR limiter. (Limiter level when converting 100 IRE input.: 1 ≈
−43dB~15 ≈ −19dB)
(22) YNR Mode (NR)
: Controls YNR and Y-COMB bandwidths. (*-W: Wideband, *-N: Narrowband)
(Note that the controls of DATA4 D7 to DATA4 D0 vary according to the setting of DATA1 D7 (function).)


유사한 부품 번호 - TC90A80F

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC90A13F TOSHIBA-TC90A13F Datasheet
542Kb / 14P
   3 LINE DIGITAL Y/C SEPARATION IC
TC90A13N TOSHIBA-TC90A13N Datasheet
542Kb / 14P
   3 LINE DIGITAL Y/C SEPARATION IC
TC90A17F TOSHIBA-TC90A17F Datasheet
1Mb / 30P
   PAP/PIP/POP CINTROLLER FOR NTCS /PAL WIDE TV
TC90A18AF TOSHIBA-TC90A18AF Datasheet
324Kb / 8P
   TIME COMPRESSION LSI FOR EDTV-II WIDE-SCREEN TVs
TC90A30AF TOSHIBA-TC90A30AF Datasheet
1Mb / 36P
   toshiba cmos digital intergrated circuit silicon monolithic
More results

유사한 설명 - TC90A80F

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXD2043Q SONY-CXD2043Q Datasheet
157Kb / 11P
   Digital Comb Filter (NTSC)
CXD2073Q SONY-CXD2073Q Datasheet
160Kb / 11P
   Digital Comb Filter (NTSC)
CXD2073S SONY-CXD2073S Datasheet
144Kb / 11P
   Digital Comb Filter (NTSC)
CXD2093Q SONY-CXD2093Q Datasheet
235Kb / 15P
   Digital Comb Filter (NTSC)
CXD2064Q SONY-CXD2064Q Datasheet
266Kb / 15P
   Digital Comb Filter (NTSC/PAL)
logo
Toshiba Semiconductor
TL8857F TOSHIBA-TL8857F Datasheet
450Kb / 13P
   NTSC SKEW CORRECTION IC FOR VCR
logo
NXP Semiconductors
TDA9183 PHILIPS-TDA9183 Datasheet
106Kb / 24P
   Integrated NTSC comb filter
2000 Nov 30
SAA4963 PHILIPS-SAA4963 Datasheet
116Kb / 20P
   Integrated NTSC comb filter
1997 Mar 03
logo
Sony Corporation
CXD2044Q SONY-CXD2044Q Datasheet
242Kb / 12P
   Digital Comb Filter (NTSC/PAL/PAL-M/PAL-N)
logo
Texas Instruments
TVP5147M1PFP TI-TVP5147M1PFP Datasheet
1Mb / 99P
[Old version datasheet]   NTSC/PAL/SECAM 2x10-BIT DIGITAL VIDEO DECODER WITH MACROVISION DETECTION, YPbPr INPUTS, AND 5-LINE COMB FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com