전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM1117 데이터시트(PDF) 2 Page - List of Unclassifed Manufacturers

부품명 LM1117
상세설명  1A LOWDROP OUT VOLTAGE REGULATOR (ADJUSTABLE & FIXED)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

LM1117 데이터시트(HTML) 2 Page - List of Unclassifed Manufacturers

  LM1117 Datasheet HTML 1Page - List of Unclassifed Manufacturers LM1117 Datasheet HTML 2Page - List of Unclassifed Manufacturers LM1117 Datasheet HTML 3Page - List of Unclassifed Manufacturers LM1117 Datasheet HTML 4Page - List of Unclassifed Manufacturers LM1117 Datasheet HTML 5Page - List of Unclassifed Manufacturers LM1117 Datasheet HTML 6Page - List of Unclassifed Manufacturers LM1117 Datasheet HTML 7Page - List of Unclassifed Manufacturers LM1117 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1A LOWDROP OUT VOLTAGE REGULATOR (FIXED & ADJUSTABLE)
LM1117
THERMAL DATA
TYPICAL APPLICATION
ELECTRICAL CHARACTERISTICS FOR LM1117 S/T-AD(ADJUSTABLE)
(Refer to the test circuits, TJ=0 to 125℃ CO=10㎌ unless otherwise specified)
Reference Voltage
VIN - VO = 2V, IO = 100㎃, TJ = 25℃
Reference Voltage
IO = 10 to 1A, VIN - VO = 1.4 to 10V
Line Regulation
VIN - VO = 1.5 to 13.75V, IO = 10㎃
Load Regulation
VIN - VO = 3V, IO = 10mA to 1A
Temperature Stability
Long Term Stability
1000 hrs, TJ = 125℃
Operating Input Voltage
Adjustment Pin Current
VIN ≤ 15V, ILoad =10㎃
Adjustment Pin Current
Change
Minimum Load Current
VIN = 15V
Output Current
VIN - VO = 5V, TJ=25℃
Output Noise (%VO)
B = 10㎐ to 10㎑, TJ = 25℃
IO = 40㎃ , f = 120㎐, TJ = 25℃
VIN - VO = 3V, VNIPPLE = 1VPP
IO = 100㎃ , VIN=VOUT+ 0.8V
IO = 500㎃ , VIN=VOUT+ 0.8V
IO = 1A , VIN=VOUT+ 0.8V
Thermal Regulation
TA = 25℃ 30㎳ Pulse
HTC
2
V
1.3
%/W
120
Supply Voltage Rejection
SVR
75
60
ΔIADJ
VIN - VO = 1.4 to 10V, IO = 10mA to 1A
1
IO(MIN)
IADJ
50
V
%
IO
800
950
1200
V
VD
Dropout Voltage
1.00
1.15
1.0
1
1.1
EN
0.003
5
1.7
5
0.003
%
VIN
7V
ΔVO
0.3
%
ΔVO
0.5
%
ΔVO
0.1
0.4
V
ΔVO
0.035
0.2
%
VREF
1.230
1.270
PARAMETER
SYMBOL
VREF
TEST CONDITION
1.238
1.25
1.262
V
MIN.
TYP.
MAX.
UNIT
PARAMETER
SYMBOL
Thermal Resistance Junction-Case
RTHJ-CASE
15
3
UNIT
SOT-223
TO-263
VIN
LM1117
100㎌
10㎌


유사한 부품 번호 - LM1117

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM1117 NSC-LM1117 Datasheet
405Kb / 21P
   800mA Low-Dropout Linear Regulator
logo
First Components Intern...
LM1117 FCI-LM1117 Datasheet
1Mb / 14P
   800mA Low-dropout Linear Regulator Temperature Range Output Current 800mA
logo
HTC Korea TAEJIN Techno...
LM1117 HTC-LM1117 Datasheet
385Kb / 12P
   1A L.D.O VOLTAGE REGULATOR Output Current up to 1 A
logo
ON Semiconductor
LM1117 ONSEMI-LM1117 Datasheet
215Kb / 13P
   800 mA Low-Dropout Linear Regulator
May, 2020 ??Rev. 0
logo
Cystech Electonics Corp...
LM1117-1.5 CYSTEKEC-LM1117-1.5 Datasheet
185Kb / 4P
   1A Low Dropout Positive Voltage Regulator
More results

유사한 설명 - LM1117

제조업체부품명데이터시트상세설명
logo
First Components Intern...
LP2950 FCI-LP2950 Datasheet
592Kb / 8P
   LOWDrop Out Voltage Regulators
logo
E-CMOS Corporation
EC8811 E-CMOS-EC8811 Datasheet
687Kb / 16P
   1A Adjustable & Fixed Voltage LDO Linear Regulator
logo
Fairchild Semiconductor
RC1117 FAIRCHILD-RC1117 Datasheet
48Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS1117 AMS-AMS1117 Datasheet
894Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Leshan Radio Company
LR1117A LRC-LR1117A Datasheet
148Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Fairchild Semiconductor
FAN1117A FAIRCHILD-FAN1117A Datasheet
49Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Sipex Corporation
AS2810 SIPEX-AS2810 Datasheet
150Kb / 7P
   1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX2810 SIPEX-SPX2810 Datasheet
191Kb / 9P
   1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
logo
STMicroelectronics
L4920 STMICROELECTRONICS-L4920 Datasheet
64Kb / 7P
   VERY LOWDROP ADJUSTABLE REGULATORS
logo
AUK corp
S1117-XXD AUK-S1117-XXD Datasheet
328Kb / 6P
   Adjustable and Fixed Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com