전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2576 데이터시트(PDF) 4 Page - List of Unclassifed Manufacturers

부품명 LM2576
상세설명  3.0A, 15V, Step-Down Switching Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

LM2576 데이터시트(HTML) 4 Page - List of Unclassifed Manufacturers

  LM2576 Datasheet HTML 1Page - List of Unclassifed Manufacturers LM2576 Datasheet HTML 2Page - List of Unclassifed Manufacturers LM2576 Datasheet HTML 3Page - List of Unclassifed Manufacturers LM2576 Datasheet HTML 4Page - List of Unclassifed Manufacturers LM2576 Datasheet HTML 5Page - List of Unclassifed Manufacturers LM2576 Datasheet HTML 6Page - List of Unclassifed Manufacturers LM2576 Datasheet HTML 7Page - List of Unclassifed Manufacturers LM2576 Datasheet HTML 8Page - List of Unclassifed Manufacturers LM2576 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
3.0A, 15V, Step-Down Switching Regulator
LM2576
HTC
4
ELECTRICAL CHARACTERISTICS / Device Parameters
(Unless otherwise specified, Vin = 12 V for the 3.3 V, 5.0 V, and Adjustable version, Vin = 25 V for the 12
V version, and Vin = 30 V for the 15 V version. ILoad = 500 mA. For typical values TJ = 25°C, for min/max
values TJ is the operating junction temperature range that applies [Note 2], unless otherwise noted.)
3. The oscillator frequency reduces to approximately 18 kHz in the event of an output short or an overload
which causes the regulated output voltage to drop approximately 40% from the nominal output voltage. This
self protection feature lowers the average dissipation of the IC by lowering the minimum duty cycle from 5%
down to approximately 2%.
4. Output (Pin 2) sourcing current. No diode, inductor or capacitor connected to output pin.
5. Feedback (Pin 4) removed from output and connected to 0 V.
6. Feedback (Pin 4) removed from output and connected to +12 V for the Adjustable, 3.3 V, and
5.0V ersions, and +25 V for the 12 V and15 V versions, to force the output transistor “off”.
7. Vin = 40 V.


유사한 부품 번호 - LM2576

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2576 NSC-LM2576 Datasheet
639Kb / 24P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
HTC Korea TAEJIN Techno...
LM2576 HTC-LM2576 Datasheet
413Kb / 11P
   3A, 52kHz, Step-Down Switching Regulator
logo
ON Semiconductor
LM2576 ONSEMI-LM2576 Datasheet
417Kb / 26P
   EASY SWITCHER 3.0 A STEP.DOWN VOLTAGE REGULATOR
June, 2004 ??Rev. 5
logo
Texas Instruments
LM2576 TI1-LM2576 Datasheet
3Mb / 37P
[Old version datasheet]   LM2576/LM2576HV Series SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
logo
Semtech Corporation
LM2576 SEMTECH-LM2576 Datasheet
441Kb / 19P
   1A & 3A Miniconverter Switching Regulators
More results

유사한 설명 - LM2576

제조업체부품명데이터시트상세설명
logo
HTC Korea TAEJIN Techno...
LM2596 HTC-LM2596 Datasheet
408Kb / 8P
   3.0A, 150kHz, Step-Down Switching Regulator
logo
List of Unclassifed Man...
LM2596 ETC1-LM2596 Datasheet
693Kb / 11P
   3.0A, 150Khz, Step-Down Switching Regulator
logo
HTC Korea TAEJIN Techno...
LM2576 HTC-LM2576 Datasheet
928Kb / 14P
   3.0A, 52kHz, Step-Down Switching Regulator
logo
Linear Technology
LTC3605 LINER-LTC3605_15 Datasheet
354Kb / 22P
   15V, 5A Synchronous Step-Down Regulator
logo
Texas Instruments
LM2833 TI1-LM2833_14 Datasheet
1Mb / 30P
[Old version datasheet]   1.5MHz/3MHz 3.0A Step-Down DC-DC Switching Regulator
logo
National Semiconductor ...
LM2833 NSC-LM2833 Datasheet
672Kb / 22P
   1.5MHz/3MHz 3.0A Step-Down DC-DC Switching Regulator
logo
Linear Technology
LTC3601 LINER-LTC3601_15 Datasheet
328Kb / 26P
   1.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC3604 LINER-LTC3604 Datasheet
283Kb / 24P
   2.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC3603 LINER-LTC3603_15 Datasheet
283Kb / 22P
   2.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC3601 LINER-LTC3601 Datasheet
330Kb / 24P
   1.5A, 15V Monolithic Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com