전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KM62U256CLTG-8L 데이터시트(PDF) 3 Page - Samsung semiconductor

부품명 KM62U256CLTG-8L
상세설명  32Kx8 bit Low Power AND Low Vcc CMOS Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMSUNG [Samsung semiconductor]
홈페이지  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM62U256CLTG-8L 데이터시트(HTML) 3 Page - Samsung semiconductor

  KM62U256CLTG-8L Datasheet HTML 1Page - Samsung semiconductor KM62U256CLTG-8L Datasheet HTML 2Page - Samsung semiconductor KM62U256CLTG-8L Datasheet HTML 3Page - Samsung semiconductor KM62U256CLTG-8L Datasheet HTML 4Page - Samsung semiconductor KM62U256CLTG-8L Datasheet HTML 5Page - Samsung semiconductor KM62U256CLTG-8L Datasheet HTML 6Page - Samsung semiconductor KM62U256CLTG-8L Datasheet HTML 7Page - Samsung semiconductor KM62U256CLTG-8L Datasheet HTML 8Page - Samsung semiconductor KM62U256CLTG-8L Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ELECTRONICS
KM62V256C, KM62U256C Family
CMOS SRAM
Revision 04
April 1996
- 3 -
ABSOLUTE MAXIMUM RATINGS *
Voltage on any pin relative to Vss
Voltage on Vcc supply relative to Vss
Power Dissipation
Storage temperature
Operating Temperature
Soldering temperature and time
Symbol
Vin, Vout
Vcc
Pd
Tstg
Ta
Tsolder
-0.5 to Vcc+0.5
-0.3 to 4.6
0.7
-65 to 150
0 to 70
-25 to 85
-40 to 85
260 °C, 10sec
(Lead Only)
Unit
V
V
W
°C
°C
°C
°C
-
-
-
-
-
KM62V256CL-L, KM62U256CL-L
KM62V256CLE-L, KM62U256CLE-L
KM62V256CLI-L, KM62U256CLI-L
-
Supply voltage
Ground
Input high voltage
Input low voltage
RECOMMENDED DC OPERATING CONDITIONS*
Symbol
Vcc
Vss
Vih
Vil
Min
3.0
2.7
0
2.2
2.2
-0.3
-0.3***
Max
3.6
3.3
0
Vcc+0.3
Vcc+0.3
0.4
0.4
Unit
V
V
V
V
V
V
V
Input capacitance
Input/Output capacitance
CAPACITANCE * (f=1MHz, Ta=25 °C)
Symbol
Cin
Cio
Test Condition
Vin=0V
Vio=0V
Min
-
-
Unit
pF
pF
Max
6
8
* Stresses greater than those listed under 'Absolute Maximum Ratings' may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other conditions above those indicated in the operating section of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
* 1) Commercial Product : Ta=0 to 70 °C, unless otherwise specified
2) Extended Product : Ta=-25 to 85 °C, unless otherwise specified
3) Industrial Product : Ta=-40 to 85 °C, unless otherwise specified
** Ta=25 °C
*** Vil(min)=-3.0V for ¡ Â
30ns pulse
* Capacitance is sampled not 100% tested
Item
Item
Item
Ratings
Remark
Typ**
3.3
3.0
0
-
-
-
-
Product
KM62V256C Family
KM62U256C Family
All
KM62V256C Family
KM62U256C Family
KM62V256C Family
KM62U256C Family


유사한 부품 번호 - KM62U256CLTG-8L

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
KM62U256D SAMSUNG-KM62U256D Datasheet
162Kb / 9P
   32Kx8 bit Low Power and Low Voltage CMOS Static RAM
KM62U256DL-L SAMSUNG-KM62U256DL-L Datasheet
162Kb / 9P
   32Kx8 bit Low Power and Low Voltage CMOS Static RAM
KM62U256DLE-L SAMSUNG-KM62U256DLE-L Datasheet
162Kb / 9P
   32Kx8 bit Low Power and Low Voltage CMOS Static RAM
KM62U256DLG-10L SAMSUNG-KM62U256DLG-10L Datasheet
162Kb / 9P
   32Kx8 bit Low Power and Low Voltage CMOS Static RAM
KM62U256DLG-7L SAMSUNG-KM62U256DLG-7L Datasheet
162Kb / 9P
   32Kx8 bit Low Power and Low Voltage CMOS Static RAM
More results

유사한 설명 - KM62U256CLTG-8L

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
K6X0808T1D SAMSUNG-K6X0808T1D Datasheet
153Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6T0808C1D SAMSUNG-K6T0808C1D Datasheet
170Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256D SAMSUNG-KM62256D Datasheet
170Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6X0808C1D SAMSUNG-K6X0808C1D Datasheet
166Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256C SAMSUNG-KM62256C Datasheet
158Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256CL SAMSUNG-KM62256CL Datasheet
162Kb / 10P
   32Kx8 bit Low Power CMOS Static RAM
KM62U256D SAMSUNG-KM62U256D Datasheet
162Kb / 9P
   32Kx8 bit Low Power and Low Voltage CMOS Static RAM
logo
Integrated Silicon Solu...
IS62LV2568LL ISSI-IS62LV2568LL Datasheet
62Kb / 10P
   256K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
IS62LV1288LL ISSI-IS62LV1288LL Datasheet
77Kb / 10P
   128K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
IS62LV5128LL ISSI-IS62LV5128LL Datasheet
61Kb / 10P
   512K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com