전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2596TV 데이터시트(PDF) 4 Page - List of Unclassifed Manufacturers

부품명 LM2596TV
상세설명  3.0A, 150Khz, Step-Down Switching Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

LM2596TV 데이터시트(HTML) 4 Page - List of Unclassifed Manufacturers

  LM2596TV Datasheet HTML 1Page - List of Unclassifed Manufacturers LM2596TV Datasheet HTML 2Page - List of Unclassifed Manufacturers LM2596TV Datasheet HTML 3Page - List of Unclassifed Manufacturers LM2596TV Datasheet HTML 4Page - List of Unclassifed Manufacturers LM2596TV Datasheet HTML 5Page - List of Unclassifed Manufacturers LM2596TV Datasheet HTML 6Page - List of Unclassifed Manufacturers LM2596TV Datasheet HTML 7Page - List of Unclassifed Manufacturers LM2596TV Datasheet HTML 8Page - List of Unclassifed Manufacturers LM2596TV Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
3.0A, 15V, Step-Down Switching Regulator
LM2596
HTC
4
ELECTRICAL CHARACTERISTICS / Device Parameters
(Unless otherwise specified, Vin = 12 V for the 3.3 V, 5.0 V, and Adjustable version, Vin = 25 V for the 12
V version, and Vin = 30 V for the 15 V version. ILoad = 500 mA. For typical values Tj = 25°C, for min/max
values Tj is the operating junction temperature range that applies [Note 2], unless otherwise noted.)
1. External components such as the catch diode, inductor, input and output capacitors can affect switching
regulator system performance.
When the LM2596 is used as shown in the Figure 1 test circuit, system performance will be as shown in system
parameters section .
2. Tested junction temperature range for the LM2596 : TLOW = –0°C THIGH = +125°C
3. The oscillator frequency reduces to approximately 18 kHz in the event of an output short or an overload which
causes the regulated output voltage to drop approximately 40% from the nominal output voltage. This self
protection feature lowers the average dissipation of the IC by lowering the minimum duty cycle from 5% down to
approximately 2%.
4. Output (Pin 2) sourcing current. No diode, inductor or capacitor connected to output pin.
5. Feedback (Pin 4) removed from output and connected to 0 V.
6. Feedback (Pin 4) removed from output and connected to +12 V for the Adjustable, 3.3 V, and 5.0V ersions, and
+25 V for the 12 V and15 V versions, to force the output transistor “off”.
7. Vin = 40 V.
2
2
10
50
0
150
173
100
127
110
1.16
1.5
4.5
3.6
100
173
-
1.4
0
0
0
0
0
0
3.4
6.9
7.5
-
50
2
30
-
10
5
250
0.6
-
2.0
-
1.3
0.6
1.3
-
5
15
2.0
0.02
5.0
V LOGIC = 2.5V (Regulator OFF)
V LOGIC = 0.5V (Regulator ON)
Oct 2004 - Rev 0


유사한 부품 번호 - LM2596TV

제조업체부품명데이터시트상세설명
logo
HTC Korea TAEJIN Techno...
LM2596TV HTC-LM2596TV Datasheet
408Kb / 8P
   3.0A, 150kHz, Step-Down Switching Regulator
logo
ON Semiconductor
LM2596TVADJG ONSEMI-LM2596TVADJG Datasheet
455Kb / 25P
   3.0 A, Step-Down Switching Regulator
November, 2008 ??Rev. 0
LM2596TVADJG ONSEMI-LM2596TVADJG Datasheet
455Kb / 25P
   3.0 A, Step-Down Switching Regulator
November, 2008 ??Rev. 0
More results

유사한 설명 - LM2596TV

제조업체부품명데이터시트상세설명
logo
HTC Korea TAEJIN Techno...
LM2596 HTC-LM2596 Datasheet
408Kb / 8P
   3.0A, 150kHz, Step-Down Switching Regulator
logo
Aimtron Technology
AT1796 AIMTRON-AT1796 Datasheet
526Kb / 12P
   150kHz, 3A Step-Down Switching Regulator
logo
HTC Korea TAEJIN Techno...
LM1501A HTC-LM1501A Datasheet
175Kb / 4P
   5.0A, 150kHz, Step-down Switching Regulator
logo
List of Unclassifed Man...
LM2576 ETC1-LM2576 Datasheet
753Kb / 9P
   3.0A, 15V, Step-Down Switching Regulator
logo
HTC Korea TAEJIN Techno...
LM2576 HTC-LM2576 Datasheet
928Kb / 14P
   3.0A, 52kHz, Step-Down Switching Regulator
logo
TECH PUBLIC Electronics...
LM2596HVS-ADJ TECHPUBLIC-LM2596HVS-ADJ Datasheet
1Mb / 6P
   60V / 3A | 150kHz Step-Down Switching Regulator
LM2596HVS-3.3 TECHPUBLIC-LM2596HVS-3.3 Datasheet
1Mb / 6P
   60V / 3A | 150kHz Step-Down Switching Regulator
logo
HTC Korea TAEJIN Techno...
LM2596HV HTC-LM2596HV Datasheet
336Kb / 9P
   60V, 3A, 150kHz, Step-down Switching Regulator
logo
FOSLINK SEMICONDUCTOR C...
FSP3127 FOSLINK-FSP3127 Datasheet
258Kb / 8P
   150KHZ 500MA STEP DOWN VOLTAGE REGULATOR
logo
Texas Instruments
LM2833 TI1-LM2833_14 Datasheet
1Mb / 30P
[Old version datasheet]   1.5MHz/3MHz 3.0A Step-Down DC-DC Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com