전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM27964SQX-I 데이터시트(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 LM27964SQX-I
상세설명  White LED Driver System with I2C Compatible Brightness Control
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM27964SQX-I 데이터시트(HTML) 11 Page - National Semiconductor (TI)

Back Button LM27964SQX-I Datasheet HTML 5Page - National Semiconductor (TI) LM27964SQX-I Datasheet HTML 6Page - National Semiconductor (TI) LM27964SQX-I Datasheet HTML 7Page - National Semiconductor (TI) LM27964SQX-I Datasheet HTML 8Page - National Semiconductor (TI) LM27964SQX-I Datasheet HTML 9Page - National Semiconductor (TI) LM27964SQX-I Datasheet HTML 10Page - National Semiconductor (TI) LM27964SQX-I Datasheet HTML 11Page - National Semiconductor (TI) LM27964SQX-I Datasheet HTML 12Page - National Semiconductor (TI) LM27964SQX-I Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Application Information (Continued)
V
POUT =(1.5xVIN) – [(NAxILEDA +NB xILEDB +NK x
I
LEDK)xROUT]
(eq. 2)
k
HR – Headroom constant. This parameter models the mini-
mum voltage required to be present across the current
sources for them to regulate properly. This minimum voltage
is proportional to the programmed LED current, so the con-
stant has units of mV/mA. The typical k
HR of the LM27964 is
12mV/mA. In equation form:
(V
POUT –VLEDx) > kHRx xILEDx
(eq. 3)
Typical Headroom Constant Values
k
HRA = 12mV/mA
k
HRB = 12 mV/mA
k
HRK = 3 mV/mA
The "I
LED-MAX" equation (eq. 1) is obtained from combining
the R
OUT equation (eq. 2) with the kHRx equation (eq. 3) and
solving for I
LEDx. Maximum LED current is highly dependent
on minimum input voltage and LED forward voltage. Output
current capability can be increased by raising the minimum
input voltage of the application, or by selecting an LED with
a lower forward voltage. Excessive power dissipation may
also limit output current capability of an application.
Total Output Current Capability
The maximum output current that can be drawn from the
LM27964 is 180mA. Each driver bank has a maximum allot-
ted current per Dxx sink that must not be exceeded.
DRIVER TYPE
MAXIMUM Dxx CURRENT
DxA
30mA per DxA Pin
DxB
30mA per DxB Pin
DKEY
80mA
The 180mA load can be distributed in many different con-
figurations. Special care must be taken when running the
LM27964 at the maximum output current to ensure proper
functionality.
PARALLEL CONNECTED OUTPUTS
Outputs D1A-4A or D1B-D2B may be connected together to
drive one or two LEDs at higher currents. In such a configu-
ration, all four parallel current sinks (BankA) of equal value
can drive a single LED. The LED current programmed for
BankA should be chosen so that the current through each of
the outputs is programmed to 25% of the total desired LED
current. For example, if 60mA is the desired drive current for
a single LED, R
SETA should be selected such that the current
through each of the current sink inputs is 15mA. Similarly, if
two LEDs are to be driven by pairing up the D1A-4A inputs
(i.e D1A-2A, D3A-4A), R
SETA should be selected such that
the current through each current sink input is 50% of the
desired LED current. The same RSETx selection guidelines
apply to BankB diodes.
Connecting the outputs in parallel does not affect internal
operation of the LM27964 and has no impact on the Electri-
cal Characteristics and limits previously presented. The
available diode output current, maximum diode voltage, and
all other specifications provided in the Electrical Character-
istics table apply to this parallel output configuration, just as
they do to the standard 4-LED application circuit.
Both BankA and BankB utilize LED forward voltage sensing
circuitry on each Dxx pin to optimize the charge-pump gain
for maximum efficiency. Due to the nature of the sensing
circuitry, it is not recommended to leave any of the DxA or
DxB pins unused if either diode bank is going to be used
during normal operation. Leaving DxA and/or DxB pins un-
connected will force the charge-pump into 3/2x mode over
the entire V
IN range negating any efficiency gain that could
be achieve by switching to 1x mode at higher input voltages.
Care must be taken when selecting the proper R
SETx value.
The current on any Dxx pin must not exceed the maximum
current rating for any given current sink pin.
POWER EFFICIENCY
Efficiency of LED drivers is commonly taken to be the ratio of
power consumed by the LEDs (P
LED) to the power drawn at
the input of the part (P
IN). With a 1.5x/1x charge pump, the
input current is equal to the charge pump gain times the
output current (total LED current). The efficiency of the
LM27964 can be predicted as follows:
P
LEDTOTAL =(VLEDA xNA xILEDA)+
(V
LEDB xNB xILEDB)+(VLEDK xNK xILEDK)
P
IN =VIN xIIN
P
IN =VIN x (GAIN x ILEDTOTAL +IQ)
E=(P
LEDTOTAL ÷PIN)
It is also worth noting that efficiency as defined here is in part
dependent on LED voltage. Variation in LED voltage does
not affect power consumed by the circuit and typically does
not relate to the brightness of the LED. For an advanced
analysis, it is recommended that power consumed by the
circuit (V
IN xIIN) be evaluated rather than power efficiency.
POWER DISSIPATION
The power dissipation (P
DISS) and junction temperature (TJ)
can be approximated with the equations below. P
IN is the
power generated by the 1.5x/1x charge pump, P
LED is the
power consumed by the LEDs, T
A is the ambient tempera-
ture, and
θ
JA is the junction-to-ambient thermal resistance
for the LLP-24 package. V
IN is the input voltage to the
LM27964, V
LED is the nominal LED forward voltage, N is the
number of LEDs and I
LED is the programmed LED current.
P
DISS =PIN -PLEDA -PLEDB -PLEDK
P
DISS= (GAIN x VIN xILEDA + LEDB + LEDK)-(VLEDA xNA x
I
LEDA)-
(V
LEDB xNB xILEDB)-(VLEDK xNK xILEDK)
T
J =TA +(PDISS x
θ
JA)
The junction temperature rating takes precedence over the
ambient temperature rating. The LM27964 may be operated
outside the ambient temperature rating, so long as the junc-
tion temperature of the device does not exceed the maxi-
mum operating rating of 100˚C. The maximum ambient tem-
perature rating must be derated in applications where high
power dissipation and/or poor thermal resistance causes the
junction temperature to exceed 100˚C.
THERMAL PROTECTION
Internal thermal protection circuitry disables the LM27964
when the junction temperature exceeds 170˚C (typ.). This
feature protects the device from being damaged by high die
temperatures that might otherwise result from excessive
power dissipation. The device will recover and operate nor-
mally when the junction temperature falls below 165˚C (typ.).
It is important that the board layout provide good thermal
conduction to keep the junction temperature within the speci-
fied operating ratings.
www.national.com
11


유사한 부품 번호 - LM27964SQX-I

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM27964SQX-I NSC-LM27964SQX-I Datasheet
329Kb / 14P
   White LED Driver System with I2C Compatible Brightness Control
More results

유사한 설명 - LM27964SQX-I

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM27964 NSC-LM27964_07 Datasheet
329Kb / 14P
   White LED Driver System with I2C Compatible Brightness Control
logo
Texas Instruments
LM27964 TI1-LM27964 Datasheet
1Mb / 22P
[Old version datasheet]   LM27964 White LED Driver System with I2C Compatible Brightness Control
logo
National Semiconductor ...
LM27965 NSC-LM27965 Datasheet
728Kb / 13P
   Dual Display White LED Driver with I2C Compatible Brightness Control
LM27965 NSC-LM27965_07 Datasheet
354Kb / 14P
   Dual Display White LED Driver with I2C Compatible Brightness Control
logo
Texas Instruments
LM27965 TI1-LM27965 Datasheet
1,017Kb / 23P
[Old version datasheet]   LM27965 Dual Display White LED Driver with I2C Compatible Brightness Control
logo
Rohm
BD60A00NUX ROHM-BD60A00NUX_13 Datasheet
956Kb / 26P
   White LED Driver With PWM Brightness Control
logo
National Semiconductor ...
LM27966 NSC-LM27966 Datasheet
674Kb / 13P
   White LED Driver with I2C Compatible Interface
logo
Texas Instruments
LM27966 TI1-LM27966 Datasheet
927Kb / 20P
[Old version datasheet]   LM27966 White LED Driver with I2C Compatible Interface
logo
National Semiconductor ...
LM3553 NSC-LM3553 Datasheet
394Kb / 18P
   1.2A Dual Flash LED Driver System with I2C Compatible
logo
Kinetic Technologies.
KTD2026 KINETIC-KTD2026 Datasheet
749Kb / 21P
   Constant Current RGB/White LED Driver with I2C Control
April 2020 - Revision 04h
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com