전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM29DL161DT120PCI 데이터시트(PDF) 10 Page - Advanced Micro Devices

부품명 AM29DL161DT120PCI
상세설명  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL161DT120PCI 데이터시트(HTML) 10 Page - Advanced Micro Devices

Back Button AM29DL161DT120PCI Datasheet HTML 6Page - Advanced Micro Devices AM29DL161DT120PCI Datasheet HTML 7Page - Advanced Micro Devices AM29DL161DT120PCI Datasheet HTML 8Page - Advanced Micro Devices AM29DL161DT120PCI Datasheet HTML 9Page - Advanced Micro Devices AM29DL161DT120PCI Datasheet HTML 10Page - Advanced Micro Devices AM29DL161DT120PCI Datasheet HTML 11Page - Advanced Micro Devices AM29DL161DT120PCI Datasheet HTML 12Page - Advanced Micro Devices AM29DL161DT120PCI Datasheet HTML 13Page - Advanced Micro Devices AM29DL161DT120PCI Datasheet HTML 14Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 57 page
background image
10
Am29DL16xD
May 26, 2004
PIN DESCRIPTION
A0–A19
= 20 Addresses
DQ0–DQ14 = 15 Data Inputs/Outputs
DQ15/A-1
= DQ15 (Data Input/Output, word
mode), A-1 (LSB Address Input, byte
mode)
CE#
= Chip Enable
OE#
= Output Enable
WE#
= Write Enable
WP#/ACC
= Hardware Write Protect/
Acceleration Pin
RESET#
= Hardware Reset Pin, Active Low
BYTE#
= Selects 8-bit or 16-bit mode
RY/BY#
= Ready/Busy Output
V
CC
= 3.0 volt-only single power supply
(see Product Selector Guide for speed
options and voltage supply tolerances)
V
SS
= Device Ground
NC
= Pin Not Connected Internally
LOGIC SYMBOL
20
16 or 8
DQ0–DQ15
(A-1)
A0–A19
CE#
OE#
WE#
RESET#
BYTE#
RY/BY#
WP#/ACC


유사한 부품 번호 - AM29DL161DT120PCI

제조업체부품명데이터시트상세설명
logo
Advanced Micro Devices
AM29DL163D AMD-AM29DL163D Datasheet
830Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM29DL164D AMD-AM29DL164D Datasheet
830Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM29DL16XC AMD-AM29DL16XC Datasheet
688Kb / 51P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL16XCB70EC AMD-AM29DL16XCB70EC Datasheet
688Kb / 51P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL16XCB70ECB AMD-AM29DL16XCB70ECB Datasheet
688Kb / 51P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
More results

유사한 설명 - AM29DL161DT120PCI

제조업체부품명데이터시트상세설명
logo
Advanced Micro Devices
AM29DL16XD AMD-AM29DL16XD_06 Datasheet
1Mb / 57P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL16XC AMD-AM29DL16XC Datasheet
688Kb / 51P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL322C AMD-AM29DL322C Datasheet
691Kb / 52P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL322D AMD-AM29DL322D Datasheet
1Mb / 54P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
logo
SPANSION
AM29DL32XG SPANSION-AM29DL32XG_06 Datasheet
1Mb / 58P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
logo
Advanced Micro Devices
AM29DL320G AMD-AM29DL320G Datasheet
1Mb / 58P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL32XG AMD-AM29DL32XG Datasheet
1,019Kb / 58P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL322D AMD-AM29DL322D_05 Datasheet
1Mb / 56P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
logo
SPANSION
AM49DL640BH SPANSION-AM49DL640BH Datasheet
1Mb / 63P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
logo
Advanced Micro Devices
AM29DL800B AMD-AM29DL800B Datasheet
580Kb / 43P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com