전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Z8F3221VN020SC 데이터시트(PDF) 96 Page - Zilog, Inc.

부품명 Z8F3221VN020SC
상세설명  High Performance 8-Bit Microcontrollers Z8 Encore-R 64K Series
Download  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ZILOG [Zilog, Inc.]
홈페이지  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F3221VN020SC 데이터시트(HTML) 96 Page - Zilog, Inc.

Back Button Z8F3221VN020SC Datasheet HTML 92Page - Zilog, Inc. Z8F3221VN020SC Datasheet HTML 93Page - Zilog, Inc. Z8F3221VN020SC Datasheet HTML 94Page - Zilog, Inc. Z8F3221VN020SC Datasheet HTML 95Page - Zilog, Inc. Z8F3221VN020SC Datasheet HTML 96Page - Zilog, Inc. Z8F3221VN020SC Datasheet HTML 97Page - Zilog, Inc. Z8F3221VN020SC Datasheet HTML 98Page - Zilog, Inc. Z8F3221VN020SC Datasheet HTML 99Page - Zilog, Inc. Z8F3221VN020SC Datasheet HTML 100Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 299 page
background image
PS019915-1005
Timers
Z8 Encore!® 64K Series
Product Specification
76
Figure 12. Timer Block Diagram
Operation
The timers are 16-bit up-counters. Minimum time-out delay is set by loading the value
0001H
into the Timer Reload High and Low Byte registers and setting the prescale value
to 1. Maximum time-out delay is set by loading the value 0000H into the Timer Reload
High and Low Byte registers and setting the prescale value to 128. If the Timer reaches
FFFFH
, the timer rolls over to 0000H and continues counting.
Timer Operating Modes
The timers can be configured to operate in the following modes:
ONE-SHOT Mode
In ONE-SHOT mode, the timer counts up to the 16-bit Reload value stored in the Timer
Reload High and Low Byte registers. The timer input is the system clock. Upon reaching
the Reload value, the timer generates an interrupt and the count value in the Timer High
and Low Byte registers is reset to 0001H. Then, the timer is automatically disabled and
stops counting.
Also, if the Timer Output alternate function is enabled, the Timer Output pin changes state
for one system clock cycle (from Low to High or from High to Low) upon timer Reload. If
it is desired to have the Timer Output make a permanent state change upon One-Shot time-
16-Bit
PWM / Compare
16-Bit Counter
with Prescaler
16-Bit
Reload Register
Timer
Control
Interrupt,
PWM,
and
Timer Output
Control
Timer
Timer
Timer Block
System
Timer
Data
Block
Interrupt
Output
Control
Bus
Clock
Input
Gate
Input
Capture
Input


유사한 부품 번호 - Z8F3221VN020SC

제조업체부품명데이터시트상세설명
logo
Zilog, Inc.
Z8F32 ZILOG-Z8F32 Datasheet
149Kb / 2P
   MCU Development Kit
Z8F3201 ZILOG-Z8F3201 Datasheet
1Mb / 246P
   Z8 Encore Microcontrollers with Flash Memory and 10-Bit A/D Converter
Z8F3201AN020EC ZILOG-Z8F3201AN020EC Datasheet
1Mb / 246P
   Z8 Encore Microcontrollers with Flash Memory and 10-Bit A/D Converter
Z8F3201AN020EC ZILOG-Z8F3201AN020EC Datasheet
119Kb / 6P
   Advanced 20MHz 32KB Flash Microcontroller
Z8F3201AN020SC ZILOG-Z8F3201AN020SC Datasheet
1Mb / 246P
   Z8 Encore Microcontrollers with Flash Memory and 10-Bit A/D Converter
More results

유사한 설명 - Z8F3221VN020SC

제조업체부품명데이터시트상세설명
logo
Zilog, Inc.
Z8F041APB020SC ZILOG-Z8F041APB020SC Datasheet
3Mb / 276P
   Z8 Encore XP-R 4K Series High-Performance 8-Bit Microcontrollers
Z8FMC16MCU ZILOG-Z8FMC16MCU Datasheet
337Kb / 14P
   Z8 Encore-R Motor Control Series
Z8FMC16100 ZILOG-Z8FMC16100 Datasheet
4Mb / 402P
   Z8 Encore-R Motor Control Flash MCUs
Z86L04 ZILOG-Z86L04 Datasheet
165Kb / 26P
   Z8 8-Bit Cost-Effective Microcontrollers
Z8F082ASH020SC ZILOG-Z8F082ASH020SC Datasheet
2Mb / 244P
   Z8 Encore XP-R F08xA Series with eXtended Peripherals
Z8F0821HH020SC ZILOG-Z8F0821HH020SC Datasheet
227Kb / 12P
   High Performance 8-Bit Microcontrollers
logo
ATMEL Corporation
TS80C51RA2 ATMEL-TS80C51RA2 Datasheet
903Kb / 74P
   High Performance 8-bit Microcontrollers
logo
Zilog, Inc.
Z8F0423SB005SG ZILOG-Z8F0423SB005SG Datasheet
14Mb / 245P
   High-Performance 8-Bit Microcontrollers
Z8F1680AN020SG ZILOG-Z8F1680AN020SG Datasheet
2Mb / 412P
   High-Performance 8-Bit Microcontrollers
Z8F0113HJ005EG ZILOG-Z8F0113HJ005EG Datasheet
14Mb / 245P
   High-Performance 8-Bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com