전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Z8F3222VS020SC 데이터시트(PDF) 97 Page - Zilog, Inc.

부품명 Z8F3222VS020SC
상세설명  High Performance 8-Bit Microcontrollers Z8 Encore-R 64K Series
Download  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ZILOG [Zilog, Inc.]
홈페이지  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F3222VS020SC 데이터시트(HTML) 97 Page - Zilog, Inc.

Back Button Z8F3222VS020SC Datasheet HTML 93Page - Zilog, Inc. Z8F3222VS020SC Datasheet HTML 94Page - Zilog, Inc. Z8F3222VS020SC Datasheet HTML 95Page - Zilog, Inc. Z8F3222VS020SC Datasheet HTML 96Page - Zilog, Inc. Z8F3222VS020SC Datasheet HTML 97Page - Zilog, Inc. Z8F3222VS020SC Datasheet HTML 98Page - Zilog, Inc. Z8F3222VS020SC Datasheet HTML 99Page - Zilog, Inc. Z8F3222VS020SC Datasheet HTML 100Page - Zilog, Inc. Z8F3222VS020SC Datasheet HTML 101Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 299 page
background image
PS019915-1005
Timers
Z8 Encore!® 64K Series
Product Specification
77
out, first set the TPOL bit in the Timer Control 1 Register to the start value before begin-
ning ONE-SHOT mode. Then, after starting the timer, set TPOL to the opposite bit value.
The steps for configuring a timer for ONE-SHOT mode and initiating the count are as fol-
lows:
1. Write to the Timer Control 1 register to:
Disable the timer
Configure the timer for ONE-SHOT mode
Set the prescale value
If using the Timer Output alternate function, set the initial output level (High or
Low)
2. Write to the Timer High and Low Byte registers to set the starting count value
3. Write to the Timer Reload High and Low Byte registers to set the Reload value
4. If desired, enable the timer interrupt and set the timer interrupt priority by writing to
the relevant interrupt registers
5. If using the Timer Output function, configure the associated GPIO port pin for the
Timer Output alternate function
6. Write to the Timer Control 1 register to enable the timer and initiate counting
In ONE-SHOT mode, the system clock always provides the timer input. The timer period
is given by the following equation:
CONTINUOUS Mode
In CONTINUOUS mode, the timer counts up to the 16-bit Reload value stored in the
Timer Reload High and Low Byte registers. The timer input is the system clock. Upon
reaching the Reload value, the timer generates an interrupt, the count value in the Timer
High and Low Byte registers is reset to 0001H and counting resumes. Also, if the Timer
Output alternate function is enabled, the Timer Output pin changes state (from Low to
High or from High to Low) upon timer Reload.
The steps for configuring a timer for CONTINUOUS mode and initiating the count are as
follows:
1. Write to the Timer Control 1 register to:
Disable the timer
Configure the timer for CONTINUOUS mode
Set the prescale value
One-Shot Mode Time-Out Period (s)
Reload Value
Start Value
() Prescale
×
System Clock Frequency (Hz)
--------------------------------------------------------------------------------------------------------
=


유사한 부품 번호 - Z8F3222VS020SC

제조업체부품명데이터시트상세설명
logo
Zilog, Inc.
Z8F32 ZILOG-Z8F32 Datasheet
149Kb / 2P
   MCU Development Kit
Z8F3201 ZILOG-Z8F3201 Datasheet
1Mb / 246P
   Z8 Encore Microcontrollers with Flash Memory and 10-Bit A/D Converter
Z8F3201AN020EC ZILOG-Z8F3201AN020EC Datasheet
1Mb / 246P
   Z8 Encore Microcontrollers with Flash Memory and 10-Bit A/D Converter
Z8F3201AN020EC ZILOG-Z8F3201AN020EC Datasheet
119Kb / 6P
   Advanced 20MHz 32KB Flash Microcontroller
Z8F3201AN020SC ZILOG-Z8F3201AN020SC Datasheet
1Mb / 246P
   Z8 Encore Microcontrollers with Flash Memory and 10-Bit A/D Converter
More results

유사한 설명 - Z8F3222VS020SC

제조업체부품명데이터시트상세설명
logo
Zilog, Inc.
Z8F041APB020SC ZILOG-Z8F041APB020SC Datasheet
3Mb / 276P
   Z8 Encore XP-R 4K Series High-Performance 8-Bit Microcontrollers
Z8FMC16MCU ZILOG-Z8FMC16MCU Datasheet
337Kb / 14P
   Z8 Encore-R Motor Control Series
Z8FMC16100 ZILOG-Z8FMC16100 Datasheet
4Mb / 402P
   Z8 Encore-R Motor Control Flash MCUs
Z86L04 ZILOG-Z86L04 Datasheet
165Kb / 26P
   Z8 8-Bit Cost-Effective Microcontrollers
Z8F082ASH020SC ZILOG-Z8F082ASH020SC Datasheet
2Mb / 244P
   Z8 Encore XP-R F08xA Series with eXtended Peripherals
Z8F0821HH020SC ZILOG-Z8F0821HH020SC Datasheet
227Kb / 12P
   High Performance 8-Bit Microcontrollers
logo
ATMEL Corporation
TS80C51RA2 ATMEL-TS80C51RA2 Datasheet
903Kb / 74P
   High Performance 8-bit Microcontrollers
logo
Zilog, Inc.
Z8F0423SB005SG ZILOG-Z8F0423SB005SG Datasheet
14Mb / 245P
   High-Performance 8-Bit Microcontrollers
Z8F1680AN020SG ZILOG-Z8F1680AN020SG Datasheet
2Mb / 412P
   High-Performance 8-Bit Microcontrollers
Z8F0113HJ005EG ZILOG-Z8F0113HJ005EG Datasheet
14Mb / 245P
   High-Performance 8-Bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com