전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Z8F3222VS020SC 데이터시트(PDF) 58 Page - Zilog, Inc.

부품명 Z8F3222VS020SC
상세설명  High Performance 8-Bit Microcontrollers Z8 Encore-R 64K Series
Download  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ZILOG [Zilog, Inc.]
홈페이지  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F3222VS020SC 데이터시트(HTML) 58 Page - Zilog, Inc.

Back Button Z8F3222VS020SC Datasheet HTML 54Page - Zilog, Inc. Z8F3222VS020SC Datasheet HTML 55Page - Zilog, Inc. Z8F3222VS020SC Datasheet HTML 56Page - Zilog, Inc. Z8F3222VS020SC Datasheet HTML 57Page - Zilog, Inc. Z8F3222VS020SC Datasheet HTML 58Page - Zilog, Inc. Z8F3222VS020SC Datasheet HTML 59Page - Zilog, Inc. Z8F3222VS020SC Datasheet HTML 60Page - Zilog, Inc. Z8F3222VS020SC Datasheet HTML 61Page - Zilog, Inc. Z8F3222VS020SC Datasheet HTML 62Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 299 page
background image
PS019915-1005
Control Register Summary
Z8 Encore!® 64K Series
Z8 Encore!
38
Interrupt Request 2
IRQ2 (FC6H - Read/Write)
D7 D6 D5 D4 D3 D2 D1 D0
Port C Pin Interrupt Request
0 = IRQ from corresponding pin [3:0]
is not pending
1 = IRQ from corresponding pin [3:0]
is awaiting service
DMA Interrupt Request
UART 1 Transmitter Interrupt Request
UART 1 Receiver Interrupt Request
Timer 3 Interrupt Request
For all of the above peripherals:
0 = Peripheral IRQ is not pending
1 = Peripheral IRQ is awaiting service
IRQ2 Enable High Bit
IRQ2ENH (FC7H - Read/Write)
D7 D6 D5 D4 D3 D2 D1 D0
Port C Pin IRQ Enable High Bit
DMA IRQ Enable High Bit
UART 1 Transmitter IRQ Enable High
UART 1 Receiver IRQ Enable High Bit
Timer 3 IRQ Enable High Bit
IRQ2 Enable Low Bit
IRQ2ENL (FC8H - Read/Write)
D7 D6 D5 D4 D3 D2 D1 D0
Port C Pin IRQ Enable Low Bit
DMA IRQ Enable Low Bit
UART 1 Transmitter IRQ Enable Low
UART 1 Receiver IRQ Enable Low Bit
Timer 3 IRQ Enable Low Bit
Interrupt Edge Select
IRQES (FCDH - Read/Write)
D7 D6 D5 D4 D3 D2 D1 D0
Port A or D Interrupt Edge Select [7:0]
0 = Falling edge
1 = Rising edge
Interrupt Port Select
IRQPS (FCEH - Read/Write)
D7 D6 D5 D4 D3 D2 D1 D0
Port A or D Port Pin Select [7:0]
0 = Port A pin is the interrupt source
1 = Port D pin is the interrupt source
Interrupt Control
IRQCTL (FCFH - Read/Write)
D7 D6 D5 D4 D3 D2 D1 D0
Reserved
Interrupt Request Enable
0 = Interrupts are disabled
1 = Interrupts are enabled
Port A Address
PAADDR (FD0H - Read/Write)
D7 D6 D5 D4 D3 D2 D1 D0
Port A Address[7:0]
Selects Port Sub-Registers:
00H = No function
01H = Data direction
02H = Alternate function
03H = Output control (open-drain)
04H = High drive enable
05H = STOP mode recovery enable
06H-FFH = No function
Port A Control
PACTL (FD1H - Read/Write)
D7 D6 D5 D4 D3 D2 D1 D0
Port A Control[7:0]
Provides Access to Port Sub-Registers
Port A Input Data
PAIN (FD2H - Read Only)
D7 D6 D5 D4 D3 D2 D1 D0
Port A Input Data [7:0]
Port A Output Data
PAOUT (FD3H - Read/Write)
D7 D6 D5 D4 D3 D2 D1 D0
Port A Output Data [7:0]


유사한 부품 번호 - Z8F3222VS020SC

제조업체부품명데이터시트상세설명
logo
Zilog, Inc.
Z8F32 ZILOG-Z8F32 Datasheet
149Kb / 2P
   MCU Development Kit
Z8F3201 ZILOG-Z8F3201 Datasheet
1Mb / 246P
   Z8 Encore Microcontrollers with Flash Memory and 10-Bit A/D Converter
Z8F3201AN020EC ZILOG-Z8F3201AN020EC Datasheet
1Mb / 246P
   Z8 Encore Microcontrollers with Flash Memory and 10-Bit A/D Converter
Z8F3201AN020EC ZILOG-Z8F3201AN020EC Datasheet
119Kb / 6P
   Advanced 20MHz 32KB Flash Microcontroller
Z8F3201AN020SC ZILOG-Z8F3201AN020SC Datasheet
1Mb / 246P
   Z8 Encore Microcontrollers with Flash Memory and 10-Bit A/D Converter
More results

유사한 설명 - Z8F3222VS020SC

제조업체부품명데이터시트상세설명
logo
Zilog, Inc.
Z8F041APB020SC ZILOG-Z8F041APB020SC Datasheet
3Mb / 276P
   Z8 Encore XP-R 4K Series High-Performance 8-Bit Microcontrollers
Z8FMC16MCU ZILOG-Z8FMC16MCU Datasheet
337Kb / 14P
   Z8 Encore-R Motor Control Series
Z8FMC16100 ZILOG-Z8FMC16100 Datasheet
4Mb / 402P
   Z8 Encore-R Motor Control Flash MCUs
Z86L04 ZILOG-Z86L04 Datasheet
165Kb / 26P
   Z8 8-Bit Cost-Effective Microcontrollers
Z8F082ASH020SC ZILOG-Z8F082ASH020SC Datasheet
2Mb / 244P
   Z8 Encore XP-R F08xA Series with eXtended Peripherals
Z8F0821HH020SC ZILOG-Z8F0821HH020SC Datasheet
227Kb / 12P
   High Performance 8-Bit Microcontrollers
logo
ATMEL Corporation
TS80C51RA2 ATMEL-TS80C51RA2 Datasheet
903Kb / 74P
   High Performance 8-bit Microcontrollers
logo
Zilog, Inc.
Z8F0423SB005SG ZILOG-Z8F0423SB005SG Datasheet
14Mb / 245P
   High-Performance 8-Bit Microcontrollers
Z8F1680AN020SG ZILOG-Z8F1680AN020SG Datasheet
2Mb / 412P
   High-Performance 8-Bit Microcontrollers
Z8F0113HJ005EG ZILOG-Z8F0113HJ005EG Datasheet
14Mb / 245P
   High-Performance 8-Bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com