전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Z8F3221PM020EC 데이터시트(PDF) 92 Page - Zilog, Inc.

부품명 Z8F3221PM020EC
상세설명  High Performance 8-Bit Microcontrollers Z8 Encore-R 64K Series
Download  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ZILOG [Zilog, Inc.]
홈페이지  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F3221PM020EC 데이터시트(HTML) 92 Page - Zilog, Inc.

Back Button Z8F3221PM020EC Datasheet HTML 88Page - Zilog, Inc. Z8F3221PM020EC Datasheet HTML 89Page - Zilog, Inc. Z8F3221PM020EC Datasheet HTML 90Page - Zilog, Inc. Z8F3221PM020EC Datasheet HTML 91Page - Zilog, Inc. Z8F3221PM020EC Datasheet HTML 92Page - Zilog, Inc. Z8F3221PM020EC Datasheet HTML 93Page - Zilog, Inc. Z8F3221PM020EC Datasheet HTML 94Page - Zilog, Inc. Z8F3221PM020EC Datasheet HTML 95Page - Zilog, Inc. Z8F3221PM020EC Datasheet HTML 96Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 299 page
background image
PS019915-1005
Interrupt Controller
Z8 Encore!® 64K Series
Product Specification
72
T3ENH—Timer 3 Interrupt Request Enable High Bit
U1RENH—UART 1 Receive Interrupt Request Enable High Bit
U1TENH—UART 1 Transmit Interrupt Request Enable High Bit
DMAENH—DMA Interrupt Request Enable High Bit
C3ENH—Port C3 Interrupt Request Enable High Bit
C2ENH—Port C2 Interrupt Request Enable High Bit
C1ENH—Port C1 Interrupt Request Enable High Bit
C0ENH—Port C0 Interrupt Request Enable High Bit
T3ENL—Timer 3 Interrupt Request Enable Low Bit
U1RENL—UART 1 Receive Interrupt Request Enable Low Bit
U1TENL—UART 1 Transmit Interrupt Request Enable Low Bit
DMAENL—DMA Interrupt Request Enable Low Bit
C3ENL—Port C3 Interrupt Request Enable Low Bit
C2ENL—Port C2 Interrupt Request Enable Low Bit
C1ENL—Port C1 Interrupt Request Enable Low Bit
C0ENL—Port C0 Interrupt Request Enable Low Bit
Interrupt Edge Select Register
The Interrupt Edge Select (IRQES) register (Table 36) determines whether an interrupt is
generated for the rising edge or falling edge on the selected GPIO Port input pin. The
Table 34. IRQ2 Enable High Bit Register (IRQ2ENH)
BITS
7
6
5
4
3
2
1
0
FIELD
T3ENH
U1RENH
U1TENH
DMAENH
C3ENH
C2ENH
C1ENH
C0ENH
RESET
0
R/W
R/W
ADDR
FC7H
Table 35. IRQ2 Enable Low Bit Register (IRQ2ENL)
BITS
7
6
5
4
3
2
1
0
FIELD
T3ENL
U1RENL
U1TENL
DMAENL
C3ENL
C2ENL
C1ENL
C0ENL
RESET
0
R/W
R/W
ADDR
FC8H


유사한 부품 번호 - Z8F3221PM020EC

제조업체부품명데이터시트상세설명
logo
Zilog, Inc.
Z8F32 ZILOG-Z8F32 Datasheet
149Kb / 2P
   MCU Development Kit
Z8F3201 ZILOG-Z8F3201 Datasheet
1Mb / 246P
   Z8 Encore Microcontrollers with Flash Memory and 10-Bit A/D Converter
Z8F3201AN020EC ZILOG-Z8F3201AN020EC Datasheet
1Mb / 246P
   Z8 Encore Microcontrollers with Flash Memory and 10-Bit A/D Converter
Z8F3201AN020EC ZILOG-Z8F3201AN020EC Datasheet
119Kb / 6P
   Advanced 20MHz 32KB Flash Microcontroller
Z8F3201AN020SC ZILOG-Z8F3201AN020SC Datasheet
1Mb / 246P
   Z8 Encore Microcontrollers with Flash Memory and 10-Bit A/D Converter
More results

유사한 설명 - Z8F3221PM020EC

제조업체부품명데이터시트상세설명
logo
Zilog, Inc.
Z8F041APB020SC ZILOG-Z8F041APB020SC Datasheet
3Mb / 276P
   Z8 Encore XP-R 4K Series High-Performance 8-Bit Microcontrollers
Z8FMC16MCU ZILOG-Z8FMC16MCU Datasheet
337Kb / 14P
   Z8 Encore-R Motor Control Series
Z8FMC16100 ZILOG-Z8FMC16100 Datasheet
4Mb / 402P
   Z8 Encore-R Motor Control Flash MCUs
Z86L04 ZILOG-Z86L04 Datasheet
165Kb / 26P
   Z8 8-Bit Cost-Effective Microcontrollers
Z8F082ASH020SC ZILOG-Z8F082ASH020SC Datasheet
2Mb / 244P
   Z8 Encore XP-R F08xA Series with eXtended Peripherals
Z8F0821HH020SC ZILOG-Z8F0821HH020SC Datasheet
227Kb / 12P
   High Performance 8-Bit Microcontrollers
logo
ATMEL Corporation
TS80C51RA2 ATMEL-TS80C51RA2 Datasheet
903Kb / 74P
   High Performance 8-bit Microcontrollers
logo
Zilog, Inc.
Z8F0423SB005SG ZILOG-Z8F0423SB005SG Datasheet
14Mb / 245P
   High-Performance 8-Bit Microcontrollers
Z8F1680AN020SG ZILOG-Z8F1680AN020SG Datasheet
2Mb / 412P
   High-Performance 8-Bit Microcontrollers
Z8F0113HJ005EG ZILOG-Z8F0113HJ005EG Datasheet
14Mb / 245P
   High-Performance 8-Bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com