전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Z8F3221VN020EC 데이터시트(PDF) 80 Page - Zilog, Inc.

부품명 Z8F3221VN020EC
상세설명  High Performance 8-Bit Microcontrollers Z8 Encore-R 64K Series
Download  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ZILOG [Zilog, Inc.]
홈페이지  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F3221VN020EC 데이터시트(HTML) 80 Page - Zilog, Inc.

Back Button Z8F3221VN020EC Datasheet HTML 76Page - Zilog, Inc. Z8F3221VN020EC Datasheet HTML 77Page - Zilog, Inc. Z8F3221VN020EC Datasheet HTML 78Page - Zilog, Inc. Z8F3221VN020EC Datasheet HTML 79Page - Zilog, Inc. Z8F3221VN020EC Datasheet HTML 80Page - Zilog, Inc. Z8F3221VN020EC Datasheet HTML 81Page - Zilog, Inc. Z8F3221VN020EC Datasheet HTML 82Page - Zilog, Inc. Z8F3221VN020EC Datasheet HTML 83Page - Zilog, Inc. Z8F3221VN020EC Datasheet HTML 84Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 299 page
background image
PS019915-1005
General-Purpose I/O
Z8 Encore!® 64K Series
Product Specification
60
PSMRE[7:0]—Port STOP Mode Recovery Source Enabled
0 = The Port pin is not configured as a STOP Mode Recovery source. Transitions on this
pin during STOP mode do not initiate STOP Mode Recovery.
1 = The Port pin is configured as a STOP Mode Recovery source. Any logic transition on
this pin during STOP mode initiates STOP Mode Recovery.
Port A-H Input Data Registers
Reading from the Port A–H Input Data registers (Table 21) returns the sampled values
from the corresponding port pins. The Port A–H Input Data registers are Read-only.
PIN[7:0]—Port Input Data
Sampled data from the corresponding port pin input.
0 = Input data is logical 0 (Low).
1 = Input data is logical 1 (High).
Table 20. Port A-H STOP Mode Recovery Source Enable Sub-Registers
BITS
7
6
5
4
3
2
1
0
FIELD
PSMRE7
PSMRE6
PSMRE5
PSMRE4
PSMRE3
PSMRE2
PSMRE1
PSMRE0
RESET
0
R/W
R/W
ADDR
If 05H in Port A
H Address Register, accessible through Port A-H Control Register
Table 21. Port A
H Input Data Registers (PxIN)
BITS
7
6
5
4
3
2
1
0
FIELD
PIN7
PIN6
PIN5
PIN4
PIN3
PIN2
PIN1
PIN0
RESET
X
R/W
R
ADDR
FD2H, FD6H, FDAH, FDEH, FE2H, FE6H, FEAH, FEEH


유사한 부품 번호 - Z8F3221VN020EC

제조업체부품명데이터시트상세설명
logo
Zilog, Inc.
Z8F32 ZILOG-Z8F32 Datasheet
149Kb / 2P
   MCU Development Kit
Z8F3201 ZILOG-Z8F3201 Datasheet
1Mb / 246P
   Z8 Encore Microcontrollers with Flash Memory and 10-Bit A/D Converter
Z8F3201AN020EC ZILOG-Z8F3201AN020EC Datasheet
1Mb / 246P
   Z8 Encore Microcontrollers with Flash Memory and 10-Bit A/D Converter
Z8F3201AN020EC ZILOG-Z8F3201AN020EC Datasheet
119Kb / 6P
   Advanced 20MHz 32KB Flash Microcontroller
Z8F3201AN020SC ZILOG-Z8F3201AN020SC Datasheet
1Mb / 246P
   Z8 Encore Microcontrollers with Flash Memory and 10-Bit A/D Converter
More results

유사한 설명 - Z8F3221VN020EC

제조업체부품명데이터시트상세설명
logo
Zilog, Inc.
Z8F041APB020SC ZILOG-Z8F041APB020SC Datasheet
3Mb / 276P
   Z8 Encore XP-R 4K Series High-Performance 8-Bit Microcontrollers
Z8FMC16MCU ZILOG-Z8FMC16MCU Datasheet
337Kb / 14P
   Z8 Encore-R Motor Control Series
Z8FMC16100 ZILOG-Z8FMC16100 Datasheet
4Mb / 402P
   Z8 Encore-R Motor Control Flash MCUs
Z86L04 ZILOG-Z86L04 Datasheet
165Kb / 26P
   Z8 8-Bit Cost-Effective Microcontrollers
Z8F082ASH020SC ZILOG-Z8F082ASH020SC Datasheet
2Mb / 244P
   Z8 Encore XP-R F08xA Series with eXtended Peripherals
Z8F0821HH020SC ZILOG-Z8F0821HH020SC Datasheet
227Kb / 12P
   High Performance 8-Bit Microcontrollers
logo
ATMEL Corporation
TS80C51RA2 ATMEL-TS80C51RA2 Datasheet
903Kb / 74P
   High Performance 8-bit Microcontrollers
logo
Zilog, Inc.
Z8F0423SB005SG ZILOG-Z8F0423SB005SG Datasheet
14Mb / 245P
   High-Performance 8-Bit Microcontrollers
Z8F1680AN020SG ZILOG-Z8F1680AN020SG Datasheet
2Mb / 412P
   High-Performance 8-Bit Microcontrollers
Z8F0113HJ005EG ZILOG-Z8F0113HJ005EG Datasheet
14Mb / 245P
   High-Performance 8-Bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com