전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Z8F3221VN020EC 데이터시트(PDF) 81 Page - Zilog, Inc.

부품명 Z8F3221VN020EC
상세설명  High Performance 8-Bit Microcontrollers Z8 Encore-R 64K Series
Download  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ZILOG [Zilog, Inc.]
홈페이지  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F3221VN020EC 데이터시트(HTML) 81 Page - Zilog, Inc.

Back Button Z8F3221VN020EC Datasheet HTML 77Page - Zilog, Inc. Z8F3221VN020EC Datasheet HTML 78Page - Zilog, Inc. Z8F3221VN020EC Datasheet HTML 79Page - Zilog, Inc. Z8F3221VN020EC Datasheet HTML 80Page - Zilog, Inc. Z8F3221VN020EC Datasheet HTML 81Page - Zilog, Inc. Z8F3221VN020EC Datasheet HTML 82Page - Zilog, Inc. Z8F3221VN020EC Datasheet HTML 83Page - Zilog, Inc. Z8F3221VN020EC Datasheet HTML 84Page - Zilog, Inc. Z8F3221VN020EC Datasheet HTML 85Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 299 page
background image
PS019915-1005
General-Purpose I/O
Z8 Encore!® 64K Series
Product Specification
61
Port A–H Output Data Register
The Port A–H Output Data register (Table 22) writes output data to the pins.
POUT[7:0]—Port Output Data
These bits contain the data to be driven out from the port pins. The values are only driven
if the corresponding pin is configured as an output and the pin is not configured for alter-
nate function operation.
0 = Drive a logical 0 (Low).
1= Drive a logical 1 (High). High value is not driven if the drain has been disabled by set-
ting the corresponding Port Output Control register bit to 1.
Table 22. Port A-H Output Data Register (PxOUT)
BITS
7
6
5
4
3
2
1
0
FIELD
POUT7
POUT6
POUT5
POUT4
POUT3
POUT2
POUT1
POUT0
RESET
0
R/W
R/W
ADDR
FD3H, FD7H, FDBH, FDFH, FE3H, FE7H, FEBH, FEFH


유사한 부품 번호 - Z8F3221VN020EC

제조업체부품명데이터시트상세설명
logo
Zilog, Inc.
Z8F32 ZILOG-Z8F32 Datasheet
149Kb / 2P
   MCU Development Kit
Z8F3201 ZILOG-Z8F3201 Datasheet
1Mb / 246P
   Z8 Encore Microcontrollers with Flash Memory and 10-Bit A/D Converter
Z8F3201AN020EC ZILOG-Z8F3201AN020EC Datasheet
1Mb / 246P
   Z8 Encore Microcontrollers with Flash Memory and 10-Bit A/D Converter
Z8F3201AN020EC ZILOG-Z8F3201AN020EC Datasheet
119Kb / 6P
   Advanced 20MHz 32KB Flash Microcontroller
Z8F3201AN020SC ZILOG-Z8F3201AN020SC Datasheet
1Mb / 246P
   Z8 Encore Microcontrollers with Flash Memory and 10-Bit A/D Converter
More results

유사한 설명 - Z8F3221VN020EC

제조업체부품명데이터시트상세설명
logo
Zilog, Inc.
Z8F041APB020SC ZILOG-Z8F041APB020SC Datasheet
3Mb / 276P
   Z8 Encore XP-R 4K Series High-Performance 8-Bit Microcontrollers
Z8FMC16MCU ZILOG-Z8FMC16MCU Datasheet
337Kb / 14P
   Z8 Encore-R Motor Control Series
Z8FMC16100 ZILOG-Z8FMC16100 Datasheet
4Mb / 402P
   Z8 Encore-R Motor Control Flash MCUs
Z86L04 ZILOG-Z86L04 Datasheet
165Kb / 26P
   Z8 8-Bit Cost-Effective Microcontrollers
Z8F082ASH020SC ZILOG-Z8F082ASH020SC Datasheet
2Mb / 244P
   Z8 Encore XP-R F08xA Series with eXtended Peripherals
Z8F0821HH020SC ZILOG-Z8F0821HH020SC Datasheet
227Kb / 12P
   High Performance 8-Bit Microcontrollers
logo
ATMEL Corporation
TS80C51RA2 ATMEL-TS80C51RA2 Datasheet
903Kb / 74P
   High Performance 8-bit Microcontrollers
logo
Zilog, Inc.
Z8F0423SB005SG ZILOG-Z8F0423SB005SG Datasheet
14Mb / 245P
   High-Performance 8-Bit Microcontrollers
Z8F1680AN020SG ZILOG-Z8F1680AN020SG Datasheet
2Mb / 412P
   High-Performance 8-Bit Microcontrollers
Z8F0113HJ005EG ZILOG-Z8F0113HJ005EG Datasheet
14Mb / 245P
   High-Performance 8-Bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com