전자부품 데이터시트 검색엔진 |
|
Z8F3221VN020EC 데이터시트(PDF) 46 Page - Zilog, Inc. |
|
Z8F3221VN020EC 데이터시트(HTML) 46 Page - Zilog, Inc. |
46 / 299 page PS019915-1005 Control Register Summary Z8 Encore!® 64K Series Z8 Encore! 26 Control Register Summary Timer 0 High Byte T0H (F00H - Read/Write) D7 D6 D5 D4 D3 D2 D1 D0 Timer 0 current count value [15:8] Timer 0 Low Byte T0L (F01H - Read/Write) D7 D6 D5 D4 D3 D2 D1 D0 Timer 0 current count value [7:0] Timer 0 Reload High Byte T0RH (F02H - Read/Write) D7 D6 D5 D4 D3 D2 D1 D0 Timer 0 reload value [15:8] Timer 0 Reload Low Byte T0RL (HF03 - Read/Write) D7 D6 D5 D4 D3 D2 D1 D0 Timer 0 reload value [7:0] Timer 0 PWM High Byte T0PWMH (F04H - Read/Write) D7 D6 D5 D4 D3 D2 D1 D0 Timer 0 PWM value [15:8] Timer 0 Control 0 T0CTL0 (F06H - Read/Write) D7 D6 D5 D4 D3 D2 D1 D0 Reserved Cascade Timer 0 = Timer 0 Input signal is GPIO pin 1 = Timer 0 Input signal is Timer 3 out Reserved Timer 0 Control 1 T0CTL1 (F07H - Read/Write) D7 D6 D5 D4 D3 D2 D1 D0 Timer Mode 000 = One-Shot mode 001 = CONTINUOUS mode 010 = COUNTER mode 011 = PWM mode 100 = CAPTURE mode 101 = COMPARE mode 110 = GATED mode 111 = Capture/COMPARE mode Prescale Value 000 = Divide by 1 001 = Divide by 2 010 = Divide by 4 011 = Divide by 8 100 = Divide by 16 101 = Divide by 32 110 = Divide by 64 111 = Divide by 128 Timer Input/Output Polarity Operation of this bit is a function of the current operating mode of the timer Timer Enable 0 = Timer is disabled 1 = Timer is enabled Timer 1 High Byte T1H (F08H - Read/Write) D7 D6 D5 D4 D3 D2 D1 D0 Timer 1 current count value [15:8] Timer 1 Low Byte T1L (F09H - Read/Write) D7 D6 D5 D4 D3 D2 D1 D0 Timer 1 current count value [7:0] Timer 1 Reload High Byte T1RH (F0AH - Read/Write) D7 D6 D5 D4 D3 D2 D1 D0 Timer 1 reload value [15:8] Timer 1 Reload Low Byte T1RL (F0BH - Read/Write) D7 D6 D5 D4 D3 D2 D1 D0 Timer 1 reload value [7:0] |
유사한 부품 번호 - Z8F3221VN020EC |
|
유사한 설명 - Z8F3221VN020EC |